Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA4689 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA4689
Description  Video processor with automatic cut-off control
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4689 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA4689 Datasheet HTML 1Page - NXP Semiconductors TDA4689 Datasheet HTML 2Page - NXP Semiconductors TDA4689 Datasheet HTML 3Page - NXP Semiconductors TDA4689 Datasheet HTML 4Page - NXP Semiconductors TDA4689 Datasheet HTML 5Page - NXP Semiconductors TDA4689 Datasheet HTML 6Page - NXP Semiconductors TDA4689 Datasheet HTML 7Page - NXP Semiconductors TDA4689 Datasheet HTML 8Page - NXP Semiconductors TDA4689 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
1997 Jul 01
2
Philips Semiconductors
Product specification
Video processor with automatic cut-off control
TDA4689
FEATURES
• Operates from an 8 V DC supply
• Black level clamping of the colour difference, luminance
and RGB input signals with coupling-capacitor for DC
level storage
• Two analog RGB inputs, selected either by fast switch
signals or via I2C-bus; brightness and contrast control of
both RGB inputs
• Saturation, contrast, brightness and white adjustment
via I2C-bus
• Same RGB output black levels for Y/CD and RGB input
signals
• Timing pulse generation from either a 2 or 3-level
sandcastle pulse for clamping, vertical synchronization
and cut-off timing pulses
• Automatic cut-off control or clamped output selectable
via I2C-bus
• Automatic cut-off control with picture tube leakage
current compensation
• Cut-off measurement pulses after end of the vertical
blanking pulse or end of an extra vertical flyback pulse
• Ultra-black or nominal black blanking selectable via
I2C-bus in clamped output mode
• Two switch-on delays to prevent discolouration before
steady-state operation
• Average beam current and peak drive limiting
• PAL/SECAM or NTSC matrix selection via I2C-bus
• Emitter-follower RGB output stages to drive the video
output stages
• I2C-bus controlled DC output e.g. for hue-adjust of
NTSC (multistandard) decoders
• Positive amplification factor of cut-off control voltage.
GENERAL DESCRIPTION
The TDA4689 is a monolithic integrated circuit with a
luminance and a colour difference interface for video
processing in TV receivers. Its primary function is to
process the luminance and colour difference signals from
a colour decoder which is equipped e.g. with the
multistandard decoder TDA4655 or TDA9160 plus delay
line TDA4661 and the Picture Signal Improvement (PSI)
IC, TDA467x, or from a feature module.
The required input signals are:
• Luminance and negative colour difference signals
• 2 or 3-level sandcastle pulse for internal timing pulse
generation
• I2C-bus data and clock signals for microcontroller
control.
Two sets of analog RGB colour signals can also be
inserted, e.g. one from a peritelevision connector and the
other from an on-screen display generator. The TDA4689
includes full I2C-bus control of all parameters and
functions with automatic cut-off control of the picture tube
cathode currents. It provides RGB output signals for the
video output stages.
The TDA4689 is a simplified, pin compatible (except for
pin 18) version of the TDA4680. The special module
address of the TDA4689 avoids conflicts with other video
processors. A similar software, as used for the TDA4687
or TDA4680 could be used; where a function is not
included in the TDA4689 the I2C-bus command is not
executed. The differences with the TDA4680 are:
• No automatic white level control; the white levels are
determined directly by the I2C-bus data
• RGB reference levels for automatic cut-off control are
not adjustable via I2C-bus
• Clamping delay is fixed
• Only contrast and brightness adjust for the RGB input
signals
• The measurement lines are triggered either by the
trailing edge of the vertical component of the sandcastle
pulse or by the trailing edge of an optional external
vertical flyback pulse (on pin 18), according to which
occurs first.
ORDERING INFORMATION
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA4689
DIP28
plastic dual in-line package; 28 leads (600 mil)
SOT117-1


Similar Part No. - TDA4689

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4680 PHILIPS-TDA4680 Datasheet
243Kb / 28P
   Video processor with automatic cut-off and white level control
1996 Oct 25
TDA4680WP PHILIPS-TDA4680WP Datasheet
243Kb / 28P
   Video processor with automatic cut-off and white level control
1996 Oct 25
TDA4681 PHILIPS-TDA4681 Datasheet
160Kb / 28P
   Video processor with automatic cut-off and white level control
1997 Mar 04
TDA4681WP PHILIPS-TDA4681WP Datasheet
160Kb / 28P
   Video processor with automatic cut-off and white level control
1997 Mar 04
TDA4685 PHILIPS-TDA4685 Datasheet
129Kb / 24P
   Video processor with automatic cut-off control
1997 Jun 20
More results

Similar Description - TDA4689

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4686 PHILIPS-TDA4686 Datasheet
145Kb / 28P
   Video processor with automatic cut-off control
1997 Jun 23
TDA4687 PHILIPS-TDA4687 Datasheet
129Kb / 24P
   Video processor with automatic cut-off control
1997 Jun 23
TDA4688 PHILIPS-TDA4688 Datasheet
130Kb / 24P
   Video processor with automatic cut-off control
1997 Jun 23
TDA4685 PHILIPS-TDA4685 Datasheet
129Kb / 24P
   Video processor with automatic cut-off control
1997 Jun 20
TDA4680 PHILIPS-TDA4680 Datasheet
243Kb / 28P
   Video processor with automatic cut-off and white level control
1996 Oct 25
TDA4681 PHILIPS-TDA4681 Datasheet
160Kb / 28P
   Video processor with automatic cut-off and white level control
1997 Mar 04
TDA4780 PHILIPS-TDA4780 Datasheet
321Kb / 44P
   RGB video processor with automatic cut-off control and gamma adjust
1997 Feb 06
TDA3505 PHILIPS-TDA3505 Datasheet
143Kb / 15P
   Video control combination circuit with automatic cut-off control
November 1987
TDA4580 PHILIPS-TDA4580 Datasheet
998Kb / 16P
   Video control combination circuit with automatic cut-off control
March 1991
TDA3508 PHILIPS-TDA3508 Datasheet
107Kb / 16P
   Video control combination circuit with automatic cut-off control
1996 Oct 25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com