Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPM2C Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # CPM2C
Description  Compact PLC Series
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CPM2C Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button CPM2C Datasheet HTML 7Page - Omron Electronics LLC CPM2C Datasheet HTML 8Page - Omron Electronics LLC CPM2C Datasheet HTML 9Page - Omron Electronics LLC CPM2C Datasheet HTML 10Page - Omron Electronics LLC CPM2C Datasheet HTML 11Page - Omron Electronics LLC CPM2C Datasheet HTML 12Page - Omron Electronics LLC CPM2C Datasheet HTML 13Page - Omron Electronics LLC CPM2C Datasheet HTML 14Page - Omron Electronics LLC CPM2C Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
59
Connection and Adapter Cables
CPM2C +
CPM2C−CIF21
Programmable terminals
Temperature controller
Multifunction displays
Counter/time relay
Device connection overview for CPM2C with CIF21
Type
SYSWAY
CompoWay/F
Temperature
tll
E5AN, E5CN, E5EN, E5GN
Yes
Yes
p
controller
E5ZN
No
Yes
E5AK, E5CK, E5EK
Yes
No
E5AK−T, E5CK−T, E5EK−T
No
No
E5AJ, E5EJ
Yes
No
E5AF
Yes
No
Timer
H8GN
No
Yes
Multifunction displays
K3GN
No
Yes
py
K3NX
Yes
Limited
K3NV
Yes
Limited
K3NR
Yes
Limited
K3NP
Yes
Limited
K3NC
Yes
Limited
K3NH
Yes
Limited
K3TS
Yes
No
Programming, Accessories and Documentation
Description
Cable length
Model code
CX–Programmer.
PLC programming software.
For WINDOWS 95/98/ME/2000/NT4.0−SP5/XP
− see page 434
WS02–CXPC1–_
Programming cable,
ih
l
t
PC
2 m
CS1W–CN226
gg
,
peripheral port <−> PC
6 m
CS1W–CN626
Programming
consoles
Programming console with cable for
peripheral port
2 m
CQM1H–PRO01–E
Programming console without cable for
installation in control cabinet door
C200H–PRO27–E
Cable for PRO27 to CPU
2 m
CS1W–CN224
Cable for PRO27 to CPU
6 m
CS1W–CN624
Compact PLC Series CPM2C
Programming


Similar Part No. - CPM2C

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CPM2CS100C OMRON-CPM2CS100C Datasheet
288Kb / 5P
   CPM2C-S10C offers high-speed local control, remote expandability in a very compact package.
More results

Similar Description - CPM2C

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DVP-SA DELTA-DVP-SA Datasheet
567Kb / 2P
   Compact, Multi-function, Multiple Instructions PLC
logo
Bourns Electronic Solut...
PFBR45 BOURNS-PFBR45 Datasheet
984Kb / 6P
   PFBR45 Series PLC Transformer
REV. 05/22
logo
Contec Co., Ltd
CPSA-PCB100 CONTEC-CPSA-PCB100 Datasheet
512Kb / 3P
   ha Series PLC-Backup
logo
XFMRS Inc.
XF0144-ST XFMRS-XF0144-ST Datasheet
76Kb / 1P
   PLC XFMR
logo
LinkCom Manufacturing C...
LTC0318-50P LINKCOM-LTC0318-50P Datasheet
68Kb / 1P
   PLC Transformer
logo
PHOENIX CONTACT
103153 PHOENIX-103153 Datasheet
181Kb / 3P
   Accessories for the PLC INTERFACE Series
logo
Schneider Electric
XBTZG9775 SCHNEIDER-XBTZG9775 Datasheet
108Kb / 2P
   RS422 cabel for Mistubishi PLC FX series, HMI Sub-D9 to PLC MiniDin6
Apr 27, 2022
logo
PHOENIX CONTACT
PLC PHOENIX-PLC Datasheet
189Kb / 3P
   Accessories for the PLC INTERFACE Series
logo
Omron Electronics LLC
P1C OMRON-P1C Datasheet
548Kb / 6P
   PLC Splitter Module
logo
Kemet Corporation
PLT-02 KEMET-PLT-02 Datasheet
826Kb / 2P
   Transformer for PLC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com