Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CME6005-DDT Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # CME6005-DDT
Description  Single and dual band receiver IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CME6005-DDT Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button CME6005-DDT Datasheet HTML 5Page - List of Unclassifed Manufacturers CME6005-DDT Datasheet HTML 6Page - List of Unclassifed Manufacturers CME6005-DDT Datasheet HTML 7Page - List of Unclassifed Manufacturers CME6005-DDT Datasheet HTML 8Page - List of Unclassifed Manufacturers CME6005-DDT Datasheet HTML 9Page - List of Unclassifed Manufacturers CME6005-DDT Datasheet HTML 10Page - List of Unclassifed Manufacturers CME6005-DDT Datasheet HTML 11Page - List of Unclassifed Manufacturers CME6005-DDT Datasheet HTML 12Page - List of Unclassifed Manufacturers CME6005-DDT Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Preliminary Data Sheet
CME6005 C-MAX
SPEC No.
CME6005
Revision
A.7
State
07.12.04
C-MAX printed
07.12.2004
Version
English
Page
9 of 16
0
5
10
15
20
25
30
35
40
45
50
55
0
5
10
(Index count 1 second)
Time frame 1 minute
Time frame
coding
when
required
minutes
hours
Calendar
day
year
day
of
the
week
month
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
S1
2
4
8
10
20
40
P1
12
4
8
10
20
P2
minutes
Start Bit
Parity Bit P1
hours
Parity Bit P2
Example: 19.35h
seconds
Figure 15.
M =
Minute marker (100ms)
R =
Second marker (200ms = transmission by reserve antenna)
A1 =
Announcement of change-over to summer-time or vice versa)
Z1 =
DST (summertime = 200ms, otherwise 100ms)
Z2 =
DST (wintertime = 200ms, otherwise 100ms)
A2 =
Announcement of leap second
S =
Startbit of time code information
P1-P3 = Parity check bits
11 Information on the German Transmitter
(Customer is responsible to verify this information)
Station:
DCF 77
Location:
Mainflingen/Germany
Frequency:
77.5 kHz
Geographical coordinates:
50° 01'N, 09° 00'E
Transmitting power:
50 kW
Time of transmission:
permanent
Modulation
The carrier amplitude is reduced to 25% at the
beginning of each second for a period of 100 ms
(binary zero) or 200 ms (binary one), except the
59
th second.
Time-Code Format (based on Information
of Deutsche Bundespost)
The time-code format consists of 1-minute time
frames. There is no modulation at the beginning of
the 59
th second to indicate the switch over to the
next 1-minute time frame. A time frame contains
BCD-coded information of minutes, hours,
calendar day, day of the week, month and year
between the 20
th second and 58th second of the
time frame, including the start bit S (200 ms) and
parity bits P1, P2 and P3. Furthermore, there are
5 additional bits R (transmission by reserve
antenna), A1 (announcement of change-over to
summer time), Z1 (during summer time 200 ms,
otherwise 100 ms), Z2 (during winter time 200 ms,
otherwise 100 ms) and A2 (announcement of leap
second) transmitted between the 15
th second and
19
th second of the time frame.


Similar Part No. - CME6005-DDT

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CME60A-24 TDK-CME60A-24 Datasheet
239Kb / 2P
   AC input power supply (AC-DC converter)
November 01, 2022
More results

Similar Description - CME6005-DDT

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS9081 MAS-MAS9081 Datasheet
190Kb / 12P
   Dual Band Receiver IC High Sensitivity
logo
Integrated Device Techn...
F6101 IDT-F6101 Datasheet
165Kb / 2P
   Ku-Band SATCOM Receiver IC
F6102 IDT-F6102 Datasheet
166Kb / 2P
   Ka-Band SATCOM Receiver IC
logo
Analog Devices
ADF7902BRUZ AD-ADF7902BRUZ Datasheet
447Kb / 12P
   ISM Band FSK Receiver IC
REV. 0
logo
Zarlink Semiconductor I...
VENUS-L ZARLINK-VENUS-L Datasheet
291Kb / 8P
   CDMA/AMPS Dual Band and RF Receiver
logo
Nippon Precision Circui...
SM8224B NPC-SM8224B Datasheet
108Kb / 11P
   Dual-Tone Receiver IC
SM8224C NPC-SM8224C Datasheet
128Kb / 11P
   Dual-Tone Receiver IC
logo
Texas Instruments
TRF1500 TI-TRF1500 Datasheet
233Kb / 17P
[Old version datasheet]   DUAL-BAND/DUAL-MODE PCS RECEIVER
ADS54T01 TI-ADS54T01 Datasheet
1Mb / 43P
[Old version datasheet]   Single 12-Bit 750Msps Receiver and Feedback IC
ADS54T01 TI-ADS54T01_15 Datasheet
1Mb / 47P
[Old version datasheet]   Single 12-Bit 750Msps Receiver and Feedback IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com