Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA4688 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDA4688
Description  Video processor with automatic cut-off control
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4688 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA4688 Datasheet HTML 7Page - NXP Semiconductors TDA4688 Datasheet HTML 8Page - NXP Semiconductors TDA4688 Datasheet HTML 9Page - NXP Semiconductors TDA4688 Datasheet HTML 10Page - NXP Semiconductors TDA4688 Datasheet HTML 11Page - NXP Semiconductors TDA4688 Datasheet HTML 12Page - NXP Semiconductors TDA4688 Datasheet HTML 13Page - NXP Semiconductors TDA4688 Datasheet HTML 14Page - NXP Semiconductors TDA4688 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
1997 Jun 23
11
Philips Semiconductors
Product specification
Video processor with automatic cut-off control
TDA4688
CHARACTERISTICS
All voltages are measured in test circuit of Fig.9 with respect to GND (pin 9); VP = 8.0 V; Tamb =25 °C; nominal signal
amplitudes (black-to-white) at output pins 24, 22 and 20; nominal settings of brightness, contrast, saturation and white
level control; without beam current or peak drive limiting; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply (pin 5)
VP
supply voltage
7.2
8.0
8.8
V
IP
supply current
60
mA
Colour difference inputs [
−(B − Y): pin 6; −(R − Y): pin 7]
V6(p-p)
−(B − Y) input (peak-to-peak value)
notes 1 and 2
1.33
V
V7(p-p)
−(R − Y) input (peak-to-peak value)
notes 1 and 2
1.05
V
V6,7
internal DC bias voltage
at black level clamping
4.1
V
I
6,7
input current
during line scan
−−
0.1
µA
at black level clamping
100
−−
µA
R6,7
input resistance
10
−−
M
Luminance/sync (VBS; Y: pin 8)
Vi(p-p)
luminance input voltage at pin 8
(peak-to-peak value)
note 2
0.45
V
V8(bias)
internal DC bias voltage
at black level clamping
4.1
V
I
8
input current
during line scan
−−
0.1
µA
at black level clamping
100
−−
µA
R8
input resistance
10
−−
M
RGB input 1 (R1: pin 10; G1: pin 11; B1: pin 12)
Vi(p-p)
input voltage at pins 10, 11 and 12
(peak-to-peak value)
note 2
0.7
V
V10/11/12(bias) internal DC bias voltage
at black level clamping
5.7
V
I10/11/12
input current
during line scan
−−
0.1
µA
at black level clamping
100
−−
µA
R10/11/12
input resistance
10
−−
M
RGB input 2 (R2: pin 2, G2: pin 3, B2: pin 4)
Vi(p-p)
input voltage at pins 2, 3 and 4
(peak-to-peak value)
note 2
0.7
V
V2/3/4
internal DC bias voltage
at black level clamping
5.7
V
I
2/3/4
input current
during line scan
−−
0.1
µA
at black level clamping
100
−−
µA
R2/3/4
input resistance
10
−−
M


Similar Part No. - TDA4688

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4680 PHILIPS-TDA4680 Datasheet
243Kb / 28P
   Video processor with automatic cut-off and white level control
1996 Oct 25
TDA4680WP PHILIPS-TDA4680WP Datasheet
243Kb / 28P
   Video processor with automatic cut-off and white level control
1996 Oct 25
TDA4681 PHILIPS-TDA4681 Datasheet
160Kb / 28P
   Video processor with automatic cut-off and white level control
1997 Mar 04
TDA4681WP PHILIPS-TDA4681WP Datasheet
160Kb / 28P
   Video processor with automatic cut-off and white level control
1997 Mar 04
TDA4685 PHILIPS-TDA4685 Datasheet
129Kb / 24P
   Video processor with automatic cut-off control
1997 Jun 20
More results

Similar Description - TDA4688

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4686 PHILIPS-TDA4686 Datasheet
145Kb / 28P
   Video processor with automatic cut-off control
1997 Jun 23
TDA4687 PHILIPS-TDA4687 Datasheet
129Kb / 24P
   Video processor with automatic cut-off control
1997 Jun 23
TDA4685 PHILIPS-TDA4685 Datasheet
129Kb / 24P
   Video processor with automatic cut-off control
1997 Jun 20
TDA4689 PHILIPS-TDA4689 Datasheet
129Kb / 24P
   Video processor with automatic cut-off control
1997 Jul 01
TDA4680 PHILIPS-TDA4680 Datasheet
243Kb / 28P
   Video processor with automatic cut-off and white level control
1996 Oct 25
TDA4681 PHILIPS-TDA4681 Datasheet
160Kb / 28P
   Video processor with automatic cut-off and white level control
1997 Mar 04
TDA4780 PHILIPS-TDA4780 Datasheet
321Kb / 44P
   RGB video processor with automatic cut-off control and gamma adjust
1997 Feb 06
TDA3505 PHILIPS-TDA3505 Datasheet
143Kb / 15P
   Video control combination circuit with automatic cut-off control
November 1987
TDA4580 PHILIPS-TDA4580 Datasheet
998Kb / 16P
   Video control combination circuit with automatic cut-off control
March 1991
TDA3508 PHILIPS-TDA3508 Datasheet
107Kb / 16P
   Video control combination circuit with automatic cut-off control
1996 Oct 25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com