Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TDA4686 Datasheet(PDF) 3 Page - NXP Semiconductors

Part No. TDA4686
Description  Video processor with automatic cut-off control
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

TDA4686 Datasheet(HTML) 3 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
1997 Jun 23
3
Philips Semiconductors
Product specification
Video processor with automatic cut-off control
TDA4686
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VP
supply voltage (pin 5)
7.2
8.0
8.8
V
IP
supply current (pin 5)
60
mA
V8(p-p)
luminance input (peak-to-peak value)
0.45
V
V6(p-p)
−(B − Y) input (peak-to-peak value)
1.33
V
V7(p-p)
−(R − Y) input (peak-to-peak value)
1.05
V
V14
3-level sandcastle pulse
H+V
2.5
V
H
4.5
V
BK
8.0
V
2-level sandcastle pulse
H+V
2.5
V
BK
4.5
V
Vi(p-p)
RGB input signals at pins 2, 3, 4, 10, 11 and 12
(peak-to-peak value)
0.7
V
Vo(b-w)
RGB outputs at pins 24, 22 and 20 (black-to-white value)
2.0
V
Tamb
operating ambient temperature
0
70
°C
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA4686
DIP28
plastic dual in-line package; 28 leads (600 mil)
SOT117-1
TDA4686WP
PLCC28
plastic leaded chip carrier; 28 leads
SOT261-2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn