Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TDA4681 Datasheet(PDF) 6 Page - NXP Semiconductors

Part No. TDA4681
Description  Video processor with automatic cut-off and white level control
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4681 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA4681 Datasheet HTML 2Page - NXP Semiconductors TDA4681 Datasheet HTML 3Page - NXP Semiconductors TDA4681 Datasheet HTML 4Page - NXP Semiconductors TDA4681 Datasheet HTML 5Page - NXP Semiconductors TDA4681 Datasheet HTML 6Page - NXP Semiconductors TDA4681 Datasheet HTML 7Page - NXP Semiconductors TDA4681 Datasheet HTML 8Page - NXP Semiconductors TDA4681 Datasheet HTML 9Page - NXP Semiconductors TDA4681 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
1997 Mar 04
6
Philips Semiconductors
Product specification
Video processor with automatic cut-off
and white level control
TDA4681
I2C-BUS PROTOCOL
Control
The I2C-bus transmitter/receiver provides the data bytes to
select and adjust the following functions and parameters:
• Brightness adjust
• Saturation adjust
• Contrast adjust
• Hue control voltage
• RGB gain adjust
• RGB reference voltage levels
• Peak drive limiting
• Selection of the vertical blanking interval and
measurement lines for cut-off and white level control
according to transmission standard
• Selects either 3-level or 2-level (5 V) sandcastle pulse
• Enables/disables input clamping pulse delay
• Enables/disables white level control
• Enables cut-off control; enables output clamping
• Enables/disables full screen white level
• Enables/disables full screen black level
• Selects either PAL/SECAM or NTSC matrix
• Enables saturation adjust; enables nominal saturation
• Enables/disables synchronization of the execution of
I2C-bus commands with the vertical blanking interval
• Reads the result of the comparison of the nominal and
actual RGB signal levels for automatic white level
control.
I2C-bus transmitter/receiver and data transfer
I2C-BUS SPECIFICATION
The I2C-bus is a bidirectional, two-wire, serial data bus for
intercommunication between ICs in a system.
The microcontroller transmits/receives data from the
I2C-bus transceiver in the TDA4681 over the serial data
line SDA (pin 27) synchronized by the serial clock line SCL
(pin 28). Both lines are normally connected to a positive
voltage supply through pull-up resistors. Data is
transferred when the SCL line is LOW. When SCL is HIGH
the serial data line SDA must be stable. A HIGH-to-LOW
transition of the SDA line when SCL is HIGH is defined as
a START bit. A LOW-to-HIGH transition of the SDA line
when SCL is HIGH is defined as a STOP bit.
Each transmission must start with a START bit and end
with a STOP bit. The bus is busy after a START bit and is
only free again after a STOP bit has been transmitted.
I2C-BUS RECEIVER (MICROCONTROLLER WRITE MODE)
Each transmission to/from the I2C-bus transceiver
consists of at least three bytes following the START bit.
Each byte is acknowledged by an acknowledge bit
immediately following each byte. The first byte is the
Module Address (MAD) byte, also called the slave address
byte. This consists of the module address, 1000100 for the
TDA4681, plus the R/W bit (see Fig.4). When the
TDA4681 is a slave receiver (R/W = 0) the module
address byte is 10001000 (88H). When the TDA4681 is a
slave transmitter (R/W = 1) the module address byte is
10001001 (89H).
The length of a data transmission is unrestricted, but the
module address and the correct subaddress must be
transmitted before the data byte(s). The order of data
transmission is shown in Figs 5 and 6.
Without auto-increment (BREN = 0 or 1) the module
address (MAD) byte is followed by a SubAddress (SAD)
byte and one data byte only (see Fig.5).


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn