Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXMG1626-05-45 Datasheet(PDF) 5 Page - Microsemi Corporation

Part # LXMG1626-05-45
Description  5V Dual 6W CCFL Programmable Inverter Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LXMG1626-05-45 Datasheet(HTML) 5 Page - Microsemi Corporation

  LXMG1626-05-45 Datasheet HTML 1Page - Microsemi Corporation LXMG1626-05-45 Datasheet HTML 2Page - Microsemi Corporation LXMG1626-05-45 Datasheet HTML 3Page - Microsemi Corporation LXMG1626-05-45 Datasheet HTML 4Page - Microsemi Corporation LXMG1626-05-45 Datasheet HTML 5Page - Microsemi Corporation LXMG1626-05-45 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PRODUCTION DATASHEET
Microsemi
Integrated Products
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 5
Copyright
© 2005
Rev. 1.0, 2007-01-24
PanelMatch
™ StayLit™
LXMG1626-05-45
5V Dual 6W CCFL Programmable Inverter Module
TM
®
TY PICAL APPLICATION
LXMG1626-05-45
5V
FAULT
`
GND
VHI2
VLO
BRITE
VIN
SLEEP
SET
500K
DAC or
Pot
NC
NC
VHI1
Figure 1
– Brightness Control
(Output current set to maximum)
P.W.
10µs to 200µS
BRITE
LXMG1626-05-45
0< P. W . < 100 % of period
PWM Signal
from System
Figure 1A
– PWM Brightness Control
LXMG1626-05-45
FAULT
GND
VHI2
VLO
SLEEP
SET1
BRITE
5V
VIN
VHI1
Lamp(s) Status
FAULT
Inverter Operation
Normal
Operation
Low
Normal full lamp
current
One Lamp
Open
High
Normal @ ½ lamp
current*
Both Lamps
Open
High
Shutdown
One Lamp High
Side Short to
Ground
High
Normal @ ½ lamp
current*
Both Lamps
High Side Short
to Ground
High
Shutdown
Figure 2
– FAULT Output Operation
* Under some conditions the second lamp will also shutdown, this is especially true
if the inverter draws an arc going open or when shorted.
The brightness control may be a voltage output DAC or
other voltage source, a digital pot or 500K manual pot. The
inverter contains an internal 215K pull-up to 3V to bias the
pot.
A 3.3V Logic Level PWM signal from a micro-
controller may also be used as shown in Figure 1A.
If you need to turn the inverter ON/OFF remotely, connect
to TTL logic signal to the
SLEEP input.
Connect VHI1 and VHI2
to high voltage wires from the
lamps. Connect VLO to the low voltage wire lamp return
(wire with thinner insulation). Never connect VLO to circuit
ground as this will defeat lamp current regulation.
Use the SET input to program the desired maximum output
current. Generally the best lamp lifetime correlates with
driving the CCFL at the manufactures nominal current
setting.
Typically the SET pin is permanently wired to ground or
intentionally left open.
However it can also be actively
driven, using an open collector, or open drain logic signal.
This will allow dynamic adjustment of the lamp current for
situations where greater dim range is required, as an
example in nighttime situations. In conjunction with a light
sensor or other timer the panel could be set to higher
brightness
(maximum
output
current)
for
daytime
illumination and lower brightness (minimum or typical
output current) at nighttime. Since the dimming ratio is a
factor of both the burst duty cycle and the peak output
current, by using this technique the effective dim ratio can
be increased greater than what the burst duty cycle alone
could provide. Conversely, the SET input could be used to
overdrive the lamp current.
Of course, any possible
degradation of lamp life from such practices is the user’s
responsibility since not all lamps are designed to be under
or overdriven.
Input connector (CN1-8) FAULT signal which is normally
low will toggle high to indicate that an output fault
condition has occurred as summarized in the table to the left
figure 2. FAULT will toggle high if one or both lamps are
open or short circuited. If only one lamp opens, or its high
side is shorted to ground then the other lamp should
continue to operate with the FAULT signal going high.
If
both lamps open and/or both lamps are shorted the FAULT
will toggle high if it is not already high and the inverter
output will shutdown. Also if either low side connection of
the lamps is shorted to ground, or the lamps are shorted
high side to low side, FAULT will go high and the inverter
will shutdown. In order to restart the inverter after a fault, it
is necessary to toggle the
SLEEP input or cycle the VIN
input supply. In fault induced shutdown mode the inverter
will draw about 15mA from VIN supply.


Similar Part No. - LXMG1626-05-45

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXMG1626-05-45 MICROSEMI-LXMG1626-05-45 Datasheet
200Kb / 6P
   5V Dual 6W CCFL Programmable Inverter Module
LXMG1626-05-45_0707 MICROSEMI-LXMG1626-05-45_0707 Datasheet
200Kb / 6P
   5V Dual 6W CCFL Programmable Inverter Module
More results

Similar Description - LXMG1626-05-45

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXMG1623-05-6X MICROSEMI-LXMG1623-05-6X Datasheet
178Kb / 6P
   5V Dual 6W Programmable CCFL Inverter Module
LXM1623-05-6X MICROSEMI-LXM1623-05-6X Datasheet
188Kb / 6P
   5V Dual 6W Programmable CCFL Inverter Module
LXMG1626-05-46 MICROSEMI-LXMG1626-05-46 Datasheet
185Kb / 6P
   5V 6W Dual CCFL Programmable Inverter Module
LXMG1626-05-46_0710 MICROSEMI-LXMG1626-05-46_0710 Datasheet
201Kb / 6P
   5V Dual 6W CCFL Programmable Inverter Module
LXMG1626-05-45_0707 MICROSEMI-LXMG1626-05-45_0707 Datasheet
200Kb / 6P
   5V Dual 6W CCFL Programmable Inverter Module
LXMG1627-05-6X MICROSEMI-LXMG1627-05-6X Datasheet
189Kb / 6P
   5V Dual 6W Programmable CCFL Inverter Module
LXM1618-05-6X MICROSEMI-LXM1618-05-6X Datasheet
188Kb / 6P
   5V 6W CCFL Programmable Inverter Module
LXMG1617A-05-6X MICROSEMI-LXMG1617A-05-6X Datasheet
176Kb / 6P
   5V 6W CCFL Programmable Inverter Module
LXMG1617A-05-6X MICROSEMI-LXMG1617A-05-6X_10 Datasheet
185Kb / 6P
   5V 6W CCFL Programmable Inverter Module
LXMG1617-05-6X MICROSEMI-LXMG1617-05-6X Datasheet
167Kb / 6P
   5V 6W CCFL Programmable Inverter Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com