Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXMG1624-12-61 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # LXMG1624-12-61
Description  12V Dual 6W Programmable CCFL Inverter Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LXMG1624-12-61 Datasheet(HTML) 4 Page - Microsemi Corporation

  LXMG1624-12-61 Datasheet HTML 1Page - Microsemi Corporation LXMG1624-12-61 Datasheet HTML 2Page - Microsemi Corporation LXMG1624-12-61 Datasheet HTML 3Page - Microsemi Corporation LXMG1624-12-61 Datasheet HTML 4Page - Microsemi Corporation LXMG1624-12-61 Datasheet HTML 5Page - Microsemi Corporation LXMG1624-12-61 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PRODUCTION DATASHEET
Microsemi
Integrated Products
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 4
Copyright
© 2005
Rev. 1.1, 2006-11-16
PanelMatch
LXMG1624-12-6x
12V Dual 6W Programmable CCFL Inverter Module
TM
®
TABLE 1
OUTPUT CURRENT SETTINGS
SET1
(Pin 7)
SET2
(Pin 8)
Nominal Output Current
Open*
Open*
8.0mA
Open*
Ground
7.0mA
Ground
Open*
6.0mA
Ground
Ground
5.0mA
* If driven by a logic signal it should be open collector or open drain only, not a voltage source.
PHY S ICAL DIM E N S ION S
L X MG1624 -12-6X
CN1
14mm
.551 in
3mm
.118 in
151mm
5.945 in.
18mm
.708 in.
165mm
6.496 in.
CN2
CN3
1mm
0.0395 in.
7.5mm Max
0.295in.
weight: 20g
21mm
0.827in
Warning
High Voltage Present at
high side of Transformers
and Output Connectors
PCB tolerances ± 0.5mm , 4-40 recommended mounting screws
GROUNDED MOUNTING HOLE 3MM ±.08 DIA.
6MM HEAD CLEARANCE BOTH HOLES
MOUNTING HOLE 3MM ±.08
DIA.
137mm ±0.2mm
5.394 in.
Dimensions are in millimeters (inches for reference only)
SIMPLIFIED BLOCK DIAGRAM
Controller
and
Transformer
Driver
0.65 -
2V
DC
V
LO
V
HI
V
BRITE
SET
1
High Voltage
Transformer
I
SENSE
OV
SENSE
SET
2
+3V
10K
10K
10K
+3V
+3V
V
IN1
OC
SENSE
One of Two


Similar Part No. - LXMG1624-12-61

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXMG1624-12-41 MICROSEMI-LXMG1624-12-41 Datasheet
171Kb / 6P
   12V Dual 4W CCFL Programmable Inverter Module
LXMG1624-12-42 MICROSEMI-LXMG1624-12-42 Datasheet
171Kb / 6P
   12V Dual 4W CCFL Programmable Inverter Module
LXMG1624-12-4X MICROSEMI-LXMG1624-12-4X Datasheet
171Kb / 6P
   12V Dual 4W CCFL Programmable Inverter Module
More results

Similar Description - LXMG1624-12-61

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXM1623-12-6X MICROSEMI-LXM1623-12-6X Datasheet
188Kb / 6P
   12V Dual 6W Programmable CCFL Inverter Module
LXMG1623-12-6X MICROSEMI-LXMG1623-12-6X Datasheet
178Kb / 6P
   12V Dual 6W Programmable CCFL Inverter Module
LXMG1626-12-45 MICROSEMI-LXMG1626-12-45_07 Datasheet
200Kb / 6P
   12V Dual 6W CCFL Programmable Inverter Module
LXMG1628-12-6X MICROSEMI-LXMG1628-12-6X Datasheet
187Kb / 6P
   12V Dual 6W Programmable CCFL Inverter Module
LXM1626-12-64 MICROSEMI-LXM1626-12-64 Datasheet
178Kb / 6P
   12V Dual 6W CCFL Programmable Inverter Module
LXM1624-12-6X MICROSEMI-LXM1624-12-6X Datasheet
235Kb / 6P
   12V Dual 6W Programmable CCFL Inverter Module
LXMG1626-12-46_0708 MICROSEMI-LXMG1626-12-46_0708 Datasheet
202Kb / 6P
   12V Dual 6W CCFL Programmable Inverter Module
LXMG1626-12-46 MICROSEMI-LXMG1626-12-46 Datasheet
182Kb / 6P
   12V Dual 6W CCFL Programmable Inverter Module
LXMG1627-12-6X MICROSEMI-LXMG1627-12-6X Datasheet
188Kb / 6P
   12V Dual 6W Programmable CCFL Inverter Module
LXM1623-12-61 MICROSEMI-LXM1623-12-61 Datasheet
218Kb / 6P
   12V Dual 6W Programmable CCFL Inverter Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com