Electronic Components Datasheet Search |
|
LXMG1618-05-61 Datasheet(PDF) 1 Page - Microsemi Corporation |
|
LXMG1618-05-61 Datasheet(HTML) 1 Page - Microsemi Corporation |
1 / 6 page PRODUCTION DATASHEET Microsemi Integrated Products 11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570 Page 1 Copyright © 2002 Rev. 1.0a, 2006-11-13 PanelMatch ™ LXMG1618-05-6x 5V 6W CCFL Programmable Inverter Module TM ® DESCRIPTION The LXMG1618-05-6x is a Single Output 6W Direct Drive™ CCFL (Cold Cathode Fluorescent Lamp) Inverter Module specifically designed for driving LCD backlight lamps. It is ideal for driving typical 12.1” to 15” panels. The maximum output current is externally programmable over a range of 5 to 8A in 1mA steps to allow the inverter to properly match to a wide array of LCD panel lamp current specifications. The modules are include a dimming input that permits brightness control from either a DC voltage source, a PWM signal or an external potentiometer. LXMG1618 modules unlike the LXMG1617 series does not provide wide range ‘burst’ mode dimming, rather dimming is provided by amplitude control of the output current waveform, this limits the potential dim range to typically less than 5:1. For applications not requiring wide range dimming, amplitude control results in lower ripple on the input supply and reduced potential transient noise generation. Many STN type panels are particularly well suited for current amplitude dimming. The modules convert a DC voltage from the system battery or AC adapter directly to high frequency, high-voltage waves required to ignite and operate CCFL lamps. A 12V input inverter is also available (LXMG1618-12-6x). The inverter’s design is based on Microsemi’s new LX1689 backlight controller, which provides a number of cost and performance advantages due to the controller’s high level of integration. Other benefits of this new topology are stable fixed-frequency operation, secondary-side strike-voltage regulation and both open and shorted lamp protection with fault timeout. IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com Protected By U.S. Patents: 5,923,129; 5,930,121; 6,198,234; Patents Pending KEY FEATUR ES Externally Programmable Maximum Output Current Easy to Use Brightness Control Output Short-Circuit Protection and Automatic Strike-Voltage Regulation and Timeout Analog Current Amplitude Dimming Method Fixed Frequency Operation Rated From -20 to 70°C UL60950 E175910 RoHS Compliant APPLICATIONS Notebook Computers Portable Instrumentation Desktop Displays Industrial Display Controls BENEFITS Compact, Low Profile Design Mates to Wide Variety of LCD Panels Output Open Circuit Voltage Regulation Minimizes Corona Discharge For High Reliability PRODUCT H I GHLIGHT UNIVERSAL DIMMING INPUT " PWM", VDC, OR POTENTIOMETER DC Voltage Source Potentiometer PWM Signal SELECTABLE MAXIMUM OUPUT CURRENT 5MA TO 8MARMS PACKAGE ORDER INFO PART NUMBER OUTPUT CONNECTOR INVERTER MATES DIRECTLY TO PANEL CONNECTORS LXMG1618-05-61 JST SM02(8.0)B-BHS-1-TB(LF)(SN) or Yeon Ho 20015WR-05A00 JST BHR-03VS-1 LXMG1618-05-62 JST SM02B-BHSS-1-TB(LF)(SN) or Yeon Ho 35001WR-02A00 JST BHSR-02VS-1 |
Similar Part No. - LXMG1618-05-61 |
|
Similar Description - LXMG1618-05-61 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |