Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXMG1618-05-6X Datasheet(PDF) 4 Page - Microsemi Corporation

Part # LXMG1618-05-6X
Description  5V 6W CCFL Programmable Inverter Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LXMG1618-05-6X Datasheet(HTML) 4 Page - Microsemi Corporation

  LXMG1618-05-6X Datasheet HTML 1Page - Microsemi Corporation LXMG1618-05-6X Datasheet HTML 2Page - Microsemi Corporation LXMG1618-05-6X Datasheet HTML 3Page - Microsemi Corporation LXMG1618-05-6X Datasheet HTML 4Page - Microsemi Corporation LXMG1618-05-6X Datasheet HTML 5Page - Microsemi Corporation LXMG1618-05-6X Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PRODUCTION DATASHEET
Microsemi
Integrated Products
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 4
Copyright
© 2002
Rev. 1.0a, 2006-11-13
PanelMatch
LXMG1618-05-6x
5V 6W CCFL Programmable Inverter Module
TM
®
TABLE 1 SETTING OUTPUT CURRENT
OUTPUT CURRENT SETTINGS
SET1
(Pin 7)
SET2
(Pin 8)
Nominal Output Current
Open*
Open*
8.0mA
Open*
Ground
7.0mA
Ground
Open*
6.0mA
Ground
Ground
5.0mA
* If driven by a logic signal it should be open collector or open drain only, not a voltage source.
PHY S ICAL DIM E N S ION S
L X MG16 18-0 5 - 6X
1.0mm
0.0394in.
Weight: (9g) typ .
7.5mm Max
0.295in.
Warning
High Voltage Present at
high side of Transformer
and Output Connector
100mm
3.94in.
GROUNDED MOUNTING HOLE
2.44MM –.08
DIA.
CN1
CN2
11mm
0.433in.
3.5mm
0.138in.
16mm
0.63in.
85mm
3.35in
12.5mm
0.492in
MOUNTING HOLE
2.44MM –.08
DIA.
PCB tolerances – 0.2mm , M2 or 2-56 recommended mounting screws
74mm –0.2mm
2.91in
All dimensions are in millimeters, inches are reference only
SIMPLIFIED BLOCK DIAGRAM
Ramp
Gen
Transformer
Driver
0.65 -
2V
DC
+
-
V
LO
V
HI
Comparator
Ramp
V
BRITE
SET
1
High Voltage
Transformer
I
SENSE
OV
SENSE
SET
2
+3V
10K
10K
+3V
+3V
V
IN1
OC
SENSE
10K
Controller


Similar Part No. - LXMG1618-05-6X

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXMG1618-05-21 MICROSEMI-LXMG1618-05-21 Datasheet
168Kb / 6P
   5V 2.2W CCFL Programmable Inverter Module
LXMG1618-05-22 MICROSEMI-LXMG1618-05-22 Datasheet
168Kb / 6P
   5V 2.2W CCFL Programmable Inverter Module
LXMG1618-05-2X MICROSEMI-LXMG1618-05-2X Datasheet
168Kb / 6P
   5V 2.2W CCFL Programmable Inverter Module
LXMG1618-05-41 MICROSEMI-LXMG1618-05-41 Datasheet
168Kb / 6P
   5V 4W CCFL Programmable Inverter Module
LXMG1618-05-42 MICROSEMI-LXMG1618-05-42 Datasheet
168Kb / 6P
   5V 4W CCFL Programmable Inverter Module
More results

Similar Description - LXMG1618-05-6X

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXM1618-05-6X MICROSEMI-LXM1618-05-6X Datasheet
188Kb / 6P
   5V 6W CCFL Programmable Inverter Module
LXMG1617A-05-6X MICROSEMI-LXMG1617A-05-6X Datasheet
176Kb / 6P
   5V 6W CCFL Programmable Inverter Module
LXMG1617A-05-6X MICROSEMI-LXMG1617A-05-6X_10 Datasheet
185Kb / 6P
   5V 6W CCFL Programmable Inverter Module
LXMG1617-05-6X MICROSEMI-LXMG1617-05-6X Datasheet
167Kb / 6P
   5V 6W CCFL Programmable Inverter Module
LXMG1811-05-6XS MICROSEMI-LXMG1811-05-6XS Datasheet
235Kb / 7P
   5V 6W CCFL Programmable Inverter Module
LXMG1618A-05-6X MICROSEMI-LXMG1618A-05-6X Datasheet
183Kb / 6P
   5V 6W CCFL Programmable Inverter Module
LXMG1811-05-6X MICROSEMI-LXMG1811-05-6X Datasheet
231Kb / 6P
   5V 6W CCFL Programmable Inverter Module
LXM1617-05-6X MICROSEMI-LXM1617-05-6X Datasheet
228Kb / 6P
   5V 6W CCFL Programmable Inverter Module
LXMG1623-05-6X MICROSEMI-LXMG1623-05-6X Datasheet
178Kb / 6P
   5V Dual 6W Programmable CCFL Inverter Module
LXMG1626-05-46_0710 MICROSEMI-LXMG1626-05-46_0710 Datasheet
201Kb / 6P
   5V Dual 6W CCFL Programmable Inverter Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com