Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXMG1618-05-21 Datasheet(PDF) 5 Page - Microsemi Corporation

Part # LXMG1618-05-21
Description  5V 2.2W CCFL Programmable Inverter Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LXMG1618-05-21 Datasheet(HTML) 5 Page - Microsemi Corporation

  LXMG1618-05-21 Datasheet HTML 1Page - Microsemi Corporation LXMG1618-05-21 Datasheet HTML 2Page - Microsemi Corporation LXMG1618-05-21 Datasheet HTML 3Page - Microsemi Corporation LXMG1618-05-21 Datasheet HTML 4Page - Microsemi Corporation LXMG1618-05-21 Datasheet HTML 5Page - Microsemi Corporation LXMG1618-05-21 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PRODUCTION DATASHEET
Microsemi
Integrated Products
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 5
Copyright
© 2002
Rev. 1.0a,2006-11-13
PanelMatch
LXMG1618-05-2x
5V 2.2W CCFL Programmable Inverter Module
TM
®
TY PICAL APPLICATION
LXMG1618-05-2x
5V
SET
2
GND
V
HI
V
LO
BRITE
V
IN1
SLEEP
SET
1
0.65V
to
2.0V 2.7K
20K
DAC or
Pot
CCFL
TUBE
NC
NC
Figure 1
– Brightness Control
(output current set to maximum)
P.W.
10µs to 125µS
BRITE
LXMG1618-05-2x
~26 < P.W. < 100%
of period
PWM Signal
from System
Figure 1A
– PWM Brightness Control
LXMG1618-05-2x
SET
2
GND
V
HI
V
LO
SLEEP
SET
1
CCFL
TUBE
BRITE
5V
V
IN1
L
L
3.5mARMS
L
H
4.0mARMS
H
L
4.5mARMS
H
H
5.0mARMS
L=GND; H=Open
Figure 2
– Max Output Current
(SET1 and SET2 Inputs)
The brightness control may be a voltage output DAC or
other voltage source, a digital pot or 20K manual pot. The
inverter contains an internal 10K pull-up to 3V to bias the
pot add a 2.7K resistor to set the lower threshold voltage.
A 3.3V Logic Level PWM signal from a micro-controller
may also be used as shown in Figure 1A.
If you need to turn the inverter ON/OFF remotely, connect
to TTL logic signal to the
SLEEP input.
Connect VHI to high voltage wire from the lamp. Connect
VLO to the low voltage wire (wire with thinner insulation).
Never connect VLO to circuit ground as this will defeat
lamp current regulation. If both lamp wires have heavy
high voltage insulation, connect the longest wire to VLO.
This wire is typically white.
Use the SET1 and SET2 (see Figure 2) inputs to select the
desired maximum output current. Using these two pins in
combination allows the inverter to match a wide variety of
panels from different manufactures.
Generally the best
lamp lifetime and efficiency correlates with driving the
CCFL at the manufactures nominal current setting.
However the SET1 and SET2 inputs allow the user the
flexibility to adjust the current to the maximum allowable
output current to increase panel brightness at the expense
of some reduced lamp life.
Although the SET pins are designed such that just leaving
them open or grounding them is all that is needed to set the
output current, they can also be actively set. Using a open
collector or open drain logic signal will allow you to
reduce the lamp current for situations where greater dim
range is required, as an example in nighttime situations. In
conjunction with a light sensor or other timer the panel
could be set to higher brightness (maximum output
current) for daytime illumination and lower brightness
(minimum or typical output current) at nighttime. Since
the dim ratio is a factor the peak output current, using this
technique the effective dim ratio can be increased.
Conversely the SET inputs could be used to overdrive the
lamp temporarily to facilitate faster lamp warm up at initial
lamp turn on. Of course any possible degradation on lamp
life from such practices is the users responsibility as not all
lamps are designed to be overdriven.
The inverter has a built in fault timeout function. If the
output is open (lamp disconnected or broken) or shorted
the inverter will attempt to strike the lamp for several
seconds. After about 2 seconds without success the inverter
will shutdown.
In order to restart the inverter it is
necessary to toggle the sleep input or cycle the VIN1 input
supply.


Similar Part No. - LXMG1618-05-21

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXMG1618-05-41 MICROSEMI-LXMG1618-05-41 Datasheet
168Kb / 6P
   5V 4W CCFL Programmable Inverter Module
LXMG1618-05-42 MICROSEMI-LXMG1618-05-42 Datasheet
168Kb / 6P
   5V 4W CCFL Programmable Inverter Module
LXMG1618-05-4X MICROSEMI-LXMG1618-05-4X Datasheet
168Kb / 6P
   5V 4W CCFL Programmable Inverter Module
LXMG1618-05-61 MICROSEMI-LXMG1618-05-61 Datasheet
169Kb / 6P
   5V 6W CCFL Programmable Inverter Module
LXMG1618-05-62 MICROSEMI-LXMG1618-05-62 Datasheet
169Kb / 6P
   5V 6W CCFL Programmable Inverter Module
More results

Similar Description - LXMG1618-05-21

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXMG1617A-05-2X MICROSEMI-LXMG1617A-05-2X Datasheet
188Kb / 6P
   5V 2.2W CCFL Programmable Inverter Module
LXMG1617A-05-2X MICROSEMI-LXMG1617A-05-2X_10 Datasheet
186Kb / 6P
   5V 2.2W CCFL Programmable Inverter Module
LXMG1618A-05-2X MICROSEMI-LXMG1618A-05-2X Datasheet
183Kb / 6P
   5V 2.2W CCFL Programmable Inverter Module
LXM1618-05-2X MICROSEMI-LXM1618-05-2X Datasheet
180Kb / 6P
   5V 2.2W CCFL Programmable Inverter Module
LXMG1617-05-2X MICROSEMI-LXMG1617-05-2X Datasheet
168Kb / 6P
   5V 2.2W CCFL Programmable Inverter Module
LXM1617-05-2X MICROSEMI-LXM1617-05-2X Datasheet
181Kb / 6P
   5V 2.2W CCFL Programmable Inverter Module
LXM1618-03-2X MICROSEMI-LXM1618-03-2X Datasheet
181Kb / 6P
   3.3V 2.2W CCFL Programmable Inverter Module
LXMG1618A-03-2X MICROSEMI-LXMG1618A-03-2X Datasheet
183Kb / 6P
   3.3V 2.2W CCFL Programmable Inverter Module
LXMG1618-03-2X MICROSEMI-LXMG1618-03-2X Datasheet
168Kb / 6P
   3.3V 2.2W CCFL Programmable Inverter Module
LXMG1617A-03-2X MICROSEMI-LXMG1617A-03-2X_10 Datasheet
186Kb / 6P
   3.3V 2.2W CCFL Programmable Inverter Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com