Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXMG1618-03-21 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LXMG1618-03-21
Description  3.3V 2.2W CCFL Programmable Inverter Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LXMG1618-03-21 Datasheet(HTML) 2 Page - Microsemi Corporation

  LXMG1618-03-21 Datasheet HTML 1Page - Microsemi Corporation LXMG1618-03-21 Datasheet HTML 2Page - Microsemi Corporation LXMG1618-03-21 Datasheet HTML 3Page - Microsemi Corporation LXMG1618-03-21 Datasheet HTML 4Page - Microsemi Corporation LXMG1618-03-21 Datasheet HTML 5Page - Microsemi Corporation LXMG1618-03-21 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PRODUCTION DATASHEET
Microsemi
Integrated Products
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 2
Copyright
© 2002
Rev. 1.0a, 2006-11-13
PanelMatch
LXMG1618-03-2x
3.3V 2.2W CCFL Programmable Inverter Module
TM
®
ABSOLUTE MAXIMUM RATINGS (NOTE 1)
Input Signal Voltage (VIN1).......................................................................................................................................-0.3V to 5V
Input Power ...................................................................................................................................................................... 3.0W
Output Voltage, no load ............................................................................................................ Internally Limited to 1300VRMS
Output Current ...............................................................................................................................6mARMS (Internally Limited)
Output Power ................................................................................................................................................................... 2.3W
Input Signal Voltage (
SLEEP Input) .......................................................................................................................-0.3V to 5V
Input Signal Voltage (BRITE) ..................................................................................................................................-0.3V to 5V
Ambient Operating Temperature, zero airflow.....................................................................................................-20°C to 70°C
Storage Temperature Range...............................................................................................................................-40°C to 85°C
Note 1: Exceeding these ratings could cause damage to the device. All voltages are with respect to Ground. Currents are positive into, negative out of specified
terminal.
RECOMMEND E D O P ERATING CONDITIONS (R.C.)
This module has been designed to operate over a wide range of input and output conditions. However, best efficiency and performance
will be obtained if the module is operated under the condition listed in the ‘R.C.’ column. Min. and Max. columns indicate values beyond
which the inverter, although operational, will not function optimally.
Recommended Operating Conditions
Parameter
Symbol
Min
R.C.
Max
Units
Input Supply Voltage Range (Fully Regulated
Lamp Current)
3
3.3
3.6
Input Supply Voltage Range (Functional)
VIN1
2.9
4.2
V
Output Power
PO
2.2
W
Linear BRITE Control Input Voltage Range¹
VBRT_ADJ
0.65 to 0.9
2.0
V
Lamp Operating Voltage
VLAMP
325
380
435*
VRMS
Lamp Current (Full Brightness)
IOLAMP
3.5
5
mARMS
Operating Ambient Temperature Range
TA
-20
70
°C
¹The minimum VBRT ADJ voltage depends on the panel characteristics, depending on the panel it can vary from 0.65V to 0.9V
*Total output power must not exceed 2.2W . Higher voltage lamps may require maximum output current to be set lower than 5mARMS
†At voltages below 3.6V the inverter may not be able to output the full 5mARMS in all configurations.
ELECTRICAL CHA RACTERISTICS
Unless otherwise specified, the following specifications apply over the recommended operating condition and ambient temperature of 25
°C
except where otherwise noted.
LXMG1618-03-2x
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
OUTPUT PIN CHARACTERISTICS
Full Bright Lamp Current
IL(MAX)
VBRT_ADJ > 2.0VDC, SLEEP > 2.0V, VIN1 = 3.3VDC
ISET1 = Ground, ISET2 = Ground
3.0
3.5
4.0
mARMS
Full Bright Lamp Current
IL(MAX)
VBRT_ADJ > 2.0VDC, SLEEP > 2.0V, VIN1 = 3.3VDC
ISET1 = Ground, ISET2 = Open
3.5
4.0
4.5
mARMS
Full Bright Lamp Current
IL(MAX)
VBRT_ADJ > 2.0VDC, SLEEP > 2.0V, VIN1 = 3.3VDC
ISET1 = Open, ISET2 = Ground
4.0
4.5
5.0
mARMS
Full Bright Lamp Current
IL(MAX)
VBRT_ADJ > 2.0VDC, SLEEP > 2.0V, VIN1 = 3.3VDC
ISET1 = Open, ISET2 = Open
4.5
5
5.5
mARMS
Min. Average Lamp Current
IL(MIN)
VBRT_ADJ =0.65VDC, SLEEP > 2.0V, VIN1 = 3.3VDC
ISET1 = ISET2 = Ground
1.5*
mARMS
Lamp Start Voltage
VLS
-20°C < TA < 70°C, VIN1 > 3.15VDC
1000
1100
VRMS
Operating Frequency
fO
VBRT_ADJ = 2.5VDC, SLEEP > 2.0V, VIN1 = 3.3V
85
90
94
kHz
* The Inverter is capable of a lower output current than may be recommended by the panel manufacturer. It is the user’s responsibility to set the minimum
brightness (BRITE) input at or above the panel specification for minimum current.


Similar Part No. - LXMG1618-03-21

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXMG1618-05-21 MICROSEMI-LXMG1618-05-21 Datasheet
168Kb / 6P
   5V 2.2W CCFL Programmable Inverter Module
LXMG1618-05-22 MICROSEMI-LXMG1618-05-22 Datasheet
168Kb / 6P
   5V 2.2W CCFL Programmable Inverter Module
LXMG1618-05-2X MICROSEMI-LXMG1618-05-2X Datasheet
168Kb / 6P
   5V 2.2W CCFL Programmable Inverter Module
LXMG1618-05-41 MICROSEMI-LXMG1618-05-41 Datasheet
168Kb / 6P
   5V 4W CCFL Programmable Inverter Module
LXMG1618-05-42 MICROSEMI-LXMG1618-05-42 Datasheet
168Kb / 6P
   5V 4W CCFL Programmable Inverter Module
More results

Similar Description - LXMG1618-03-21

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXM1618-03-2X MICROSEMI-LXM1618-03-2X Datasheet
181Kb / 6P
   3.3V 2.2W CCFL Programmable Inverter Module
LXMG1618A-03-2X MICROSEMI-LXMG1618A-03-2X Datasheet
183Kb / 6P
   3.3V 2.2W CCFL Programmable Inverter Module
LXMG1617A-03-2X MICROSEMI-LXMG1617A-03-2X_10 Datasheet
186Kb / 6P
   3.3V 2.2W CCFL Programmable Inverter Module
LXM1617-03-2X MICROSEMI-LXM1617-03-2X Datasheet
182Kb / 6P
   3.3V 2.2W CCFL Programmable Inverter Module
LXMG1617-03-2X MICROSEMI-LXMG1617-03-2X Datasheet
169Kb / 6P
   3.3V 2.2W CCFL Programmable Inverter Module
LXMG1617A-03-2X MICROSEMI-LXMG1617A-03-2X Datasheet
188Kb / 6P
   3.3V 2.2W CCFL Programmable Inverter Module
LXMG1617A-05-2X MICROSEMI-LXMG1617A-05-2X Datasheet
188Kb / 6P
   5V 2.2W CCFL Programmable Inverter Module
LXMG1617A-05-2X MICROSEMI-LXMG1617A-05-2X_10 Datasheet
186Kb / 6P
   5V 2.2W CCFL Programmable Inverter Module
LXM1618-05-2X MICROSEMI-LXM1618-05-2X Datasheet
180Kb / 6P
   5V 2.2W CCFL Programmable Inverter Module
LXMG1617-05-2X MICROSEMI-LXMG1617-05-2X Datasheet
168Kb / 6P
   5V 2.2W CCFL Programmable Inverter Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com