Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXMG1612-05-02 Datasheet(PDF) 5 Page - Microsemi Corporation

Part # LXMG1612-05-02
Description  5V Highly-Integrated, Digital Dimming CCFL Inverter Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LXMG1612-05-02 Datasheet(HTML) 5 Page - Microsemi Corporation

  LXMG1612-05-02 Datasheet HTML 1Page - Microsemi Corporation LXMG1612-05-02 Datasheet HTML 2Page - Microsemi Corporation LXMG1612-05-02 Datasheet HTML 3Page - Microsemi Corporation LXMG1612-05-02 Datasheet HTML 4Page - Microsemi Corporation LXMG1612-05-02 Datasheet HTML 5Page - Microsemi Corporation LXMG1612-05-02 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PRODUCTION DATASHEET
Microsemi
Integrated Products
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 5
Copyright
© 2000
Rev. 1.1, 2006-09-05
LXMG1612-05-xx
5V Highly-Integrated, Digital Dimming CCFL Inverter Module
TM
®
HOW RANGEMAX WORKS (CONTINUED)
Highlights
Integrated brightness control circuit includes a DC voltage
to pulse width converter that minimizes system design
work and system noise susceptibility. This provides a
familiar and convenient interface while reducing the
potential for externally induced noise, which can cause
lamp flicker.
RangeMAX inverter modules are designed to operate with
the burst frequency synchronized to the video frame rate.
This
provides
operation
with
no
visible
display
disturbances caused by beat frequencies between the lamps
and video frame rates.
In this synchronous mode, the
inverter burst rate operates at twice the video refresh rate,
well beyond standard 50/60Hz video refresh rates where
the eye can perceive pulsing light.
In applications with no access to a vertical sync., an onboard
oscillator operates the inverter burst rate at about 250Hz. In
this non-synchronous mode, minor display disturbances can
be found under certain video conditions. This performance
may
be
acceptable
for
many
applications,
but
synchronization must be used when no disturbance can be
tolerated.
A single input will accommodate negative and positive
vertical sync pulses at any pulse width.
Separate feedback loops for lamp current and open circuit
voltage regulation insure reliable strike under all operating
conditions, automatic over-voltage prevention with broken
or failed lamps, and accurate lamp current regulation.
TY PICAL APPLICATION
LXMG1612-05-xx
5V
V
SYNC
V
SYNC
GND
V
HI
V
LO
BRITE
Figure 5 - Potentiometer Brightness Control
V
IN1
CCFL
TUBE
BRITE RTN
R
10k
SLEEP
0V
5V
DAC or
Pot
P.W.
2ms
BRITE
LXMG1612-05-xx
0 < P.W. < 100% of period
PWM Signal
from System
Figure 5A - PWM Brightness Control
The brightness control may be a voltage output DAC, digital
resistor or a simple 10k potentiometer.
If desired, an
additional series resistor with the 10k potentiometer can be
used to set a higher minimum brightness setting as shown in
Figure 5. A 2.5V to 5V Logic Level PWM signal from a
micro-controller may also be used as shown in Figure 5A.
If synchronization to the video frame rate is desired, connect
the vertical sync pulse from the system video controller to
the VSYNC input. If no video synchronization is desired,
connect VSYNC to ground.
If you need to turn the inverter ON/OFF remotely, connect
to 2.5V to 5V logic signal to the SLEEP input.
Connect VHI to high voltage wire from the lamp. Connect
VLO to the low voltage wire (wire with thinner insulation).
Never connect VLO to circuit ground as this will defeat lamp
current regulation.
If both lamp wires have heavy high
voltage insulation, connect the longest wire to VLO. This
wire is typically white.
LXMG1612-05-XX OUTPUT CURRENT ADJUST
The LXMG1612-05 output current can be adjusted by changing the
value of two resistors on the PCB. The following table shows the
approximate new output current values:
Output Current
R12
R16
7.0mA
2.00K 1%
Not Used
6.0mA
2.61K 1%
Not Used
5.8mA
2.74K 1%
Not Used
5.0mA
2.74K 1%
499K 1%
4.0mA
2.74K 1%
178K 1%
3.0mA
2.74K 1%
78.7K 1%
C2
U1
C9
R7
C11
R14
R15
C15
C12
R11
C14
C13
R10
C16
C10
R13
R3
R4
C3
C4
R2
C5
C6
C8
R5
R6
C21
R38
R39
R41
R20
C7
R21
R34
R33
R30
U4
R16
R12
Figure 6- Component Replacement Locations


Similar Part No. - LXMG1612-05-02

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXMG1612-12-01 MICROSEMI-LXMG1612-12-01 Datasheet
132Kb / 6P
   12V Highly-Integrated, Digital Dimming CCFL Inverter Module
LXMG1612-12-02 MICROSEMI-LXMG1612-12-02 Datasheet
132Kb / 6P
   12V Highly-Integrated, Digital Dimming CCFL Inverter Module
LXMG1612-12-03 MICROSEMI-LXMG1612-12-03 Datasheet
132Kb / 6P
   12V Highly-Integrated, Digital Dimming CCFL Inverter Module
LXMG1612-12-XX MICROSEMI-LXMG1612-12-XX Datasheet
132Kb / 6P
   12V Highly-Integrated, Digital Dimming CCFL Inverter Module
More results

Similar Description - LXMG1612-05-02

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXM1612-05-XX MICROSEMI-LXM1612-05-XX Datasheet
247Kb / 6P
   5V Highly-Integrated, Digital Dimming CCFL Inverter Module
LXM1612-12-XX MICROSEMI-LXM1612-12-XX Datasheet
249Kb / 6P
   12V Highly-Integrated, Digital Dimming CCFL Inverter Module
LXMG1612-12-XX MICROSEMI-LXMG1612-12-XX Datasheet
132Kb / 6P
   12V Highly-Integrated, Digital Dimming CCFL Inverter Module
LXM1615-03-XX MICROSEMI-LXM1615-03-XX Datasheet
122Kb / 5P
   3.6/5V 2W, DIGITAL DIMMING CCFL INVERTER MODULE
LXMG1615-03-XX MICROSEMI-LXMG1615-03-XX Datasheet
149Kb / 6P
   3.6/5V 2W, DIGITAL DIMMING CCFL INVERTER MODULE
LXMG1611-01 MICROSEMI-LXMG1611-01 Datasheet
243Kb / 6P
   Digital Dimming CCFL Inverter Module
LXM1622-12-XX MICROSEMI-LXM1622-12-XX Datasheet
239Kb / 6P
   DUAL 5W, DIGITAL DIMMING CCFL INVERTER MODULE
LXM1621-XX MICROSEMI-LXM1621-XX Datasheet
219Kb / 8P
   DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
LXM1641-01 MICROSEMI-LXM1641-01 Datasheet
232Kb / 11P
   DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
LXMG1621-XX MICROSEMI-LXMG1621-XX Datasheet
307Kb / 10P
   DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com