Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A25L40P Datasheet(PDF) 23 Page - AMIC Technology

Part # A25L40P
Description  4 Mbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25L40P Datasheet(HTML) 23 Page - AMIC Technology

Back Button A25L40P Datasheet HTML 19Page - AMIC Technology A25L40P Datasheet HTML 20Page - AMIC Technology A25L40P Datasheet HTML 21Page - AMIC Technology A25L40P Datasheet HTML 22Page - AMIC Technology A25L40P Datasheet HTML 23Page - AMIC Technology A25L40P Datasheet HTML 24Page - AMIC Technology A25L40P Datasheet HTML 25Page - AMIC Technology A25L40P Datasheet HTML 26Page - AMIC Technology A25L40P Datasheet HTML 27Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
A25L40P Series
PRELIMINARY
(May, 2007, Version 0.4)
22
AMIC Technology Corp.
Figure 18. Release from Deep Power-down (RES) Instruction Sequence
S
C
D
1 2 3 45 6 7
0
Instruction
t
RES1
High Impedance
Q
Stand-by Mode
Deep Power-down Mode
Driving Chip Select ( S ) High after the 8-bit instruction byte
has been received by the device, but before the whole of the
8-bit Electronic Signature has been transmitted for the first
time (as shown in Figure 18.), still insures that the device is
put into Stand-by Power mode. If the device was not pre-
viously in the Deep Power-down mode, the transition to the
Stand-by Power mode is immediate. If the device was
previously in the Deep Power-down mode, though, the
transition to the Stand-by Power mode is delayed by tRES1,
and Chip Select ( S ) must remain High for at least tRES1 (max),
as specified in AC Characteristics Table. Once in the
Stand-by Power mode, the device waits to be selected, so
that it can receive, decode and execute instructions.


Similar Part No. - A25L40P

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A25L40PMF-50 AMICC-A25L40PMF-50 Datasheet
513Kb / 34P
   8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
A25L40PMF-50F AMICC-A25L40PMF-50F Datasheet
513Kb / 34P
   8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
A25L40PMF-50U AMICC-A25L40PMF-50U Datasheet
513Kb / 34P
   8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
A25L40PMF-50UF AMICC-A25L40PMF-50UF Datasheet
513Kb / 34P
   8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
A25L40PMW-50 AMICC-A25L40PMW-50 Datasheet
513Kb / 34P
   8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
More results

Similar Description - A25L40P

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A25L16P AMICC-A25L16P_07 Datasheet
510Kb / 38P
   16 Mbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
logo
STMicroelectronics
M25P40 STMICROELECTRONICS-M25P40 Datasheet
262Kb / 40P
   4 Mbit, Low Voltage, Serial Flash Memory With 40MHz SPI Bus Interface
logo
AMIC Technology
A25L20P AMICC-A25L20P Datasheet
544Kb / 43P
   2Mbit / 1Mbit / 512Kbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
logo
STMicroelectronics
M25P40 STMICROELECTRONICS-M25P40_07 Datasheet
497Kb / 53P
   4 Mbit, low voltage, serial Flash memory with 50 MHz SPI bus interface
logo
Numonyx B.V
M25P40 NUMONYX-M25P40 Datasheet
1,016Kb / 53P
   4 Mbit, low voltage, serial Flash memory with 50 MHz SPI bus interface
logo
STMicroelectronics
M25P80 STMICROELECTRONICS-M25P80 Datasheet
563Kb / 41P
   8 Mbit, Low Voltage, Serial Flash Memory With 40MHz SPI Bus Interface
August 2004
M25P64 STMICROELECTRONICS-M25P64_07 Datasheet
375Kb / 49P
   64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
M25P20 STMICROELECTRONICS-M25P20 Datasheet
395Kb / 50P
   2 Mbit, Low Voltage, Serial Flash Memory With 40MHz SPI Bus Interface
M25P64 STMICROELECTRONICS-M25P64 Datasheet
519Kb / 38P
   64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
M25P32 STMICROELECTRONICS-M25P32 Datasheet
506Kb / 39P
   32 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com