Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXM1618-12-6X Datasheet(PDF) 4 Page - Microsemi Corporation

Part # LXM1618-12-6X
Description  12V 6W CCFL Programmable Inverter Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LXM1618-12-6X Datasheet(HTML) 4 Page - Microsemi Corporation

  LXM1618-12-6X Datasheet HTML 1Page - Microsemi Corporation LXM1618-12-6X Datasheet HTML 2Page - Microsemi Corporation LXM1618-12-6X Datasheet HTML 3Page - Microsemi Corporation LXM1618-12-6X Datasheet HTML 4Page - Microsemi Corporation LXM1618-12-6X Datasheet HTML 5Page - Microsemi Corporation LXM1618-12-6X Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PRODUCTION DATASHEET
Microsemi
Integrated Products
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 4
Copyright
© 2002
Rev. 1.0b, 2005-01-17
PanelMatch
LXM1618-12-6x
12V 6W CCFL Programmable Inverter Module
I N TE G R A T E D
P R O D U C TS
TABLE 1
OUTPUT CURRENT SETTINGS
SET1
(Pin 7)
SET2
(Pin 8)
Nominal Output Current
Open*
Open*
8.0mA
Open*
Ground
7.0mA
Ground
Open*
6.0mA
Ground
Ground
5.0mA
* If driven by a logic signal it should be open collector or open drain only, not a voltage source.
PHY S IC AL D I M E N S ION S
L X M1618- 1 2 -6X
1.0mm
0.0394in.
Weight: (9g) typ .
7.5mm Max
0.295in.
Warning
High Voltage Present at
high side of Transformer
and Output Connector
100mm
3.94in.
GROUNDED MOUNTING HOLE
2.44MM –.08
DIA.
CN1
CN2
11mm
0.433in.
3.5mm
0.138in.
16mm
0.63in.
85mm
3.35in
12.5mm
0.492in
MOUNTING HOLE
2.44MM –.08
DIA.
PCB tolerances – 0.2mm , M2 or 2-56 recommended mounting screws
74mm –0.2mm
2.91in
All dimensions are in millimeters, inches for reference only
SI MPLIFI ED BLOCK DI AGRAM
Controller
and
Transformer
Driver
0.65 -
2V
DC
V
LO
V
HI
V
BRITE
SET
1
High Voltage
Transformer
I
SENSE
OV
SENSE
SET
2
+3V
10K
10K
10K
+3V
+3V
V
IN1
OC
SENSE


Similar Part No. - LXM1618-12-6X

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXM1618-12-41 MICROSEMI-LXM1618-12-41 Datasheet
182Kb / 6P
   12V 4W CCFL Programmable Inverter Module
LXM1618-12-42 MICROSEMI-LXM1618-12-42 Datasheet
182Kb / 6P
   12V 4W CCFL Programmable Inverter Module
LXM1618-12-43 MICROSEMI-LXM1618-12-43 Datasheet
182Kb / 6P
   12V 4W CCFL Programmable Inverter Module
LXM1618-12-4X MICROSEMI-LXM1618-12-4X Datasheet
182Kb / 6P
   12V 4W CCFL Programmable Inverter Module
More results

Similar Description - LXM1618-12-6X

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXMG1617A-12-6X MICROSEMI-LXMG1617A-12-6X Datasheet
182Kb / 6P
   12V 6W CCFL Programmable Inverter Module
LXMG1617A-12-6X MICROSEMI-LXMG1617A-12-6X_10 Datasheet
183Kb / 6P
   12V 6W CCFL Programmable Inverter Module
LXM1617-12-6X MICROSEMI-LXM1617-12-6X Datasheet
181Kb / 6P
   12V 6W CCFL Programmable Inverter Module
LXMG1813-12-6X MICROSEMI-LXMG1813-12-6X Datasheet
174Kb / 6P
   12V 6W CCFL Programmable Inverter Module
LXMG1618A-12-6X MICROSEMI-LXMG1618A-12-6X Datasheet
183Kb / 6P
   12V 6W CCFL Programmable Inverter Module
LXMG1618-12-6X MICROSEMI-LXMG1618-12-6X Datasheet
169Kb / 6P
   12V 6W CCFL Programmable Inverter Module
LXMG1813-12-6XS MICROSEMI-LXMG1813-12-6XS Datasheet
235Kb / 7P
   12V 6W CCFL Programmable Inverter Module
LXMG1617-12-6X MICROSEMI-LXMG1617-12-6X Datasheet
167Kb / 6P
   12V 6W CCFL Programmable Inverter Module
LXMG1643-12-64 MICROSEMI-LXMG1643-12-64 Datasheet
196Kb / 6P
   12V Quad 6W CCFL Programmable Inverter Module
LXM1643-12-63 MICROSEMI-LXM1643-12-63 Datasheet
180Kb / 6P
   12V Quad 6W CCFL Programmable Inverter Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com