Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXM1618-12-4X Datasheet(PDF) 5 Page - Microsemi Corporation

Part # LXM1618-12-4X
Description  12V 4W CCFL Programmable Inverter Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LXM1618-12-4X Datasheet(HTML) 5 Page - Microsemi Corporation

  LXM1618-12-4X Datasheet HTML 1Page - Microsemi Corporation LXM1618-12-4X Datasheet HTML 2Page - Microsemi Corporation LXM1618-12-4X Datasheet HTML 3Page - Microsemi Corporation LXM1618-12-4X Datasheet HTML 4Page - Microsemi Corporation LXM1618-12-4X Datasheet HTML 5Page - Microsemi Corporation LXM1618-12-4X Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PRODUCTION DATASHEET
Microsemi
Integrated Products
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 5
Copyright
© 2002
Rev. 1.0b, 2005-01-17
PanelMatch
LXM1618-12-4x
12V 4W CCFL Programmable Inverter Module
I N T E GRA T ED
PRODUCT S
TY PI CAL APPLI CATI O N
LXM1618-12-4x
12V
SET
2
GND
V
HI
V
LO
BRITE
V
IN1
SLEEP
SET
1
0.65V
to 2.0V
2.7K
20K
DAC or
Pot
CCFL
TUBE
NC
NC
Figure 1
– Brightness Control
(Output current set to maximum)
P.W .
10µs to 125µS
BRITE
LXM1618-12-4x
~26% < P.W. < 100% of
period
PW M Signal
from System
Figure 1A
– PWM Brightness Control
LXM1618-12-4x
SET
2
GND
V
HI
V
LO
SLEEP
SET
1
CCFL
TUBE
BRITE
12V
V
IN1
L
L
5.0mARMS
L
H
5.5mARMS
H
L
6.0mARMS
H
H
6.5mARMS
L=GND; H=Open
Figure 2
– Max Output Current
(SET1 and SET2 Inputs)
The brightness control may be a voltage output DAC or
other voltage source, a digital pot or 20K manual pot. The
inverter contains an internal 10K pull-up to 3V to bias the
pot add a 2.7K resistor to set the lower threshold voltage.
A 3.3V Logic Level PWM signal from a micro-controller
may also be used as shown in Figure 1A.
If you need to turn the inverter ON/OFF remotely, connect
to TTL logic signal to the
SLEEP input.
Connect VHI to high voltage wire from the lamp. Connect
VLO to the low voltage wire (wire with thinner insulation).
Never connect VLO to circuit ground as this will defeat
lamp current regulation. If both lamp wires have heavy
high voltage insulation, connect the longest wire to VLO.
This wire is typically white.
Use the SET1 and SET2 (see Figure 2) inputs to select
the desired maximum output current. Using these two pins
in combination allows the inverter to match a wide variety
of panels from different manufactures. Generally the best
lamp lifetime and efficiency correlates with driving the
CCFL at the manufactures nominal current setting.
However the SET1 and SET2 inputs allow the user the
flexibility to adjust the current to the maximum allowable
output current to increase panel brightness at the expense
of some reduced lamp life.
Although the SET pins are designed such that just
leaving them open or grounding them is all that is needed
to set the output current, they can also be actively set.
Using a open collector or open drain logic signal will allow
you to reduce the lamp current for situations where greater
dim range is required, as an example in nighttime
situations. In conjunction with a light sensor or other timer
the panel could be set to higher brightness (maximum
output current) for daytime illumination and lower
brightness
(minimum
or
typical
output
current)
at
nighttime. Since the dim ratio is a factor the peak output
current, using this technique the effective dim ratio can be
increased. Conversely the SET inputs could be used to
overdrive the lamp temporarily to facilitate faster lamp
warm up at initial lamp turn on. Of course any possible
degradation on lamp life from such practices is the users
responsibility as not all lamps are designed to be
overdriven.
The inverter has a built in fault timeout function. If the
output is open (lamp disconnected or broken) or shorted
the inverter will attempt to strike the lamp for several
seconds. After about 2 seconds without success the inverter
will shutdown.
In order to restart the inverter it is
necessary to toggle the sleep input or cycle the VIN1 input
supply


Similar Part No. - LXM1618-12-4X

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXM1618-12-61 MICROSEMI-LXM1618-12-61 Datasheet
188Kb / 6P
   12V 6W CCFL Programmable Inverter Module
LXM1618-12-62 MICROSEMI-LXM1618-12-62 Datasheet
188Kb / 6P
   12V 6W CCFL Programmable Inverter Module
LXM1618-12-63 MICROSEMI-LXM1618-12-63 Datasheet
188Kb / 6P
   12V 6W CCFL Programmable Inverter Module
LXM1618-12-6X MICROSEMI-LXM1618-12-6X Datasheet
188Kb / 6P
   12V 6W CCFL Programmable Inverter Module
More results

Similar Description - LXM1618-12-4X

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXMG1618A-12-4X MICROSEMI-LXMG1618A-12-4X Datasheet
182Kb / 6P
   12V 4W CCFL Programmable Inverter Module
LXM1617-12-4X MICROSEMI-LXM1617-12-4X Datasheet
182Kb / 6P
   12V 4W CCFL Programmable Inverter Module
LXMG1617A-12-4X MICROSEMI-LXMG1617A-12-4X_10 Datasheet
184Kb / 6P
   12V 4W CCFL Programmable Inverter Module
LXMG1617-12-4X MICROSEMI-LXMG1617-12-4X Datasheet
166Kb / 6P
   12V 4W CCFL Programmable Inverter Module
LXMG1617A-12-4X MICROSEMI-LXMG1617A-12-4X Datasheet
175Kb / 6P
   12V 4W CCFL Programmable Inverter Module
LXMG1618-12-4X MICROSEMI-LXMG1618-12-4X Datasheet
168Kb / 6P
   12V 4W CCFL Programmable Inverter Module
LXM1624-12-4X MICROSEMI-LXM1624-12-4X Datasheet
187Kb / 6P
   12V Dual 4W CCFL Programmable Inverter Module
LXMG1623-12-4X MICROSEMI-LXMG1623-12-4X Datasheet
171Kb / 6P
   12V Dual 4W CCFL Programmable Inverter Module
LXMG1624-12-4X MICROSEMI-LXMG1624-12-4X Datasheet
171Kb / 6P
   12V Dual 4W CCFL Programmable Inverter Module
LXM1623-12-4X MICROSEMI-LXM1623-12-4X Datasheet
198Kb / 7P
   12V Dual 4W CCFL Programmable Inverter Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com