Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8146R100KT5L.25XX Datasheet(PDF) 1 Page - Bi technologies

Part # 8146R100KT5L.25XX
Description  7/8 Diameter 10-Turn* Hybrid Precision Potentiometer / Position Sensor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

8146R100KT5L.25XX Datasheet(HTML) 1 Page - Bi technologies

  8146R100KT5L.25XX Datasheet HTML 1Page - Bi technologies 8146R100KT5L.25XX Datasheet HTML 2Page - Bi technologies 8146R100KT5L.25XX Datasheet HTML 3Page - Bi technologies 8146R100KT5L.25XX Datasheet HTML 4Page - Bi technologies 8146R100KT5L.25XX Datasheet HTML 5Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2
2-123
Model 8140 Series
MODEL 8140 SERIES
7/8” Diameter
10–Turn* Hybrid
Precision Potentiometer /
Position Sensor
ELECTRICAL
Resistance Range, Ohms
1K to 100K
Standard Resistance Tolerance
±10%
Minimum Practical Resistance Tolerance
±5%
Independent Linearity
±0.25%
Power Rating, Watts
2.0 at 70°C derating to 0 at 125°C
Dielectric Strength
1,000V rms
Insulation Resistance, Minimum
1,000 Megohms
Output Smoothness, Maximum
0.05%
≤5K Ohms, 0.03%>5K Ohms
Actual Electrical Travel, Nominal
3600°
Tap Tolerance (Voltage Tap Only)
±0.05% of input voltage
End Voltage, Maximum
0.2% of input voltage
Resolution
Essentially Infinite
Temperature Coefficient
+100ppm/°C, -150ppm/°C
ENVIRONMENTAL (MIL-R-12934)
Operating Temperature Range
Static: –55°C to +125°C
Dynamic: -40°C to +125°C
Temperature Cycling
5 cycles, –40°C to +125°C (5%
∆R)
Shock, 6ms Sawtooth
100G’s (0.1ms discontinuity max.)
Vibration
15G’s, 10 to 2,000 Hz (5%
∆R, 0.1ms discontinuity max.)
Moisture Resistance
Five 24 hour cycles (3%
∆R)
High Temperature Exposure
1,000 hours at 125°C (5%
∆R)
Rotational Load Life
5 mil. shaft rev. + 900 hrs. at rated wattage at 70°C (5%
∆R)
Rotational Life Model 8148 (1 pound Side Load)
5 mil. shaft rev. + 900 hrs. at rated wattage at 70°C (5%
∆R)
MODEL STYLES
8141
1/8” Shaft, 1/4” Bushing
8143
1/8” Shaft, Servo
8146
1/4” Shaft, 3/8” Bushing
8148 (for heavy side load applications) NEW PRODUCT
1/4” Shaft, 3/8” Bushing
Specifications subject to change without notice.
* Model available in 3 & 5 turn versions.


Similar Part No. - 8146R100KT5L.25XX

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
8146 MICRONETICS-8146 Datasheet
39Kb / 1P
   CONNECTORIZED ATTENUATOR
logo
Bi technologies
8146 BITECH-8146 Datasheet
217Kb / 4P
   Precision Potentiometer / Position Sensor
logo
Weidmuller
8146450000 WEIDMULLER-8146450000 Datasheet
1Mb / 52P
   SAK-series
More results

Similar Description - 8146R100KT5L.25XX

ManufacturerPart #DatasheetDescription
logo
Bi technologies
8136 BITECH-8136 Datasheet
61Kb / 3P
   7/8 Diameter Plastic 10-Turn Hybrid Precision Potentiometer / Position Sensor
6143 BITECH-6143 Datasheet
83Kb / 4P
   7/8 Diameter Single Turn Conductive Plastic Precision Potentiometer / Position Sensor
6187R10KT5L1.0 BITECH-6187R10KT5L1.0 Datasheet
374Kb / 3P
   7/8??Diameter Single Turn Conductive Plastic Precision Potentiometer Position Sensor
7280 BITECH-7280 Datasheet
77Kb / 5P
   7/8 Diameter 10-Turn Wirewound Precision Potentiometer
7281 BITECH-7281 Datasheet
345Kb / 4P
   7/8 Diameter 10-Turn Wirewound Precision Potentiometer
logo
List of Unclassifed Man...
7274 ETC1-7274 Datasheet
65Kb / 4P
   7/8 Diameter Plastic 10-Turn Wirewound Precision Potentiometer
logo
Bi technologies
7380 BITECH-7380 Datasheet
78Kb / 5P
   7/8 Diameter 3-Turn Wirewound Precision Potentiometer
7381 BITECH-7381 Datasheet
294Kb / 4P
   7/8 Diameter 3-Turn Wirewound Precision Potentiometer
7480 BITECH-7480 Datasheet
78Kb / 5P
   7/8 Diameter 5-Turn Wirewound Precision Potentiometer
7481 BITECH-7481 Datasheet
293Kb / 4P
   7/8 Diameter 5-Turn Wirewound Precision Potentiometer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com