Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA4663 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA4663
Description  Baseband delay line
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4663 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA4663 Datasheet HTML 2Page - NXP Semiconductors TDA4663 Datasheet HTML 3Page - NXP Semiconductors TDA4663 Datasheet HTML 4Page - NXP Semiconductors TDA4663 Datasheet HTML 5Page - NXP Semiconductors TDA4663 Datasheet HTML 6Page - NXP Semiconductors TDA4663 Datasheet HTML 7Page - NXP Semiconductors TDA4663 Datasheet HTML 8Page - NXP Semiconductors TDA4663 Datasheet HTML 9Page - NXP Semiconductors TDA4663 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
1996 Nov 22
6
Philips Semiconductors
Product specification
Baseband delay line
TDA4663T
Notes
1. Noise voltage at f = 10 kHz to 1 MHz; RS < 300 Ω.
2. The leading edge of the burst-key pulse or H-blanking pulse is used for timing.
αct(16, 11)
crosstalk direct from input to output
signal
V14 =0V; RS = 300 Ω;
V16 = 1.35 V (p-p)
30
−−
dB
SVRR
supply voltage ripple rejection
∆V11, 12/VR
VR = 100 mV (p-p);
fR = 10 Hz to 1 kHz;
V11, 12 = 1.35 V (p-p)
34
−−
dB
V11, 12(p-p)
clamping offset during H-clamp
(peak-to-peak value)
V14 =V16 =0V;
RS = 300 Ω
−−
5mV
V11, 12(p-p)
unwanted signals (line-locked)
(peak-to-peak value)
V14 =V16 =0V;
active video;
RS = 300 Ω
residual clock (3 MHz)
−−
6.25
mV
meander
−−
1.5
mV
needles
−−
2.5
mV
td
line delay time
for PAL signals
64
− 0.125 64 − 0.055 64 + 0.015 µs
for NTSC signals
63.555
0.125
63.555
0.055
63.555 +
0.015
µs
Sandcastle pulse input (pin 5)
fBK
burst-key frequency/sandcastle
frequency
14.2
15.625
17.0
kHz
V5
top pulse voltage
note 2
4.0
VP + 1.0
V
tBK
top pulse duration
2.5
−µs
Vslice
internal slicing level
V5 − 1.0
V5 − 0.5
V
Ii
input current
−−
10
µA
Ci
input capacitance
−−
10
pF
tli
lock-in time for PLL
−−
1ms
Clamping pulse input (pin 7)
Vclamp
clamping pulse ON
3.5
VP − 0.1
VP
V
clamping pulse OFF
−0.5
+0.1
+1.5
V
Ii
input current
−−
10
µA
Ci
input capacitance
−−
10
pF
tclamp
clamping pulse duration
0.1
2
3
µs
tr
rise time
10
−−
ns
tf
fall time
10
−−
ns
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Similar Part No. - TDA4663

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4660 PHILIPS-TDA4660 Datasheet
278Kb / 7P
   64 uS BASEBAND DELAY LINE
March 1991
TDA4660T PHILIPS-TDA4660T Datasheet
278Kb / 7P
   64 uS BASEBAND DELAY LINE
March 1991
TDA4661 PHILIPS-TDA4661 Datasheet
56Kb / 6P
   Baseband delay line
December 1994
TDA4661T PHILIPS-TDA4661T Datasheet
56Kb / 6P
   Baseband delay line
December 1994
TDA4662 PHILIPS-TDA4662 Datasheet
102Kb / 12P
   Baseband delay line
1996 Nov 14
More results

Similar Description - TDA4663

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4661 PHILIPS-TDA4661 Datasheet
56Kb / 6P
   Baseband delay line
December 1994
TDA4662 PHILIPS-TDA4662 Datasheet
102Kb / 12P
   Baseband delay line
1996 Nov 14
logo
Integral Corp.
ILA4661 INTEGRAL-ILA4661 Datasheet
107Kb / 2P
   BASEBAND DELAY LINE
logo
TEMIC Semiconductors
U3661M TEMIC-U3661M Datasheet
138Kb / 9P
   Baseband Delay Line
logo
NXP Semiconductors
TDA4665 PHILIPS-TDA4665 Datasheet
114Kb / 12P
   Baseband delay line
1996 Dec 17
logo
KODENSHI_AUK CORP.
KKA4661 KODENSHI-KKA4661 Datasheet
74Kb / 3P
   BASEBAND DELAY LINE
logo
NXP Semiconductors
TDA4660 PHILIPS-TDA4660 Datasheet
278Kb / 7P
   64 uS BASEBAND DELAY LINE
March 1991
logo
TEMIC Semiconductors
U3660M TEMIC-U3660M Datasheet
77Kb / 7P
   Baseband Delay Line (64 Us)
logo
Sony Corporation
CXL5520M SONY-CXL5520M Datasheet
120Kb / 9P
   CMOS-CCD Baseband 1H Delay Line
logo
TEMIC Semiconductors
U3665M TEMIC-U3665M Datasheet
131Kb / 9P
   Baseband Delay Line 64 us (Improved Version)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com