Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CNY64 Datasheet(PDF) 4 Page - Vishay Siliconix

Part No. CNY64
Description  Optocoupler, Phototransistor Output, Very High Isolation Voltage
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CNY64 Datasheet(HTML) 4 Page - Vishay Siliconix

  CNY64_05 Datasheet HTML 1Page - Vishay Siliconix CNY64_05 Datasheet HTML 2Page - Vishay Siliconix CNY64_05 Datasheet HTML 3Page - Vishay Siliconix CNY64_05 Datasheet HTML 4Page - Vishay Siliconix CNY64_05 Datasheet HTML 5Page - Vishay Siliconix CNY64_05 Datasheet HTML 6Page - Vishay Siliconix CNY64_05 Datasheet HTML 7Page - Vishay Siliconix CNY64_05 Datasheet HTML 8Page - Vishay Siliconix CNY64_05 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.vishay.com
4
Document Number 83540
Rev. 1.6, 26-Oct-04
VISHAY
CNY64/ CNY65/ CNY66
Vishay Semiconductors
Coupler
Insulation Rated Parameters
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Rated impulse voltage
VIOTM
8kV
Safety temperature
Tsi
150
°C
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Partial discharge test voltage -
Routine test
100 %, ttest = 1 s
Vpd
2.8
kV
Partial discharge test voltage -
Lot test (sample test)
tTr = 60 s, ttest = 10 s,
(see figure 2)
VIOTM
8kV
Vpd
2.2
kV
Insulation resistance
VIO = 500 V, Tamb = 25 °C
RIO
1012
VIO = 500 V, Tamb = 100 °C
RIO
1011
VIO = 500 V, Tamb = 150 °C
(construction test only)
RIO
109
Figure 1. Derating diagram
0
25
50
75
100
125
150
175
200
225
250
0
25
50
75
100 125 150 175 200
Tamb(°C )
95 10922
Psi (mW)
Isi (mA)
Figure 2. Test pulse diagram for sample test according to DIN EN
60747-5-2(VDE0884)/ DIN EN 60747-; IEC60747
t
13930
t1, t2 = 1 to 10 s
t3, t4 = 1 s
ttest = 10 s
tstres = 12 s
VIOTM
VPd
VIOWM
VIORM
0
t1
ttest
tTr = 60 s
tstres
t3
t4
t2


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn