Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CNY64 Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. CNY64
Description  Optocoupler, Phototransistor Output, Very High Isolation Voltage
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CNY64 Datasheet(HTML) 3 Page - Vishay Siliconix

  CNY64_05 Datasheet HTML 1Page - Vishay Siliconix CNY64_05 Datasheet HTML 2Page - Vishay Siliconix CNY64_05 Datasheet HTML 3Page - Vishay Siliconix CNY64_05 Datasheet HTML 4Page - Vishay Siliconix CNY64_05 Datasheet HTML 5Page - Vishay Siliconix CNY64_05 Datasheet HTML 6Page - Vishay Siliconix CNY64_05 Datasheet HTML 7Page - Vishay Siliconix CNY64_05 Datasheet HTML 8Page - Vishay Siliconix CNY64_05 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
VISHAY
CNY64/ CNY65/ CNY66
Document Number 83540
Rev. 1.6, 26-Oct-04
Vishay Semiconductors
www.vishay.com
3
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
Input
Output
Coupler
Current Transfer Ratio
Maximum Safety Ratings
(according to DIN EN 60747-5-2(VDE0884)/ DIN EN 60747-5-5 pending) see figure 1
This optocoupler is suitable for safe electrical isolation only within the safety ratings.
Compliance with the safety ratings shall be ensured by means of suitable protective circuits.
Input
Output
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 50 mA
VF
1.25
1.6
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
50
pF
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Collector emitter voltage
IC = 1 mA
VCEO
32
V
Emitter collector voltage
IE = 100 µA
VECO
7
V
Collector-emitter leakage
current
VCE = 20 V, If = 0
ICEO
200
nA
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Collector emitter saturation
voltage
IF = 10 mA, IC = 1 mA
VCEsat
0.3
V
Cut-off frequency
VCE = 5 V, IF = 10 mA,
RL = 100 Ω
fc
110
kHz
Coupling capacitance
f = 1 MHz
Ck
0.3
pF
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
IC/IF
VCE = 5 V, IF = 10 mA
CTR
50
300
%
CNY64A
CTR
63
125
%
CNY65A
CTR
63
125
%
CNY64B
CTR
100
200
%
CNY65B
CTR
100
200
%
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward current
IF
120
mA
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Power dissipation
Pdiss
250
mW


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn