Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CNY64 Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. CNY64
Description  Optocoupler, Phototransistor Output, Very High Isolation Voltage
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CNY64 Datasheet(HTML) 2 Page - Vishay Siliconix

  CNY64_05 Datasheet HTML 1Page - Vishay Siliconix CNY64_05 Datasheet HTML 2Page - Vishay Siliconix CNY64_05 Datasheet HTML 3Page - Vishay Siliconix CNY64_05 Datasheet HTML 4Page - Vishay Siliconix CNY64_05 Datasheet HTML 5Page - Vishay Siliconix CNY64_05 Datasheet HTML 6Page - Vishay Siliconix CNY64_05 Datasheet HTML 7Page - Vishay Siliconix CNY64_05 Datasheet HTML 8Page - Vishay Siliconix CNY64_05 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.vishay.com
2
Document Number 83540
Rev. 1.6, 26-Oct-04
VISHAY
CNY64/ CNY65/ CNY66
Vishay Semiconductors
Office machines (applied for reinforced isolation for mains voltage
400 VRMS)
VDE 0804
Telecommunication apparatus and data processing
IEC 60065
Safety for mains-operated electronic and related household appa-
ratus
VDE 0700/IEC 60335
Household equipment
VDE 0160
Electronic equipment for electrical power installation
VDE 0750/IEC 60601
Medical equipment
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Stresses in excess of the absolute Maximum Ratings can cause permanent damage to the device. Functional operation of the device is
not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
Maximum Rating for extended periods of the time can adversely affect reliability.
Input
Output
Coupler
Parameter
Test condition
Symbol
Value
Unit
Reverse voltage
VR
5
V
Forward current
IF
75
mA
Forward surge current
tp ≤ 10 µsIFSM
1.5
A
Power dissipation
Pdiss
120
mW
Junction temperature
Tj
100
°C
Parameter
Test condition
Symbol
Value
Unit
Collector emitter voltage
VCEO
32
V
Emitter collector voltage
VECO
7
V
Collector current
IC
50
mA
Collector peak current
tp/T = 0.5, tp ≤ 10 ms
ICM
100
mA
Power dissipation
Pdiss
130
mW
Junction temperature
Tj
100
°C
Parameter
Test condition
Symbol
Value
Unit
AC isolation test voltage (RMS)
t = 1 min
VISO
8.2
kV
Total power dissipation
Ptot
250
mW
Ambient temperature range
Tamb
- 55 to + 85
°C
Storage temperature range
Tstg
- 55 to + 100
°C
Soldering temperature
2 mm from case, t
≤ 10 s
Tsld
260
°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn