Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CNY64 Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. CNY64
Description  Optocoupler, Phototransistor Output, Very High Isolation Voltage
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CNY64 Datasheet(HTML) 1 Page - Vishay Siliconix

  CNY64_05 Datasheet HTML 1Page - Vishay Siliconix CNY64_05 Datasheet HTML 2Page - Vishay Siliconix CNY64_05 Datasheet HTML 3Page - Vishay Siliconix CNY64_05 Datasheet HTML 4Page - Vishay Siliconix CNY64_05 Datasheet HTML 5Page - Vishay Siliconix CNY64_05 Datasheet HTML 6Page - Vishay Siliconix CNY64_05 Datasheet HTML 7Page - Vishay Siliconix CNY64_05 Datasheet HTML 8Page - Vishay Siliconix CNY64_05 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
CNY64/ CNY65/ CNY66
Document Number 83540
Rev. 1.6, 26-Oct-04
Vishay Semiconductors
www.vishay.com
1
C
E
A
C
Top View
17187
65
66
64
V
DE
Pb
Pb-free
e4
Optocoupler, Phototransistor Output, Very High Isolation
Voltage
Features
• Rated isolation voltage (RMS includes DC)
VIOWM = 1000 VRMS (1450 V peak)
• Rated recurring peak voltage (repetitive)
VIORM = 1000 VRMS
• Thickness through insulation
≥ 3 mm
• Creepage current resistance according to VDE
0303/IEC 60112 Comparative Tracking Index:
CTI
≥ 200
• Lead-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Agency Approvals
• UL1577, File No. E76222 System Code H,J &K,
Double Protection
• DIN EN 60747-5-2 (VDE0884)
DIN EN 60747-5-5 pending
• VDE related features:
• Rated impulse voltage (transient overvoltage)
VIOTM = 8 kV peak
• Isolation test voltage (partial discharge test volt-
age) Vpd = 2.8 kV peak
Applications
Circuits for safe protective separation against electri-
cal shock according to safety class II (reinforced iso-
lation):
For appl. class I - IV at mains voltage
≤ 300 V
For appl. class I - IV at mains voltage
≤ 600 V
For appl. class I - III at mains voltage
≤ 1000 V accord-
ing to DIN EN 60747-5-2(VDE0884)/ DIN EN 60747-
5-5 pending, table 2, suitable for:
Switch-mode power supplies, line receiver, computer
peripheral interface, microprocessor system inter-
face.
Order Information
Description
The CNY64/ CNY65/ CNY66 consist of a phototrans-
istor optically coupled to a gallium arsenide infrared-
emitting diode in a 4-pin plastic package.
The single components are mounted opposite one
another, providing a distance between input and out-
put for highest safety requirements of > 3 mm.
VDE Standards
These couplers perform safety functions according to the following
equipment standards:
DIN EN 60747-5-2(VDE0884)/ DIN EN 60747-5-5
pending
Optocoupler for electrical safety requirements
IEC 60950/EN 60950
Part
Remarks
CNY64
CTR 50 - 300 %, High Isolation Distance, 4 PIN
CNY65
CTR 50 - 300 %, High Isolation Distance, 4 PIN
CNY66
CTR 50 - 300 %, High Isolation Distance, 4 PIN
CNY64A
CTR 63 - 125 %, High Isolation Distance, 4 PIN
CNY65A
CTR 63 - 125 %, High Isolation Distance, 4 PIN
CNY64B
CTR 100 - 200 %, High Isolation Distance, 4 PIN
CNY65B
CTR 100 - 200 %, High Isolation Distance, 4 PIN


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn