Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CNY64 Datasheet(PDF) 6 Page - Vishay Siliconix

Part No. CNY64
Description  Optocoupler, Phototransistor Output, Very High Isolation Voltage
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CNY64 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button CNY64_05 Datasheet HTML 2Page - Vishay Siliconix CNY64_05 Datasheet HTML 3Page - Vishay Siliconix CNY64_05 Datasheet HTML 4Page - Vishay Siliconix CNY64_05 Datasheet HTML 5Page - Vishay Siliconix CNY64_05 Datasheet HTML 6Page - Vishay Siliconix CNY64_05 Datasheet HTML 7Page - Vishay Siliconix CNY64_05 Datasheet HTML 8Page - Vishay Siliconix CNY64_05 Datasheet HTML 9Page - Vishay Siliconix CNY64_05 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
www.vishay.com
6
Document Number 83540
Rev. 1.6, 26-Oct-04
VISHAY
CNY64/ CNY65/ CNY66
Vishay Semiconductors
Typical Characteristics (Tamb = 25
°C unless otherwise specified)
Figure 6. Total Power Dissipation vs. Ambient Temperature
Figure 7. Forward Current vs. Forward Voltage
Figure 8. Relative Current Transfer Ratio vs. Ambient
Temperature
025
50
75
0
40
80
120
200
100
Tamb– Ambient Temperature (°C )
160
Coupled Device
Phototransistor
IR-Diode
95 11003
0.1
1
10
100
1000
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
VF - Forward Voltage(V)
96 11862
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
–30 –20 –10 0 1020 304050607080
Tamb – Ambient Temperature ( °C )
96 11911
VCE=5V
IF=10mA
Figure 9. Collector Dark Current vs. Ambient Temperature
Figure 10. Collector Current vs. Forward Current
Figure 11. Collector Current vs. Collector Emitter Voltage
1
10
100
1000
0
1020 3040 5060 7080 90 100
Tamb – Ambient Temperature (°C )
96 12000
VCE=20V
IF=0
0.1
1
10
0.01
0.1
1
100
IF – Forward Current ( mA )
100
95 11012
10
VCE=5V
0.1
1
10
0.1
1
10
100
VCE – Collector Emitter Voltage(V)
100
95 11013
5mA
2mA
1mA
IF=50mA
10mA


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn