Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CNY64 Datasheet(PDF) 5 Page - Vishay Siliconix

Part No. CNY64
Description  Optocoupler, Phototransistor Output, Very High Isolation Voltage
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CNY64 Datasheet(HTML) 5 Page - Vishay Siliconix

  CNY64_05 Datasheet HTML 1Page - Vishay Siliconix CNY64_05 Datasheet HTML 2Page - Vishay Siliconix CNY64_05 Datasheet HTML 3Page - Vishay Siliconix CNY64_05 Datasheet HTML 4Page - Vishay Siliconix CNY64_05 Datasheet HTML 5Page - Vishay Siliconix CNY64_05 Datasheet HTML 6Page - Vishay Siliconix CNY64_05 Datasheet HTML 7Page - Vishay Siliconix CNY64_05 Datasheet HTML 8Page - Vishay Siliconix CNY64_05 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
VISHAY
CNY64/ CNY65/ CNY66
Document Number 83540
Rev. 1.6, 26-Oct-04
Vishay Semiconductors
www.vishay.com
5
Switching Characteristics
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Delay time
VS = 5 V, IC = 5 mA, RL = 100 Ω
(see figure 3)
td
2.6
µs
Rise time
VS = 5 V, IC = 5 mA, RL = 100 Ω
(see figure 3)
tr
2.4
µs
Fall time
VS = 5 V, IC = 5 mA, RL = 100 Ω
(see figure 3)
tf
2.7
µs
Storage time
VS = 5 V, IC = 5 mA, RL = 100 Ω
(see figure 3)
ts
0.3
µs
Turn-on time
VS = 5 V, IC = 5 mA, RL = 100 Ω
(see figure 3)
ton
5.0
µs
Turn-off time
VS = 5 V, IC = 5 mA, RL = 100 Ω
(see figure 3)
toff
3.0
µs
Turn-on time
VS = 5 V, IF = 10 mA, RL = 1 kΩ
(see figure 4)
ton
25.0
µs
Turn-off time
VS = 5 V, IF = 10 mA, RL = 1 kΩ
(see figure 4)
toff
42.5
µs
Figure 3. Test circuit, non-saturated operation
Figure 4. Test circuit, saturated operation
Channel I
Channel II
95 10900
RG = 50 W
tp
tp = 50 s
T
= 0.01
+ 5 V
IC = 5 mA; adjusted through
input amplitude
IF
0
IF
50
W
100
W
Oscilloscope
RL 1 MW
CL 20 pF
Channel I
Channel II
95 10843
RG =50
tp
tp =50 s
T
= 0.01
+5V
IC
IF
0
50
1k
IF =10mA
Oscilloscope
RL
CL 20 pF
M
1
µ
Figure 5. Switching Times
tp
t
t
0
0
10%
90%
100%
tr
td
ton
ts
tf
toff
IF
IC
96 11698
tp
pulse duration
td
delay time
tr
rise time
ton (= td +tr)
turn-on time
ts
storage time
tf
fall time
toff (= ts +tf)
turn-off time


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn