Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8140 Datasheet(PDF) 2 Page - Bi technologies

Part # 8140
Description  7/8 Diameter 10-Turn* Hybrid Precision Potentiometer / Position Sensor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

8140 Datasheet(HTML) 2 Page - Bi technologies

  8140 Datasheet HTML 1Page - Bi technologies 8140 Datasheet HTML 2Page - Bi technologies 8140 Datasheet HTML 3Page - Bi technologies 8140 Datasheet HTML 4Page - Bi technologies 8140 Datasheet HTML 5Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2-124
Model 8140 Series
MECHANICAL
Total Mechanical Travel
3600° + 15° – 0°
Number of Gangs, Maximum
2
Weight, Nominal (single gang)
0.75 oz.
Backlash, Maximum
8141, 8146
8143
Static Stop Strength
60 oz.-in.
36 oz.-in.
Panel Nut Tightening Torque, Maximum
25 lb.-in.
NA
Shaft End Play, Maximum
.010”
.005”
Shaft Runout, T.I.R., Maximum
.003”
.002”
Pilot Diameter Runout, T.I.R., Maximum
.004”
.002”
Lateral Runout, T.I.R., Maximum
.005”
.004”
Shaft Radial Play, Maximum
.003”
.002”
Start/Run Torque, Maximum (per gang)
0.8 oz.-in.
0.6 oz.-in.
STANDARD RESISTANCE VALUES, OHMS
1K
2K
5K
10K
20K
50K
100K
METRIC CONVERSIONS
1 in.
25.4 mm
1 oz.
28.4 gm
1 oz.-in.
0,007 N-m
1 lb.-in.
0,113 N-m


Similar Part No. - 8140

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
8140 TTELEC-8140 Datasheet
1,006Kb / 4P
   Multi-Turn Precision Potentiometer
logo
Heyco.
8140 HEYCO-8140 Datasheet
187Kb / 1P
   Ring and Spade Terminals
logo
Christian Bürkert GmbH ...
8140 BURKERT-8140 Datasheet
1Mb / 17P
   Radar filling level meter for liquids and bulk solids suitable for use in applications with aggressive fluids or with hygienic requirements
24.01.2024
logo
Unisonic Technologies
8140-AB3-D-B UTC-8140-AB3-D-B Datasheet
201Kb / 6P
   POWER RESET IC
8140-AB3-D-K UTC-8140-AB3-D-K Datasheet
201Kb / 6P
   POWER RESET IC
More results

Similar Description - 8140

ManufacturerPart #DatasheetDescription
logo
Bi technologies
8136 BITECH-8136 Datasheet
61Kb / 3P
   7/8 Diameter Plastic 10-Turn Hybrid Precision Potentiometer / Position Sensor
6143 BITECH-6143 Datasheet
83Kb / 4P
   7/8 Diameter Single Turn Conductive Plastic Precision Potentiometer / Position Sensor
6187R10KT5L1.0 BITECH-6187R10KT5L1.0 Datasheet
374Kb / 3P
   7/8??Diameter Single Turn Conductive Plastic Precision Potentiometer Position Sensor
7280 BITECH-7280 Datasheet
77Kb / 5P
   7/8 Diameter 10-Turn Wirewound Precision Potentiometer
7281 BITECH-7281 Datasheet
345Kb / 4P
   7/8 Diameter 10-Turn Wirewound Precision Potentiometer
logo
List of Unclassifed Man...
7274 ETC1-7274 Datasheet
65Kb / 4P
   7/8 Diameter Plastic 10-Turn Wirewound Precision Potentiometer
logo
Bi technologies
7380 BITECH-7380 Datasheet
78Kb / 5P
   7/8 Diameter 3-Turn Wirewound Precision Potentiometer
7381 BITECH-7381 Datasheet
294Kb / 4P
   7/8 Diameter 3-Turn Wirewound Precision Potentiometer
7480 BITECH-7480 Datasheet
78Kb / 5P
   7/8 Diameter 5-Turn Wirewound Precision Potentiometer
7481 BITECH-7481 Datasheet
293Kb / 4P
   7/8 Diameter 5-Turn Wirewound Precision Potentiometer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com