Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7700 Datasheet(PDF) 6 Page - Bi technologies

Part # 7700
Description  Power Factor Correction Power Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

7700 Datasheet(HTML) 6 Page - Bi technologies

  7700 Datasheet HTML 1Page - Bi technologies 7700 Datasheet HTML 2Page - Bi technologies 7700 Datasheet HTML 3Page - Bi technologies 7700 Datasheet HTML 4Page - Bi technologies 7700 Datasheet HTML 5Page - Bi technologies 7700 Datasheet HTML 6Page - Bi technologies 7700 Datasheet HTML 7Page - Bi technologies 7700 Datasheet HTML 8Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
7-24
Model 7700 Series
3.050 Max.
2.560
Pin .050 x .020
14 Places
.505
±.010
.950
1.440 Max.
.075 Ref.
Date Code
Lot Number
Part Number
.160 Ref.
1.100
±.015
R .235
∅ .280
∅ .150
.150
.286
Pin 14
Pin 1
.515 Ref.
.361
.154
±.015
.330
6X .175
6X .275
OUTLINE DIMENSIONS (Inch)
77
0
0
B
Model
Package
Range, Watts:
B = 1,500 to 3,000 Watts
-2A = 2,000 to 4,000 Watts
Circuit Function:
0 = Power Factor Correction
ORDERING INFORMATION


Similar Part No. - 7700

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7700 ETC2-7700 Datasheet
545Kb / 1P
   PC SCREW TERMINALS
logo
3M Electronics
7700 3M-7700 Datasheet
177Kb / 8P
   3M??Novec??7700 Engineered Fluid
logo
Littelfuse
7700 LITTELFUSE-7700 Datasheet
420Kb / 1P
   FOOT OPERATED SWITCHES
2019 Rev: 021119
logo
Bi technologies
7700-2A BITECH-7700-2A Datasheet
237Kb / 6P
   PFC DESIGN TIPS & TECHNIQUES
7700-2A BITECH-7700-2A Datasheet
87Kb / 8P
   Power Factor Correction Power Module
More results

Similar Description - 7700

ManufacturerPart #DatasheetDescription
logo
Bi technologies
7720 BITECH-7720 Datasheet
59Kb / 4P
   Power Factor Correction Module
7720-1A BITECH-7720-1A Datasheet
60Kb / 4P
   Power Factor Correction Module
7700B BITECH-7700B Datasheet
87Kb / 8P
   Power Factor Correction Power Module
logo
Sensitron
PFCM-1500M SENSITRON-PFCM-1500M Datasheet
196Kb / 5P
   HERMETIC POWER FACTOR CORRECTION MODULE
logo
Astrodyne Corporation
PFC-375 ASTRODYNE-PFC-375 Datasheet
546Kb / 7P
   Univerter짰 Power Factor Correction Module
logo
IXYS Corporation
VUM33-06PH IXYS-VUM33-06PH Datasheet
344Kb / 8P
   Module for Power Factor Correction
logo
Sensitron
PFCM-1500C SENSITRON-PFCM-1500C Datasheet
198Kb / 5P
   NON-HERMETIC POWER FACTOR CORRECTION MODULE
logo
Powersem GmbH
PSBI9 POWERSEM-PSBI9 Datasheet
291Kb / 2P
   Rectifier Module for Power Factor Correction
PSBI30 POWERSEM-PSBI30 Datasheet
127Kb / 2P
   Rectifier Module for Power Factor Correction
PSBI33 POWERSEM-PSBI33 Datasheet
93Kb / 2P
   Rectifier Module for Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com