Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6143R1KT5L1.0XX Datasheet(PDF) 3 Page - Bi technologies

Part # 6143R1KT5L1.0XX
Description  7/8 Diameter Single Turn Conductive Plastic Precision Potentiometer / Position Sensor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

6143R1KT5L1.0XX Datasheet(HTML) 3 Page - Bi technologies

  6143R1KT5L1.0XX Datasheet HTML 1Page - Bi technologies 6143R1KT5L1.0XX Datasheet HTML 2Page - Bi technologies 6143R1KT5L1.0XX Datasheet HTML 3Page - Bi technologies 6143R1KT5L1.0XX Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2
2-61
Model 6143, 6163
OUTLINE DIMENSIONS (Inch/mm)
+.0000
-.0003
+0.000
-0.008
.1248
3.170
Dia.
Adjustment Slot (Optional)
.032
±.005
.032
±.005
0.81
±0.13
0.81
±0.13
Wide x
Deep
CCW
CW
Slider
.187
±.015
4.75
±0.38
R.
45
°±5°
Typ.
.595
±.015
15.1
±0.38
Mounting Surface
.500
±.031
12.7
±0.79
.875
±.005
22.2
±0.13
Dia.
Dia.
Dia.
+.0000
-.0005
+0.0000
-0.0127
.7500
19.050
Chamfer
.010
±.005
0.25
±0.13
Max. x 45
°
.750
±.005
19.1
±0.13
.062
±.005
1.58
±0.13
.062
±.005
1.58
±0.13
.062
±.005
1.58
±0.13
.840
±.005
21.3
±0.13
Dia.
.500
12.7
Max.


Similar Part No. - 6143R1KT5L1.0XX

ManufacturerPart #DatasheetDescription
logo
Bi technologies
6143 BITECH-6143 Datasheet
196Kb / 3P
   Potentiometer / Position Sensor
logo
TT Electronics.
6143 TTELEC-6143 Datasheet
725Kb / 3P
   Single-Turn Precision Potentiometer
logo
Infineon Technologies A...
6143D INFINEON-6143D Datasheet
262Kb / 16P
   Smart Highside Power Switch
2003-Oct-01
logo
Bi technologies
6143 BITECH-6143_13 Datasheet
196Kb / 3P
   Potentiometer / Position Sensor
More results

Similar Description - 6143R1KT5L1.0XX

ManufacturerPart #DatasheetDescription
logo
Bi technologies
6187R10KT5L1.0 BITECH-6187R10KT5L1.0 Datasheet
374Kb / 3P
   7/8??Diameter Single Turn Conductive Plastic Precision Potentiometer Position Sensor
6130 BITECH-6130 Datasheet
59Kb / 3P
   Low Profile 7/8 Diameter Single Turn Conductive Plastic Bronze Bearing Position Sensor Precision Potentiometer
8136 BITECH-8136 Datasheet
61Kb / 3P
   7/8 Diameter Plastic 10-Turn Hybrid Precision Potentiometer / Position Sensor
6370 BITECH-6370 Datasheet
61Kb / 4P
   1-5/16 Diameter Single Turn Conductive Plastic Precision Potentiometer / Position Sensor
3371 BITECH-3371 Datasheet
75Kb / 3P
   1-5/16 Diameter Single Turn Conductive Plastic Precision Potentiometer / Position Sensor
8140 BITECH-8140 Datasheet
76Kb / 5P
   7/8 Diameter 10-Turn* Hybrid Precision Potentiometer / Position Sensor
5100 BITECH-5100 Datasheet
104Kb / 4P
   7/8 Diameter Single Turn Wirewound Precision Potentiometer
logo
List of Unclassifed Man...
7274 ETC1-7274 Datasheet
65Kb / 4P
   7/8 Diameter Plastic 10-Turn Wirewound Precision Potentiometer
logo
Vishay Siliconix
MODEL708 VISHAY-MODEL708 Datasheet
252Kb / 4P
   7/8inch (22.2 mm) Single Turn Conductive Plastic Precision Potentiometer
Revision: 02-Jul-07
logo
Bi technologies
7380 BITECH-7380 Datasheet
78Kb / 5P
   7/8 Diameter 3-Turn Wirewound Precision Potentiometer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com