Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA4655T Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDA4655T
Description  Generic multi-standard decoder
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4655T Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA4655T Datasheet HTML 7Page - NXP Semiconductors TDA4655T Datasheet HTML 8Page - NXP Semiconductors TDA4655T Datasheet HTML 9Page - NXP Semiconductors TDA4655T Datasheet HTML 10Page - NXP Semiconductors TDA4655T Datasheet HTML 11Page - NXP Semiconductors TDA4655T Datasheet HTML 12Page - NXP Semiconductors TDA4655T Datasheet HTML 13Page - NXP Semiconductors TDA4655T Datasheet HTML 14Page - NXP Semiconductors TDA4655T Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
June 1993
11
Philips Semiconductors
Preliminary specification
Generic multi-standard decoder
TDA4655
Table 1
Specification of quartz crystals in HC-49/U13 holder; standard application.
SYMBOL
PARAMETER
VALUE
UNIT
9922 520 00385
9922 520 00387
fn
nominal frequency
8.867570
7.159090
MHz
CL
load capacitance
series resonance
∆fn
adjustment tolerance of fn at +25 °C
±20
ppm
Rr
resonance resistance over temperature range
≤ 60
Rdld max
in the drive level range between 10−12 W and 1.0
× 10−3 W,
the resonance resistance may not exceed (at
+25 °C) the
value of Rdld max
tbn
tbn
Rn
resonance resistance of unwanted response
2Rr (+25°C)
C1
motional capacitance (
±20%)
14.0
19.5
fF
C0
parallel capacitance (
±20%)
3.6
4.4
pF
Tamb
operating ambient temperature
−10 to +60
°C
∆fn
frequency tolerance over temperature
±20
ppm


Similar Part No. - TDA4655T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4650 PHILIPS-TDA4650 Datasheet
147Kb / 13P
   Multistandard colour decoder, with negative colour difference output signals
March 1991
TDA4650WP PHILIPS-TDA4650WP Datasheet
147Kb / 13P
   Multistandard colour decoder, with negative colour difference output signals
March 1991
TDA4651 PHILIPS-TDA4651 Datasheet
147Kb / 15P
   Multistandard colour decoder with negative colour difference output signals
August 1993
TDA4651WP PHILIPS-TDA4651WP Datasheet
147Kb / 15P
   Multistandard colour decoder with negative colour difference output signals
August 1993
TDA4657 PHILIPS-TDA4657 Datasheet
121Kb / 17P
   Generic multi-standard decoder
June 1993
More results

Similar Description - TDA4655T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4657 PHILIPS-TDA4657 Datasheet
121Kb / 17P
   Generic multi-standard decoder
June 1993
logo
Cirrus Logic
CS49400 CIRRUS-CS49400 Datasheet
1Mb / 100P
   Multi-Standard Audio Decoder Family
CS49300 CIRRUS-CS49300_06 Datasheet
1Mb / 90P
   Multi-Standard Audio Decoder Family
CS49300 CIRRUS-CS49300 Datasheet
1Mb / 86P
   Multi-Standard Audio Decoder Family
logo
Silicon image
MSVD-HD SILICONIMAGE-MSVD-HD Datasheet
178Kb / 2P
   Multi-Standard High-Definition Video Decoder
logo
STMicroelectronics
STA660 STMICROELECTRONICS-STA660 Datasheet
212Kb / 8P
   DAB/DAB/DMB-A multi-standard digital radio decoder
February 2019 Rev 1
logo
List of Unclassifed Man...
TW9903 ETC-TW9903 Datasheet
630Kb / 74P
   TW9903-Multi-standard Video Decoder With High Quality Down Scaler
logo
Fujitsu Component Limit...
MB86H01 FUJITSU-MB86H01 Datasheet
140Kb / 2P
   SD Multi-Standard Decoder for Set-Top-Box and iDTV
logo
Synaptics Incorporated.
CX25850 CONEXANT-CX25850 Datasheet
187Kb / 2P
   Multi-Channel Video Decoder
logo
Toshiba Semiconductor
TC90104AFG TOSHIBA-TC90104AFG Datasheet
750Kb / 16P
   Multi System Video Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com