Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM6315SGW13F Datasheet(PDF) 9 Page - STMicroelectronics

Part # STM6315SGW13F
Description  Open drain microprocessor reset
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6315SGW13F Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STM6315SGW13F Datasheet HTML 5Page - STMicroelectronics STM6315SGW13F Datasheet HTML 6Page - STMicroelectronics STM6315SGW13F Datasheet HTML 7Page - STMicroelectronics STM6315SGW13F Datasheet HTML 8Page - STMicroelectronics STM6315SGW13F Datasheet HTML 9Page - STMicroelectronics STM6315SGW13F Datasheet HTML 10Page - STMicroelectronics STM6315SGW13F Datasheet HTML 11Page - STMicroelectronics STM6315SGW13F Datasheet HTML 12Page - STMicroelectronics STM6315SGW13F Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
STM6315
Typical operating characteristics
9/21
3
Typical operating characteristics
Note:
Typical values are at TA = 25°C.
Figure 7.
Supply current vs. supply voltage, VRST = 2.63V
Figure 8.
Supply current vs. temperature (no load), VRST = 2.63V
Supply Voltage, VCC (V)
AI11871c
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
2.75
3.00
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Temperature, TA (°C)
AI11872c
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
–40
–20
0
20
40
60
80
100
120
VCC = 2V
VCC = 3V
VCC = 4V
VCC = 5V


Similar Part No. - STM6315SGW13F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM6315SGW13F STMICROELECTRONICS-STM6315SGW13F Datasheet
172Kb / 21P
   Open Drain Microprocessor Reset
More results

Similar Description - STM6315SGW13F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM6315 STMICROELECTRONICS-STM6315 Datasheet
172Kb / 21P
   Open Drain Microprocessor Reset
logo
Microchip Technology
MIC6315 MICROCHIP-MIC6315 Datasheet
847Kb / 15P
   Open-Drain Microprocessor Reset Circuit
09/14/21
logo
Micrel Semiconductor
MIC803 MICREL-MIC803_15 Datasheet
612Kb / 12P
   3-Pin Microprocessor Supervisor Circuit with Open-Drain Reset Output
MIC803 MICREL-MIC803 Datasheet
258Kb / 10P
   3-Pin Microprocessor Supervisor Circuit with Open-Drain Reset Output
MIC6315 MICREL-MIC6315 Datasheet
66Kb / 6P
   Open-Drain UP Reset Circuit
MIC6315 MICREL-MIC6315_08 Datasheet
349Kb / 6P
   Open-Drain 關P Reset Circuit
MIC6315 MICREL-MIC6315_14 Datasheet
523Kb / 8P
   Open-Drain 關P Reset Circuit
MIC6315 MICREL-MIC6315_05 Datasheet
255Kb / 6P
   Open-Drain 關P Reset Circuit
logo
Maxim Integrated Produc...
MAX6315US30D3 MAXIM-MAX6315US30D3 Datasheet
536Kb / 7P
   Open-Drain SOT muP Reset Circuit
Rev 3; 12/05
logo
ON Semiconductor
ASM1233D ONSEMI-ASM1233D Datasheet
142Kb / 10P
   Reset Active LOW Open-Drain Output
August, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com