Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST1S03PM Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST1S03PM
Description  1.5A, 1.5 MHz adjustable, step-down switching regulator in DFN6
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S03PM Datasheet(HTML) 1 Page - STMicroelectronics

  ST1S03PM Datasheet HTML 1Page - STMicroelectronics ST1S03PM Datasheet HTML 2Page - STMicroelectronics ST1S03PM Datasheet HTML 3Page - STMicroelectronics ST1S03PM Datasheet HTML 4Page - STMicroelectronics ST1S03PM Datasheet HTML 5Page - STMicroelectronics ST1S03PM Datasheet HTML 6Page - STMicroelectronics ST1S03PM Datasheet HTML 7Page - STMicroelectronics ST1S03PM Datasheet HTML 8Page - STMicroelectronics ST1S03PM Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
March 2007
Rev. 5
1/17
17
ST1S03
1.5A, 1.5 MHz adjustable, step-down switching regulator in DFN6
Features
Step-down current mode PWM (1.5MHz)
DC-DC converter
2% DC output voltage tolerance
Internal soft start for START-UP current
limitation and power on delay of 50-100µs
Typical efficiency: > 70% over all operating
conditions
1.5A Output current capability
Not switching quiescent current: max 2.5mA
over temperature range
Switch VDS: max 350mV @ ISW=750mA
Uses tiny capacitors and inductors
Available in DFN 3x3 exposed pad
Description
The ST1S03 is a step down DC-DC converter
optimized for powering low-voltage digital core in
HDD applications and, generally, to replace the
high current linear solution when the power
dissipation may cause an high heating of the
application environment. It provides up to 1.5A
over an input voltage range of 3V to 16V. An high
switching frequency (1.5MHz) allows the use of
tiny surface-mount components: as well as the
resistor divider to set the output voltage value,
only an inductor, a schottky diode and two
capacitors are required. Besides, a low output
ripple is guaranteed by the current mode PWM
topology and by the use of low E.S.R. SMD
ceramic capacitors. The device is thermal
protected and current limited to prevent damages
due to accidental short circuit. The ST1S03 is
available in DFN6.
DFN6 (3x3mm)
www.st.com
Order codes
Part number
Packaging
Package
ST1S03PM
ST1S03PMR
DFN6 (3x3 mm)
ST1S03PU
ST1S03PUR
DFN6D (3x3 mm)


Similar Part No. - ST1S03PM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1S03PM STMICROELECTRONICS-ST1S03PM Datasheet
538Kb / 11P
   1.5A, 1.5 MHZ ADJUSTABLE, STEP-DOWN SWITCHING REGULATOR IN DFN6
ST1S03PM STMICROELECTRONICS-ST1S03PM Datasheet
346Kb / 17P
   1.5A, 1.5 MHz adjustable, step-down switching regulator in DFN6
ST1S03PMR STMICROELECTRONICS-ST1S03PMR Datasheet
346Kb / 17P
   1.5A, 1.5 MHz adjustable, step-down switching regulator in DFN6
More results

Similar Description - ST1S03PM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1S03PMR STMICROELECTRONICS-ST1S03PMR Datasheet
346Kb / 17P
   1.5A, 1.5 MHz adjustable, step-down switching regulator in DFN6
ST1S03 STMICROELECTRONICS-ST1S03 Datasheet
538Kb / 11P
   1.5A, 1.5 MHZ ADJUSTABLE, STEP-DOWN SWITCHING REGULATOR IN DFN6
ST1S03A STMICROELECTRONICS-ST1S03A Datasheet
280Kb / 14P
   1.5A, 1.5 MHz Adjustable, with inhibit function Step-down switching regulator in DFN6 3x3
ST1S06 STMICROELECTRONICS-ST1S06 Datasheet
502Kb / 19P
   Synchronous rectification with inhibit, 1.5A, 1.5 MHz fixed or adjustable, step-down switching regulator in DFN6 3x3
ST1S03 STMICROELECTRONICS-ST1S03_08 Datasheet
374Kb / 16P
   1.5 A, 1.5 MHz adjustable, step-down switching regulator
ST1S03A STMICROELECTRONICS-ST1S03A_08 Datasheet
276Kb / 14P
   1.5 A, 1.5 MHz adjustable, with inhibit function step-down switching regulator
ST2S08B STMICROELECTRONICS-ST2S08B Datasheet
757Kb / 18P
   Dual synchronous rectification, 1.5 A, 1.5 MHz adjustable step-down switching regulator
L5983 STMICROELECTRONICS-L5983 Datasheet
938Kb / 37P
   1.5A step-down switching regulator
L5971 STMICROELECTRONICS-L5971 Datasheet
96Kb / 11P
   1.5A STEP DOWN SWITCHING REGULATOR
E-L4971 STMICROELECTRONICS-E-L4971 Datasheet
574Kb / 13P
   1.5A STEP DOWN SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com