Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA4650 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA4650
Description  Multistandard colour decoder, with negative colour difference output signals
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4650 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA4650 Datasheet HTML 5Page - NXP Semiconductors TDA4650 Datasheet HTML 6Page - NXP Semiconductors TDA4650 Datasheet HTML 7Page - NXP Semiconductors TDA4650 Datasheet HTML 8Page - NXP Semiconductors TDA4650 Datasheet HTML 9Page - NXP Semiconductors TDA4650 Datasheet HTML 10Page - NXP Semiconductors TDA4650 Datasheet HTML 11Page - NXP Semiconductors TDA4650 Datasheet HTML 12Page - NXP Semiconductors TDA4650 Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
March 1991
9
Philips Semiconductors
Preliminary specification
Multistandard colour decoder, with
negative colour difference output signals
TDA4650
Notes to the characteristics
1. For the SECAM standard, amplitude and H/2 ripple content of the CD signals (R
−Y) and (B−Y) depend on the
characteristics of the external tuned circuit at pins 7 to 10. The resonant frequency of the external tuned circuit must
be adjusted such that the demodulated fo voltage level is zero in the −(B−Y) output channel at pin 3.
Now it is possible to adjust the quality of the external circuit such that the demodulated fo voltage level is zero in the
−(R−Y) output channel at pin 1. If necessary, the fo voltage level in the −(B−Y) output channel must be readjusted to
zero by the coil of the tuned circuit.
The external capacitors at the pins 2 and 4 (220 pF each) are matched to the internal resistances of the de-emphasis
network such that every alternate scanned line is blanked.
2. The fo frequencies of the 8.8 MHz crystal at pin 21, and the 7.2 MHz crystal at pin 19, can be adjusted when the
voltage at pin 17 is less than 0.5 V (burst OFF), thus providing double subcarrier frequencies of the chrominance
signal.
3. The inquiry sequence for the standard is: PAL
− SECAM − NTSC (3.58 MHz) − NTSC (4.43 MHz).
PAL has priority with respect to SECAM, etc.
4. The super sandcastle pulse is compared with three internal threshold levels which are proportional to VP.
Super sandcastle pulse detector (note 4)
V24
input voltage pulse levels to
separate V and H blanking pulses
pulse ON
1.3
1.6
1.9
V
pulse OFF
1.1
1.4
1.7
V
voltage pulse amplitude
2.0
2.5
3.0
V
input voltage pulse levels to
separate H blanking pulse
pulse ON
3.3
3.6
3.9
V
pulse OFF
3.1
3.4
3.7
V
voltage pulse amplitude
4.1
4.5
4.9
V
input voltage pulse levels to
separate burst gating pulse
pulse ON
6.2
6.6
7.0
V
pulse OFF
6.0
6.4
6.8
V
voltage pulse amplitude
7.7
VP
V
input voltage
during line scan
−−
1.0
V
I24
input current
during line scan
−−−100
µA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Similar Part No. - TDA4650

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4651 PHILIPS-TDA4651 Datasheet
147Kb / 15P
   Multistandard colour decoder with negative colour difference output signals
August 1993
TDA4651WP PHILIPS-TDA4651WP Datasheet
147Kb / 15P
   Multistandard colour decoder with negative colour difference output signals
August 1993
TDA4655 PHILIPS-TDA4655 Datasheet
121Kb / 17P
   Generic multi-standard decoder
June 1993
TDA4655T PHILIPS-TDA4655T Datasheet
121Kb / 17P
   Generic multi-standard decoder
June 1993
TDA4657 PHILIPS-TDA4657 Datasheet
121Kb / 17P
   Generic multi-standard decoder
June 1993
More results

Similar Description - TDA4650

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4651 PHILIPS-TDA4651 Datasheet
147Kb / 15P
   Multistandard colour decoder with negative colour difference output signals
August 1993
SAA7151B PHILIPS-SAA7151B Datasheet
311Kb / 49P
   Digital multistandard colour decoder with SCART interface DMSD2-SCART
April 1993
SAA7151B PHILIPS-SAA7151B Datasheet
235Kb / 49P
   Digital multistandard colour decoder with SCART interface DMSD2-SCART
April 1993
SAA7191B PHILIPS-SAA7191B Datasheet
199Kb / 40P
   Digital Multistandard Colour Decoder, Square Pixel DMSD-SQP
August 1996
logo
Faraday Technology
AH830 FARADAY-AH830 Datasheet
47Kb / 2P
   FULLY BUFFERED COLOUR DIFFERENCE PREFILTER
logo
NXP Semiconductors
TCA660B PHILIPS-TCA660B Datasheet
391Kb / 9P
   CONTRAST, SATURATION AND BRIGHTNESS CONTROL CIRCUIT FOR COLOUR DIFFERENCE AND LUMINANCE SIGNALS
November 1976
TDA4504B PHILIPS-TDA4504B Datasheet
190Kb / 26P
   Small signal combination for multistandard colour TV
February 1992
logo
Zarlink Semiconductor I...
VP7615 ZARLINK-VP7615 Datasheet
286Kb / 26P
   Colour Digital Video Camera Decoder IC
logo
Mitel Networks Corporat...
VP7615 MITEL-VP7615 Datasheet
106Kb / 25P
   Colour Digital Video Camera Decoder IC
logo
List of Unclassifed Man...
VP7610 ETC-VP7610 Datasheet
248Kb / 14P
   COLOUR DIGITAL VIDEO CAMERA DECODER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com