Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX8211A-00ISE Datasheet(PDF) 6 Page - Microsemi Corporation

Part # LX8211A-00ISE
Description  150mA Low Dropout Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8211A-00ISE Datasheet(HTML) 6 Page - Microsemi Corporation

  LX8211A-00ISE Datasheet HTML 1Page - Microsemi Corporation LX8211A-00ISE Datasheet HTML 2Page - Microsemi Corporation LX8211A-00ISE Datasheet HTML 3Page - Microsemi Corporation LX8211A-00ISE Datasheet HTML 4Page - Microsemi Corporation LX8211A-00ISE Datasheet HTML 5Page - Microsemi Corporation LX8211A-00ISE Datasheet HTML 6Page - Microsemi Corporation LX8211A-00ISE Datasheet HTML 7Page - Microsemi Corporation LX8211A-00ISE Datasheet HTML 8Page - Microsemi Corporation LX8211A-00ISE Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 6
Copyright
© 2006
Rev. 1.0, 2006-04-07
LX8211A
150mA Low Dropout Regulator
PRODUCTION DATA SHEET
TM
®
TY PICAL CHARACT ER ISTICS (CONTINUED )
Typical performance characteristics, unless otherwise specified are: CIN = 1µF, COUT = 10µF, CBY = 470pF, VIN = 4V, VOUT = 2.9V,
TA = 25°C, ENABLE is tied to VIN.
Power Supply Rejection vs. Frequency
10MA LOAD CBYPASS = 470PF
100
1K
10K
100K
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Enable Response
VIN = 4V, CIN = 1µF, COUT = 10µF, CBYP = 470pF, IOUT = 100mA.
CH2 = VOUT = 2.9V. CH1 - VENABLE
Line Regulation Step Response
VIN = 4V, CIN = 1µF, COUT = 10µF, CBYP = 470pF, IOUT = 100mA.
CH2 = VOUT = 2.9V. CH1 = VIN from 3.5V to 4.5V
Load Transient Response
VIN = 4V, CIN = 1µF, COUT = 10µF, CBYP = 470pF, IOUT = 50mA.
CH2 = VOUT = 2.9V. CH4 = ISTEP = 20mA to 70mA
Load Transient Response
VIN = 4V, CIN = 1µF, COUT = 10µF, CBYP = 470pF, STEP Load = 100mA.
CH2 = VOUT = 2.9V. CH4 = ISTEP = 20mA to 100mA


Similar Part No. - LX8211A-00ISE

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8211 MICROSEMI-LX8211 Datasheet
318Kb / 9P
   150mA CMOS Low Dropout Regulator
LX8211 MICROSEMI-LX8211 Datasheet
298Kb / 9P
   150mA CMOS Low Dropout Regulator
LX8211-00ISE MICROSEMI-LX8211-00ISE Datasheet
318Kb / 9P
   150mA CMOS Low Dropout Regulator
LX8211-00ISE MICROSEMI-LX8211-00ISE Datasheet
298Kb / 9P
   150mA CMOS Low Dropout Regulator
LX8211-00ISE-TR MICROSEMI-LX8211-00ISE-TR Datasheet
298Kb / 9P
   150mA CMOS Low Dropout Regulator
More results

Similar Description - LX8211A-00ISE

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AME8750 AKM-AME8750 Datasheet
150Kb / 15P
   Low-Dropout 150mA / 150mA Dual CMOS Regulator
logo
Monolithic Power System...
MP8801 MPS-MP8801_06 Datasheet
294Kb / 7P
   Low Dropout 150mA Linear Regulator
logo
Sipex Corporation
SPX1121 SIPEX-SPX1121 Datasheet
157Kb / 6P
   150mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2950 ADMOS-AMS2950 Datasheet
144Kb / 14P
   150mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2969 SIPEX-SPX2969 Datasheet
87Kb / 9P
   150mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2950 MICREL-MIC2950_10 Datasheet
1Mb / 20P
   150mA Low-Dropout Voltage Regulator
logo
Microsemi Corporation
LX8211 MICROSEMI-LX8211_07 Datasheet
298Kb / 9P
   150mA CMOS Low Dropout Regulator
logo
Seaward Electronics Inc...
SE8802 SEAWARD-SE8802 Datasheet
335Kb / 6P
   150mA Low Dropout Linear Regulator
logo
Micrel Semiconductor
MIC2950 MICREL-MIC2950 Datasheet
146Kb / 14P
   150mA Low-Dropout Voltage Regulator
logo
Monolithic Power System...
MP8903 MPS-MP8903 Datasheet
272Kb / 10P
   Low Dropout 150mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com