Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPR-91 Datasheet(PDF) 6 Page - Power Integrations, Inc.

Part # EPR-91
Description  Engineering Prototype Report for EP-91 - 12 W Power Supply using
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-91 Datasheet(HTML) 6 Page - Power Integrations, Inc.

Back Button EPR-91 Datasheet HTML 2Page - Power Integrations, Inc. EPR-91 Datasheet HTML 3Page - Power Integrations, Inc. EPR-91 Datasheet HTML 4Page - Power Integrations, Inc. EPR-91 Datasheet HTML 5Page - Power Integrations, Inc. EPR-91 Datasheet HTML 6Page - Power Integrations, Inc. EPR-91 Datasheet HTML 7Page - Power Integrations, Inc. EPR-91 Datasheet HTML 8Page - Power Integrations, Inc. EPR-91 Datasheet HTML 9Page - Power Integrations, Inc. EPR-91 Datasheet HTML 10Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
EP-91 12 V, 1 A, Universal Input Supply
7-Feb-2006
Page 6 of 36
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
2
Power Supply Specification
Description
Symbol
Min
Typ
Max
Units
Comment
Input
Voltage
VIN
85
265
VAC
2 Wire – no P.E.
Frequency
fLINE
47
50/60
64
Hz
No-load Input Power (230 VAC)
0.15
W
w/o UVLO resistor or bias winding
No-load Input Power (230 VAC)
0.05
W
With bias winding support
Output
Output Voltage
VOUT
11
12
13
V
± 8%
Output Ripple Voltage
VRIPPLE
100
mV
20 MHz bandwidth
Output Current
IOUT
1
A
Total Output Power
Continuous Output Power
POUT
12
W
Overvoltage Shutdown
VOV
15
18
V
With bias sense
Efficiency
Full Load
η
75
%
Measured at POUT 25
oC
Required average efficiency at
25, 50, 75 and 100 % of POUT
ηCEC
71.3
%
Per CEC / Energy Star STDs, with
TNY278 & standard current limit
Environmental
Conducted EMI
Meets CISPR22B / EN55022B
Safety
Designed to meet IEC950, UL1950
Class II
Surge (Differential)
1
kV
Surge (Common mode)
2
kV
1.2/50
µs surge, IEC 1000-4-5,
Series Impedance:
Differential Mode: 2
Common Mode: 12
Ambient Temperature
TAMB
0
50
oC
Free convection, sea level


Similar Part No. - EPR-91

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
EPR-9 POWERINT-EPR-9 Datasheet
1Mb / 32P
   Engineering Prototype Report 5 W, Universal Input, Dual Output, Isolated, TNY266 (EP9)
EPR-93 POWERINT-EPR-93 Datasheet
552Kb / 40P
   Engineering Prototype Report for EP 93 - 32 W/81 W Peak Supply Using PeakSwitch- (PKS606Y)
More results

Similar Description - EPR-91

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
EPR-93 POWERINT-EPR-93 Datasheet
552Kb / 40P
   Engineering Prototype Report for EP 93 - 32 W/81 W Peak Supply Using PeakSwitch- (PKS606Y)
EPR-85 POWERINT-EPR-85 Datasheet
2Mb / 32P
   Engineering Prototype Report for EP 85 - 2 W Charger using LinkSwitch-LP
EPR-54 POWERINT-EPR-54 Datasheet
1Mb / 40P
   Engineering Prototype Report for EP 54 - 2.75 W Charger/Adapter Using LNK520P
EPR-16 POWERINT-EPR-16 Datasheet
1Mb / 36P
   Engineering Prototype Report for EP-16 2.75 W Charger/Adapter Using LNK501
EPR-33 POWERINT-EPR-33 Datasheet
650Kb / 32P
   Engineering Prototype Report for EP 33 - 45 W LCD Monitor External Power Supply using TOP247Y (TOPSwitch-GX)
EPR-34 POWERINT-EPR-34 Datasheet
935Kb / 28P
   Engineering Prototype Report for EP 34 - Single Output 30 W AC-DC Power Supply
EPR-18 POWERINT-EPR-18 Datasheet
1Mb / 28P
   Engineering Prototype Report for EP-18 10 W, Multiple Output, Isolated Power Supply with
EPR-29 POWERINT-EPR-29 Datasheet
2Mb / 36P
   Engineering Prototype Report for EP-29 - Multiple Output 11 W (15.5 W peak) AC-DC Power Supply using TNY268P
EPR-89 POWERINT-EPR-89 Datasheet
1Mb / 32P
   Engineering Prototype Report for 2.0 W CV Adapter using LNK362P
EPR-31 POWERINT-EPR-31 Datasheet
1,014Kb / 36P
   Engineering Prototype Report for EP-31 Multiple Output 180 W AC-DC Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com