Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX5250CPW Datasheet(PDF) 5 Page - Microsemi Corporation

Part # LX5250CPW
Description  9-Line Multimode SCSI Terminator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX5250CPW Datasheet(HTML) 5 Page - Microsemi Corporation

  LX5250CPW Datasheet HTML 1Page - Microsemi Corporation LX5250CPW Datasheet HTML 2Page - Microsemi Corporation LX5250CPW Datasheet HTML 3Page - Microsemi Corporation LX5250CPW Datasheet HTML 4Page - Microsemi Corporation LX5250CPW Datasheet HTML 5Page - Microsemi Corporation LX5250CPW Datasheet HTML 6Page - Microsemi Corporation LX5250CPW Datasheet HTML 7Page - Microsemi Corporation LX5250CPW Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 5
Copyright
© 2002
Rev. 1.2b, 2005-08-29
LX5250/5252
9-Line Multimode SCSI Terminator
PRODUCTION DATA SHEET
TM
®
FUNCTIONAL PIN DESCRIPTION
PIN NAME
DESCRIPTION
1-, 2-, 3-, 4-, 5-, 6-, 7-, 8-, 9-
Negative signal termination lines for LVD mode. Signal termination lines for SE mode.
1+, 2+, 3+, 4+, 5+, 6+, 7+, 8+, 9+
Positive signal termination lines for LVD mode. Psuedo-ground lines for SE mode.
VTERM
Power supply pin for terminator. Connect to SCSI bus VTERM. Must be
decoupled by one 4.7µF low-ESR capacitor for every three terminator devices. It is
absolutely necessary to connect this pin to the decoupling capacitor through a very low
impedance (big traces to PCB). Keeping distances very short from the decoupling
capacitors is somewhat layout dependent and some applications may benefit from high
frequency decoupling with 0.1µF capacitors at VTERM pin.
DISCONNECT
Enables/Disables terminator. See Power Down Function Table for logic levels
for LX5250 and LX5252.
GND
Terminator ground pin. Connect to ground.
MASTER/SLAVE
Sometimes referred to as M/S pin in this datasheet. Used to select which terminator is the
controlling device. M/S pin High or Open enables the DIFFSENSE output drive. Please
see MASTER/SLAVE Function Table.
DIFFSENSE
This is a dual function pin. It drives the SCSI bus DIFFSENS line. It is also the sense pin
to detect the SCSI bus mode (LVD, SE, or HVD). DIFFSENSE output drive can be
disabled with low level on the M/S pin. Please see DIFFSENSE and MASTER/SLAVE
Function Tables. Internally connected to DIFFB pin through a 20K resistor.
DIFFB
Internally connected to DIFFSENSE pin through a 20K resistor. It can be used as a
mode sense pin when the device is non-controlling terminator (M/S is low). An RC filter
(50K resistor &
4.7µF) is not required on the LX5250 as it has an internal timer.
SE
Single-Ended output; when High, terminator is operating in SE mode.
LVD
Low Voltage Differential output; when High, terminator is operating in LVD mode.
HVD
High Voltage Differential output; when High, terminator is operating in HVD mode.
HEATSINK
Attached to die mounting pad, but not bonded to GND pin. Pins should be considered a
heat sink only, and not a true ground connection. It is recommended that these pins be
connected to ground, but can be left floating.


Similar Part No. - LX5250CPW

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
LX525024VYL30 MRV-LX525024VYL30 Datasheet
799Kb / 2P
   LX Series
More results

Similar Description - LX5250CPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5631A TI-UCC5631A Datasheet
62Kb / 6P
[Old version datasheet]   Multimode SCSI 9 Line Terminator
UCC5630A TI1-UCC5630A_09 Datasheet
378Kb / 12P
[Old version datasheet]   Multimode SCSI 9 Line Terminator
logo
Microsemi Corporation
LX5251 MICROSEMI-LX5251 Datasheet
164Kb / 8P
   9-Line Multimode SCSI Terminator
logo
Texas Instruments
UCC5630A TI-UCC5630A Datasheet
146Kb / 8P
[Old version datasheet]   Multimode SCSI 9 Line Terminator
UCC5631A TI1-UCC5631A_09 Datasheet
265Kb / 10P
[Old version datasheet]   Multimode SCSI 9 Line Terminator
UCC5673 TI-UCC5673 Datasheet
55Kb / 7P
[Old version datasheet]   Multimode LVD/SE SCSI 9 Line Terminator
UCC5673 TI1-UCC5673_15 Datasheet
73Kb / 8P
[Old version datasheet]   Multimode (LVD/SE) SCSI 9 Line Terminator
UCC5672 TI1-UCC5672_16 Datasheet
789Kb / 14P
[Old version datasheet]   Multimode (LVD/SE) SCSI 9 Line Terminator
UCC5672 TI-UCC5672 Datasheet
49Kb / 6P
[Old version datasheet]   Multimode LVD/SE SCSI 9 Line Terminator
UCC5628 TI-UCC5628 Datasheet
68Kb / 5P
[Old version datasheet]   Multimode SCSI 14 Line Terminator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com