Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX1992 Datasheet(PDF) 8 Page - Microsemi Corporation

Part # LX1992
Description  High Efficiency LED Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1992 Datasheet(HTML) 8 Page - Microsemi Corporation

Back Button LX1992 Datasheet HTML 3Page - Microsemi Corporation LX1992 Datasheet HTML 4Page - Microsemi Corporation LX1992 Datasheet HTML 5Page - Microsemi Corporation LX1992 Datasheet HTML 6Page - Microsemi Corporation LX1992 Datasheet HTML 7Page - Microsemi Corporation LX1992 Datasheet HTML 8Page - Microsemi Corporation LX1992 Datasheet HTML 9Page - Microsemi Corporation LX1992 Datasheet HTML 10Page - Microsemi Corporation LX1992 Datasheet HTML 11Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Microsemi
Linfinity Microelectronics Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 8
Copyright
© 2000
Rev. 1.1b, 2005-03-03
LX1992
High Efficiency LED Driver
PRODUCTION DATA SHEET
TM
®
APPLI CATI ON I N FORMATI ON ( C ONTINU E D )
Table 3: Factory Installed Component List for the LX1992 Evaluation Board
Quantity
Part
Reference
Description
Manufacturer
Part
Number
1
Q1
Mosfet, N-Channel, 25V, SOT23 Type SMT
Fairchild
FDV303N
1
CR1
Rectifier, Schottky, 1A, 20V, Powermite Type SMT
Microsemi
UPS5817
1
L1
Inductor, 47uH, 540mA, SMT
Toko
A920CY-470
2
C1, C2
Capacitor, Ceramic X5R, 4.7uF, 25V, 1210 Type SMT
Taiyo Yuden
CETMK325BJ475MN
2
C3, C4
Capacitor, Ceramic X7R, 0.1uF, 50V, 0805 Type SMT
Murata
GRM40X7R104M050
1
R4
Resistor, 15 Ohm, 1/10W, 0805 Type SMT
Panasonic
ERJ6ENF15R0
1
R5
Resistor, 1K, 1/16W, 0603 Type SMT
Panasonic
ERJ3EKF1001
1
R2
Resistor, 4.02K, 1/16W, 0603 Type SMT
Panasonic
ERJ3EKF4021
2
R3, R6
Resistor, 100K, 1/16W, 0603 Type SMT
Panasonic
ERJ3EKF1003
1
R1
Resistor, 10K, 1/16W, 0603 Type SMT
Panasonic
ERJ3EKF1002
1
R7
Trimpot, 50K, 1/2W, Through Hole Type
Bourns
3352E-1-503
1
VR1
IC, Voltage Reference, 1.25 Volts, SOT23 Type SMT
Microsemi
LX432CSC
1
VR2
Diode, Zener, 24V, 3W Powermite Type SMT
Microsemi
1PMT5934B
4
LED1 - 4
White LED
Chicago Miniature
CMD333UWC
3
JB1 - JB3
Header, 3 Pos Vertical Type
3M
929647-09-36
3
Jumper
3M
929955-06
Note: The minimum set of parts needed to build a working power supply are: Q1, CR1, L1, C2, C3, R2, R4, U1.
VBAT
VADJ
VCC
VPOT
GND
VCC
SHDN
VADJ
VPOT
C1
4.7µF
25V
L1
47µH
CR1
UPS5817
Q1
FDV303N
C2
4.7µF
25V
VR2
20V
1W
1PMT4114
CMD333UW C
CMD333UW C
CMD333UW C
CMD333UW C
VOUT
VFDBK
SRC
GN
D
ADJ
CS
SHDN
FB
NDRV
IN
R2
4.02k
R1
10k
C3
0.1µF
50V
R3
100k
C4
0.1µF
25V
R5 1k
R6
100k
R7
50k
VR1
LX432
R4
15Ω
Figure 4
– LXE1992 Boost Evaluation Board Schematic


Similar Part No. - LX1992

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1990 MICROSEMI-LX1990 Datasheet
262Kb / 11P
   Dual Programmable LED Current Sink
LX1990 MICROSEMI-LX1990 Datasheet
213Kb / 11P
   Dual Programmable LED Current Sink
LX1990ILM MICROSEMI-LX1990ILM Datasheet
262Kb / 11P
   Dual Programmable LED Current Sink
LX1990ILM MICROSEMI-LX1990ILM Datasheet
213Kb / 11P
   Dual Programmable LED Current Sink
LX1990ILM-TR MICROSEMI-LX1990ILM-TR Datasheet
213Kb / 11P
   Dual Programmable LED Current Sink
More results

Similar Description - LX1992

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1994 MICROSEMI-LX1994 Datasheet
306Kb / 13P
   High Efficiency LED Driver
LX1993 MICROSEMI-LX1993 Datasheet
453Kb / 12P
   High Efficiency LED Driver
LX1994 MICROSEMI-LX1994_06 Datasheet
256Kb / 13P
   High Efficiency LED Driver
logo
ON Semiconductor
NCP5604A ONSEMI-NCP5604A Datasheet
359Kb / 15P
   High Efficiency White LED Driver
March, 2006 ??Rev. 0
logo
New Japan Radio
NJU6048 NJRC-NJU6048 Datasheet
163Kb / 13P
   High Efficiency White LED Driver
logo
ON Semiconductor
NCP5680 ONSEMI-NCP5680 Datasheet
985Kb / 27P
   High Efficiency White LED Driver
May, 2009 ??Rev. 0
logo
Texas Instruments
LM3530 TI1-LM3530 Datasheet
7Mb / 50P
[Old version datasheet]   High-Efficiency White-LED Driver
logo
List of Unclassifed Man...
MP1521_R2.7W ETC-MP1521_R2.7W Datasheet
171Kb / 2P
   High Efficiency White LED Driver
logo
Richtek Technology Corp...
RT4532 RICHTEK-RT4532_15 Datasheet
204Kb / 12P
   High Efficiency Backlight LED Driver
logo
New Japan Radio
NJU6050 NJRC-NJU6050 Datasheet
108Kb / 8P
   High Efficiency White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com