Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX1972A Datasheet(PDF) 1 Page - Microsemi Corporation

Part # LX1972A
Description  Ambient Light Detector
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1972A Datasheet(HTML) 1 Page - Microsemi Corporation

  LX1972A Datasheet HTML 1Page - Microsemi Corporation LX1972A Datasheet HTML 2Page - Microsemi Corporation LX1972A Datasheet HTML 3Page - Microsemi Corporation LX1972A Datasheet HTML 4Page - Microsemi Corporation LX1972A Datasheet HTML 5Page - Microsemi Corporation LX1972A Datasheet HTML 6Page - Microsemi Corporation LX1972A Datasheet HTML 7Page - Microsemi Corporation LX1972A Datasheet HTML 8Page - Microsemi Corporation LX1972A Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LX1972A
PRODUCTION DATA SHEET
Microsemi
Integrated Products Group
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 1
Ambient Light Detector
Copyright
© 2005
Rev. 1.0, 2006-09-18
TM
®
DESCRIPTION
The LX1972A is a low cost silicon
light sensor with a spectral response
that closely emulates the human eye.
Patented circuitry produces peak
spectral response at 580nm, with an IR
response less than ±5% of the peak
response, above 900nm.
The photo sensor is a PIN diode
array with Microsemi’s Best Eye™
processing that provides a nearly
perfect photopic light wavelength
response curve. LX1972A provides a
linear, accurate, and very repeatable
current transfer function. High gain
current mirrors on the chip multiply
the PIN diode photo-current to a
sensitivity level that can be voltage
scaled with a standard value external
resistor. Output current from this
simple to use two-pin device can be
used directly or converted to a voltage
by placing it in series with a single
resistor at either of its two pins.
Dynamic range is determined by the
resistors (typically in the range of 5K to
100K) and the power supply values.
Typically the LX1972A needs only
2.7V of headroom to operate at 1000
Lux illumination.
Internal temperature compensation
allows dark current to be kept below
200nA over the full specification
temperature range (-40°C to +85°C),
providing high accuracy at low light
levels. Usable ambient light conditions
range is from 1 to more than 5000 Lux.
The LX1972A is optimized for
controlling back lighting systems in low
cost consumer products such as LCD
TV, portable computers, and digital
cameras.
IMPORTANT:
For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
Protected By U.S. Patents: 6,787,757; Patents Pending
KEY FEATUR ES
Near Human Eye Spectral
Response
Very Low IR Sensitivity
Highly Accurate & Repeatable
Output Current vs. Light
Scalable Output Voltage
Temperature Stable
Integrated High Gain Photo
Current Amplifiers
No Optical Filters Needed
APPLI C ATION S
Portable Electronic Displays
LCD TV Backlight Systems
Digital Still Cameras (DSC)
Desk Top Monitors
Notebook Computers
PRODUCT H I GHLIGHT
VDD
VSS
1.7V Typical
@ 100 Lux
VDD
VSS
Ambient Light
LX1972A
LX1972A
PACKAGE ORDER INFO
BC
Plastic 1206
2-Pin
TA (°C)
RoHS Compliant / Pb-free
-40 to 85
LX1972AIBC
Note: Available in Tape & Reel. Append the letters “TR” to
the part number. (i.e. LX1972AIBC-TR)


Similar Part No. - LX1972A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1972 MICROSEMI-LX1972 Datasheet
337Kb / 9P
   Ambient Light Detector
LX1972 MICROSEMI-LX1972 Datasheet
53Kb / 1P
   LX1972 Light Sensor
LX1972IBC MICROSEMI-LX1972IBC Datasheet
337Kb / 9P
   Ambient Light Detector
LX1972MINI MICROSEMI-LX1972MINI Datasheet
53Kb / 1P
   LX1972 Light Sensor
More results

Similar Description - LX1972A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1972 MICROSEMI-LX1972 Datasheet
337Kb / 9P
   Ambient Light Detector
LX1974 MICROSEMI-LX1974 Datasheet
341Kb / 9P
   Ambient Light Detector
logo
OSRAM GmbH
LRTBGVSG OSRAM-LRTBGVSG Datasheet
753Kb / 31P
   Ambient light
logo
Vishay Siliconix
TEMT6000 VISHAY-TEMT6000 Datasheet
116Kb / 5P
   Ambient Light Sensor
Rev. 1.2, 08-Jul-04
logo
Renesas Technology Corp
PH5553A2NA1 RENESAS-PH5553A2NA1_15 Datasheet
400Kb / 14P
   Ambient Light Sensor
logo
ON Semiconductor
NOA1212 ONSEMI-NOA1212_15 Datasheet
109Kb / 8P
   Ambient Light Sensor
November, 2015 ??Rev. 3
logo
Everlight Electronics C...
ALS-PDIC17-77C-TR8 EVERLIGHT-ALS-PDIC17-77C-TR8 Datasheet
370Kb / 12P
   Ambient Light Sensor
logo
Vishay Siliconix
TEMT6000X01 VISHAY-TEMT6000X01_09 Datasheet
150Kb / 6P
   Ambient Light Sensor
Rev. 1.8, 26-Mar-09
TEPT5600 VISHAY-TEPT5600_10 Datasheet
107Kb / 5P
   Ambient Light Sensor
Rev. 1.7, 18-Jun-10
logo
Everlight Electronics C...
ALS-PDIC17-55C-TR8 EVERLIGHT-ALS-PDIC17-55C-TR8_09 Datasheet
429Kb / 14P
   Ambient Light Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com