Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24LC16B Datasheet(PDF) 8 Page - Microchip Technology

Part # 24LC16B
Description  16K I2C??Serial EEPROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC16B Datasheet(HTML) 8 Page - Microchip Technology

Back Button 24LC16B Datasheet HTML 4Page - Microchip Technology 24LC16B Datasheet HTML 5Page - Microchip Technology 24LC16B Datasheet HTML 6Page - Microchip Technology 24LC16B Datasheet HTML 7Page - Microchip Technology 24LC16B Datasheet HTML 8Page - Microchip Technology 24LC16B Datasheet HTML 9Page - Microchip Technology 24LC16B Datasheet HTML 10Page - Microchip Technology 24LC16B Datasheet HTML 11Page - Microchip Technology 24LC16B Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
24AA16/24LC16B
DS21703D-page 8
 2003 Microchip Technology Inc.
5.0
ACKNOWLEDGE POLLING
Since the device will not acknowledge during a write
cycle, this can be used to determine when the cycle is
complete (this feature can be used to maximize bus
throughput). Once the Stop condition for a write
command has been issued from the master, the device
initiates the internally-timed write cycle and ACK polling
can then be initiated immediately. This involves the
master sending a Start condition followed by the control
byte for a Write command (R/W = 0). If the device is still
busy with the write cycle, no ACK will be returned. If the
cycle is complete, the device will return the ACK and
the master can then proceed with the next Read or
Write command. See Figure 5-1 for a flow diagram of
this operation.
FIGURE 5-1:
ACKNOWLEDGE POLLING
FLOW
6.0
WRITE-PROTECTION
The 24XX16 can be used as a serial ROM when the
WP pin is connected to VCC. Programming will be
inhibited and the entire memory will be write-protected.
Send
Write Command
Send Stop
Condition to
Initiate Write Cycle
Send Start
Send Control Byte
with R/W = 0
Did Device
Acknowledge
(ACK = 0)?
Next
Operation
No
Yes


Similar Part No. - 24LC16B

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC16B MICROCHIP-24LC16B Datasheet
453Kb / 12P
   8K/16K I 2 C ??Serial EEPROMs in ISO Micromodules
1997
24LC16B MICROCHIP-24LC16B Datasheet
75Kb / 12P
   16K 2.5V I 2 C O Serial EEPROM
2007
24LC16B MICROCHIP-24LC16B Datasheet
557Kb / 32P
   16K I2C??Serial EEPROM
2009
24LC16B MICROCHIP-24LC16B Datasheet
1Mb / 40P
   16K I2C??Serial EEPROM
11/29/12
24LC16B MICROCHIP-24LC16B Datasheet
423Kb / 26P
   16K I2C Serial EEPROM
12/08/06
More results

Similar Description - 24LC16B

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA16 MICROCHIP-24AA16_09 Datasheet
557Kb / 32P
   16K I2C??Serial EEPROM
2009
24LC16B MICROCHIP-24LC16B Datasheet
423Kb / 26P
   16K I2C Serial EEPROM
12/08/06
24LC16B MICROCHIP-24LC16B_16 Datasheet
381Kb / 26P
   16K I2C Serial EEPROM
07/14/15
24AA16 MICROCHIP-24AA16_12 Datasheet
1Mb / 40P
   16K I2C??Serial EEPROM
11/29/12
24AA16T-I MICROCHIP-24AA16T-I Datasheet
423Kb / 26P
   16K I2C Serial EEPROM
12/08/06
21054E MICROCHIP-21054E Datasheet
76Kb / 12P
   16K 1.8V I2C SERIAL EEPROM
1996
logo
Integral Corp.
IN24LC16 INTEGRAL-IN24LC16 Datasheet
212Kb / 10P
   16K SERIAL EEPROM WITH I2C BUS
logo
KODENSHI_AUK CORP.
KK24LC16 KODENSHI-KK24LC16 Datasheet
174Kb / 3P
   16K Serial EEPROM with I2C bus
logo
Microchip Technology
24LC164 MICROCHIP-24LC164 Datasheet
161Kb / 16P
   16K 2.5V Cascadable I2C??Serial EEPROM
2004
logo
KODENSHI_AUK CORP.
KK24LC16B KODENSHI-KK24LC16B Datasheet
195Kb / 3P
   16K Serial EEPROM with I2C bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com