Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24LC16B Datasheet(PDF) 7 Page - Microchip Technology

Part # 24LC16B
Description  16K I2C??Serial EEPROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC16B Datasheet(HTML) 7 Page - Microchip Technology

Back Button 24LC16B Datasheet HTML 3Page - Microchip Technology 24LC16B Datasheet HTML 4Page - Microchip Technology 24LC16B Datasheet HTML 5Page - Microchip Technology 24LC16B Datasheet HTML 6Page - Microchip Technology 24LC16B Datasheet HTML 7Page - Microchip Technology 24LC16B Datasheet HTML 8Page - Microchip Technology 24LC16B Datasheet HTML 9Page - Microchip Technology 24LC16B Datasheet HTML 10Page - Microchip Technology 24LC16B Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
 2003 Microchip Technology Inc.
DS21703D-page 7
24AA16/24LC16B
4.0
WRITE OPERATION
4.1
Byte Write
Following the Start condition from the master, the
device code (4 bits), the block address (3 bits) and the
R/W bit, which is a logic-low, is placed onto the bus by
the master transmitter. This indicates to the addressed
slave receiver that a byte with a word address will
follow once it has generated an Acknowledge bit during
the ninth clock cycle. Therefore, the next byte transmit-
ted by the master is the word address and will be
written into the address pointer of the 24XX16. After
receiving
another
Acknowledge
signal
from
the
24XX16, the master device will transmit the data word
to be written into the addressed memory location. The
24XX16
acknowledges
again
and
the
master
generates a Stop condition. This initiates the internal
write cycle and, during this time, the 24XX16 will not
generate Acknowledge signals (Figure 4-1).
4.2
Page Write
The write control byte, word address and the first data
byte are transmitted to the 24XX16 in the same way as
in a byte write. However, instead of generating a Stop
condition, the master transmits up to 16 data bytes to
the 24XX16, which are temporarily stored in the on-
chip page buffer and will be written into memory once
the master has transmitted a Stop condition. Upon
receipt of each word, the four lower-order address
pointer bits are internally incremented by ‘1’. The
higher-order 7 bits of the word address remain
constant. If the master should transmit more than 16
bytes prior to generating the Stop condition, the
address counter will roll over and the previously
received data will be overwritten. As with the byte write
operation, once the Stop condition is received an inter-
nal write cycle will begin (Figure 4-2).
FIGURE 4-1:
BYTE WRITE
FIGURE 4-2:
PAGE WRITE
Note:
Page write operations are limited to writing
bytes within a single physical page,
regardless of the number of bytes
actually being written. Physical page
boundaries start at addresses that are
integer multiples of the page buffer size (or
‘page-size’) and end at addresses that are
integer multiples of [page size - 1]. If a
Page Write command attempts to write
across a physical page boundary, the
result is that the data wraps around to the
beginning of the current page (overwriting
data previously stored there), instead of
being written to the next page, as might be
expected. It is therefore necessary for the
application software to prevent page write
operations that would attempt to cross a
page boundary.
S
P
BUS ACTIVITY
MASTER
SDA LINE
BUS ACTIVITY
S
T
A
R
T
S
T
O
P
CONTROL
BYTE
WORD
ADDRESS
DATA
A
C
K
A
C
K
A
C
K
S
P
BUS ACTIVITY
MASTER
SDA LINE
BUS ACTIVITY
S
T
A
R
T
CONTROL
BYTE
WORD
ADDRESS (n)
DATA (n)
DATA (n + 15)
S
T
O
P
A
C
K
A
C
K
A
C
K
A
C
K
A
C
K
DATA (n + 1)


Similar Part No. - 24LC16B

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC16B MICROCHIP-24LC16B Datasheet
453Kb / 12P
   8K/16K I 2 C ??Serial EEPROMs in ISO Micromodules
1997
24LC16B MICROCHIP-24LC16B Datasheet
75Kb / 12P
   16K 2.5V I 2 C O Serial EEPROM
2007
24LC16B MICROCHIP-24LC16B Datasheet
557Kb / 32P
   16K I2C??Serial EEPROM
2009
24LC16B MICROCHIP-24LC16B Datasheet
1Mb / 40P
   16K I2C??Serial EEPROM
11/29/12
24LC16B MICROCHIP-24LC16B Datasheet
423Kb / 26P
   16K I2C Serial EEPROM
12/08/06
More results

Similar Description - 24LC16B

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA16 MICROCHIP-24AA16_09 Datasheet
557Kb / 32P
   16K I2C??Serial EEPROM
2009
24LC16B MICROCHIP-24LC16B Datasheet
423Kb / 26P
   16K I2C Serial EEPROM
12/08/06
24LC16B MICROCHIP-24LC16B_16 Datasheet
381Kb / 26P
   16K I2C Serial EEPROM
07/14/15
24AA16 MICROCHIP-24AA16_12 Datasheet
1Mb / 40P
   16K I2C??Serial EEPROM
11/29/12
24AA16T-I MICROCHIP-24AA16T-I Datasheet
423Kb / 26P
   16K I2C Serial EEPROM
12/08/06
21054E MICROCHIP-21054E Datasheet
76Kb / 12P
   16K 1.8V I2C SERIAL EEPROM
1996
logo
Integral Corp.
IN24LC16 INTEGRAL-IN24LC16 Datasheet
212Kb / 10P
   16K SERIAL EEPROM WITH I2C BUS
logo
KODENSHI_AUK CORP.
KK24LC16 KODENSHI-KK24LC16 Datasheet
174Kb / 3P
   16K Serial EEPROM with I2C bus
logo
Microchip Technology
24LC164 MICROCHIP-24LC164 Datasheet
161Kb / 16P
   16K 2.5V Cascadable I2C??Serial EEPROM
2004
logo
KODENSHI_AUK CORP.
KK24LC16B KODENSHI-KK24LC16B Datasheet
195Kb / 3P
   16K Serial EEPROM with I2C bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com