Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX1686E Datasheet(PDF) 3 Page - Microsemi Corporation

Part # LX1686E
Description  Digital Dimming CCFL Controller IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1686E Datasheet(HTML) 3 Page - Microsemi Corporation

  LX1686E Datasheet HTML 1Page - Microsemi Corporation LX1686E Datasheet HTML 2Page - Microsemi Corporation LX1686E Datasheet HTML 3Page - Microsemi Corporation LX1686E Datasheet HTML 4Page - Microsemi Corporation LX1686E Datasheet HTML 5Page - Microsemi Corporation LX1686E Datasheet HTML 6Page - Microsemi Corporation LX1686E Datasheet HTML 7Page - Microsemi Corporation LX1686E Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Microsemi
Integrated Products
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 3
Copyright
© 2004
Rev. 1.1, 2006-02-27
LX1686E
Digital Dimming CCFL Controller IC
PRODUCTION DATA SHEET
TM
®
FUNCTIONAL PIN DESCRIPTION
PIN NAME
DESCRIPTION
AOUT
Output driver A, typical 10K pull down resistor to VSS_P.
VSS_P
Power ground for output drivers only.
VSS
Signal ground.
AFD_C
Connects to an external capacitor, CAFD. Forcing to ground or VDD will make the VCO oscillate at approximately
50% of the maximum VCO frequency. Forcing to VDD/2 will make the VCO oscillate at 2x the FVERT frequency.
RAMP_C
Connects to external capacitor CRAMP for setting Direct Drive PWM operating frequency.
RAMP_R
Connects to external resistor RRAMP for setting Direct Drive PWM operating frequency.
FVERT
Vertical frequency reference digital input. Has internal pull down.
PD_CR
Phase Detector Filter. Part of phase lock loop. Connects to external capacitor and resistor network.
VCO_C
Connects to external capacitor CVCO
BRT_POS
Brightness control polarity. Has internal pull up. Leave open or pull up to VDD for dimming brightness
proportional to BRITE voltage, connect to ground for brightness inversely proportional to BRITE voltage.
BRITE
Analog voltage input for brightness control.
DIG_DIM
Digital Dimming Enable internal pull up. Leave open or pull up to VDD for operating in digital dimming mode.
Connect to ground for analog dimming mode.
ENABLE
Chip Enable internal pull up. High enables the chip. Low disables.
I_R
Current Reference Resistor. External resistor to ground (Ri) determines internal capacitor CICOMP.
BRT
Current Error Amplifier non-inverting input
VCOMP
Voltage Error Amplifier output. Connects to external frequency compensation capacitor CVCOMP. Controls soft-
start timing.
VSNS
Voltage Error Amplifier inverting input.
ICOMP
Current Error Amplifier output. Connects to external frequency compensation capacitor CICOMP.
ISNS
Current Error Amplifier inverting Input.
OLSNS
Open Lamp Sense Input.
TRI_C
Connects to external capacitor CTRI for setting strike Frequency ramp slope.
VDD
VDD
VDD_P
Dedicated VDD for output buffers only.
BOUT
Output Driver B typical 10K pull down resistor to VSS_P.


Similar Part No. - LX1686E

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1686 MICROSEMI-LX1686 Datasheet
139Kb / 5P
   Digital Dimming CCFL Controller IC
LX1686CPW MICROSEMI-LX1686CPW Datasheet
139Kb / 5P
   Digital Dimming CCFL Controller IC
More results

Similar Description - LX1686E

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1686 MICROSEMI-LX1686 Datasheet
139Kb / 5P
   Digital Dimming CCFL Controller IC
LXMG1611-01 MICROSEMI-LXMG1611-01 Datasheet
243Kb / 6P
   Digital Dimming CCFL Inverter Module
logo
Princeton Technology Co...
PT5631 PTC-PT5631_10 Datasheet
391Kb / 4P
   Dimming Ballast Controller IC
PT5631 PTC-PT5631 Datasheet
391Kb / 4P
   Dimming Ballast Controller IC
PT5611 PTC-PT5611_10 Datasheet
338Kb / 4P
   Dimming Ballast Controller IC
PT5611 PTC-PT5611 Datasheet
338Kb / 4P
   Dimming Ballast Controller IC
logo
Microsemi Corporation
LXM1622-12-XX MICROSEMI-LXM1622-12-XX Datasheet
239Kb / 6P
   DUAL 5W, DIGITAL DIMMING CCFL INVERTER MODULE
LXM1622-05-XX MICROSEMI-LXM1622-05-XX Datasheet
243Kb / 6P
   DUAL 5W, DIGITAL DIMMING CCFL INVERTER MODULE
LXM1621-XX MICROSEMI-LXM1621-XX Datasheet
219Kb / 8P
   DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
LXM1641-01 MICROSEMI-LXM1641-01 Datasheet
232Kb / 11P
   DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com