Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX1673-09CPW Datasheet(PDF) 7 Page - Microsemi Corporation

Part # LX1673-09CPW
Description  High Frequency PWM Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1673-09CPW Datasheet(HTML) 7 Page - Microsemi Corporation

Back Button LX1673-09CPW Datasheet HTML 3Page - Microsemi Corporation LX1673-09CPW Datasheet HTML 4Page - Microsemi Corporation LX1673-09CPW Datasheet HTML 5Page - Microsemi Corporation LX1673-09CPW Datasheet HTML 6Page - Microsemi Corporation LX1673-09CPW Datasheet HTML 7Page - Microsemi Corporation LX1673-09CPW Datasheet HTML 8Page - Microsemi Corporation LX1673-09CPW Datasheet HTML 9Page - Microsemi Corporation LX1673-09CPW Datasheet HTML 10Page - Microsemi Corporation LX1673-09CPW Datasheet HTML 11Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 7
Copyright
© 2004
Rev 1.0, 3/18/2005
LX1673
High Frequency PWM Regulator
PRODUCTION DATA SHEET
TM
®
APPLI CATI ON SCHEMATI C
LX1673
LDGD
LDFB
LDDIS
DGND
AGND
LDVCC PWGD VC1 TDRV PGND
BDRV
VCCL
VCC
VS
CS
EAO
EA-
EA+
SS
DIS
1
2
3
4
5
6
789
10
11
12
13
14
15
16
17
18
19
20
+12
+5
+5
+5
+3.3
+5
PWM
Vout
LDO
Vout
LDDIS
DIS
PWRGD
Figure 3
– Schematic with Bootstrap Supply for PWM High Side Drive
LX1673
LDGD
LDFB
LDDIS
DGND
AGND
LDVCC PWGD VC1 TDRV PGND
BDRV
VCCL
VCC
VS
CS
EAO
EA-
EA+
SS
DIS
1
2
3
4
5
67
8
9
10
11
12
13
14
15
16
17
18
19
20
+5
+5
+5
+5
PWM
Vout
LDO
Vout
LDDIS
DIS
PWRGD
PWM
Vout
Figure 4
– Schematic for 5 Volt only Input


Similar Part No. - LX1673-09CPW

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1670 MICROSEMI-LX1670 Datasheet
192Kb / 7P
   5 - BIT PROGRAMMABLE VOTAGE REFERENCE
LX1670CD MICROSEMI-LX1670CD Datasheet
192Kb / 7P
   5 - BIT PROGRAMMABLE VOTAGE REFERENCE
LX1671 MICROSEMI-LX1671 Datasheet
447Kb / 21P
   Multiple Output LoadSHARE PWM
LX1671CLQ MICROSEMI-LX1671CLQ Datasheet
425Kb / 21P
   Multiple Output LoadSHARE PWM
LX1671CLQ-TR MICROSEMI-LX1671CLQ-TR Datasheet
425Kb / 21P
   Multiple Output LoadSHARE PWM
More results

Similar Description - LX1673-09CPW

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7515 INTERSIL-EL7515 Datasheet
316Kb / 9P
   High Frequency PWM Step-Up Regulator
logo
Elantec Semiconductor
EL7512C ELANTEC-EL7512C Datasheet
1Mb / 9P
   High Frequency PWM Step-Up Regulator
logo
Intersil Corporation
EL7512 INTERSIL-EL7512 Datasheet
249Kb / 8P
   High Frequency PWM Step-Up Regulator
EL7515 INTERSIL-EL7515_07 Datasheet
179Kb / 9P
   High Frequency PWM Step-Up Regulator
logo
Renesas Technology Corp
EL7515 RENESAS-EL7515 Datasheet
492Kb / 9P
   High Frequency PWM Step-Up Regulator
EL7512 RENESAS-EL7512 Datasheet
501Kb / 8P
   High Frequency PWM Step-Up Regulator
logo
Sipex Corporation
SP6652 SIPEX-SP6652 Datasheet
201Kb / 11P
   1A, High Efficiency, High Frequency Current Mode PWM Buck Regulator
logo
Seiko Instruments Inc
S8337 SII-S8337 Datasheet
2Mb / 51P
   STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8337 ABLIC-S-8337 Datasheet
452Kb / 45P
   STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.5.0_00
logo
Texas Instruments
UCC39422NG4 TI-UCC39422NG4 Datasheet
981Kb / 40P
[Old version datasheet]   MULTIMODE HIGH-FREQUENCY PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com