Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

91AR2MEGLF Datasheet(PDF) 3 Page - Bi technologies

Part # 91AR2MEGLF
Description  3/8 Diameter Single Turn Cermet Trimming Potentiometer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

91AR2MEGLF Datasheet(HTML) 3 Page - Bi technologies

  91AR2MEGLF Datasheet HTML 1Page - Bi technologies 91AR2MEGLF Datasheet HTML 2Page - Bi technologies 91AR2MEGLF Datasheet HTML 3Page - Bi technologies 91AR2MEGLF Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1
1-85
Model 91
.10
2.54
(3)
(2)
(1)
.20
5.08
.18
4.57
.345
8.763
Max.
.10
2.54
Min.
Model 91X
.10
2.54
(3)
(2)
(1)
.20
5.08
.18
4.57
.345
8.763
Max.
.10
2.54
Min.
Model 91T
SIDE ADJUSTMENT (Inch/mm)
.172
4.369
(3)
(2)
(1)
.344
8.738
.18
4.57
.40
10.2
Max.
.156
3.962
Min.
Model 91V
.10
2.54
(3)
(2)
(1)
.20
5.08
.18
4.57
.25
6.35
Max.
Min.
Model 91W


Similar Part No. - 91AR2MEGLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
91A1A-A24-A13/A15 BOURNS-91A1A-A24-A13/A15 Datasheet
345Kb / 6P
   91, 92, 93, 94, 95, 96 - 5/8 ??Square Single-Turn Panel Control 97, 99 - 5/8 ??Square Single-Turn Panel Control with Rotary Switch
91A1A-A24-A13/A15L BOURNS-91A1A-A24-A13/A15L Datasheet
345Kb / 6P
   91, 92, 93, 94, 95, 96 - 5/8 ??Square Single-Turn Panel Control 97, 99 - 5/8 ??Square Single-Turn Panel Control with Rotary Switch
91A1A-A24-A13/R51 BOURNS-91A1A-A24-A13/R51 Datasheet
345Kb / 6P
   91, 92, 93, 94, 95, 96 - 5/8 ??Square Single-Turn Panel Control 97, 99 - 5/8 ??Square Single-Turn Panel Control with Rotary Switch
91A1A-A24-A13/R51L BOURNS-91A1A-A24-A13/R51L Datasheet
345Kb / 6P
   91, 92, 93, 94, 95, 96 - 5/8 ??Square Single-Turn Panel Control 97, 99 - 5/8 ??Square Single-Turn Panel Control with Rotary Switch
91A1A-A24-A15/A15 BOURNS-91A1A-A24-A15/A15 Datasheet
345Kb / 6P
   91, 92, 93, 94, 95, 96 - 5/8 ??Square Single-Turn Panel Control 97, 99 - 5/8 ??Square Single-Turn Panel Control with Rotary Switch
More results

Similar Description - 91AR2MEGLF

ManufacturerPart #DatasheetDescription
logo
Bi technologies
24WR10KLFTR BITECH-24WR10KLFTR Datasheet
63Kb / 3P
   4mm Diameter Single Turn Cermet Trimming Potentiometer
72PR10KLF BITECH-72PR10KLF Datasheet
81Kb / 6P
   3/8 Square Single Turn Cermet Trimming Potentiometer
62PR10KLF BITECH-62PR10KLF Datasheet
56Kb / 3P
   1/4 Diameter Single Turn Cermet Trimming Potentiometer
93PR10KLF BITECH-93PR10KLF_12 Datasheet
55Kb / 3P
   1/2 Diameter Single Turn Cermet Trimming Potentiometer
82PR10KLF BITECH-82PR10KLF Datasheet
62Kb / 4P
   1/4 Diameter Single Turn Cermet Trimming Potentiometer
93PR10KLF BITECH-93PR10KLF Datasheet
49Kb / 3P
   1/2 Diameter Single Turn Cermet Trimming Potentiometer
22AR10KLFTR BITECH-22AR10KLFTR Datasheet
171Kb / 3P
   3 mm Single Turn Sealed Surface Mount Cermet Trimming Potentiometer
25PR10KLF BITECH-25PR10KLF Datasheet
122Kb / 4P
   1/4??Square Single Turn Cermet Trimming Potentiometer
logo
List of Unclassifed Man...
CT6S104 ETC1-CT6S104 Datasheet
369Kb / 6P
   Single Turn Trimming Potentiometer 6 mm Square, Cermet
logo
Bi technologies
67PR10KLF BITECH-67PR10KLF Datasheet
66Kb / 5P
   3/8 Square Multiturn Cermet Trimming Potentiometer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com