Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPR-18 Datasheet(PDF) 28 Page - Power Integrations, Inc.

Part # EPR-18
Description  Engineering Prototype Report for EP-18 10 W, Multiple Output, Isolated Power Supply with
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-18 Datasheet(HTML) 28 Page - Power Integrations, Inc.

Back Button EPR-18 Datasheet HTML 20Page - Power Integrations, Inc. EPR-18 Datasheet HTML 21Page - Power Integrations, Inc. EPR-18 Datasheet HTML 22Page - Power Integrations, Inc. EPR-18 Datasheet HTML 23Page - Power Integrations, Inc. EPR-18 Datasheet HTML 24Page - Power Integrations, Inc. EPR-18 Datasheet HTML 25Page - Power Integrations, Inc. EPR-18 Datasheet HTML 26Page - Power Integrations, Inc. EPR-18 Datasheet HTML 27Page - Power Integrations, Inc. EPR-18 Datasheet HTML 28Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
10 W, Multiple Output, Isolated Power Supply
05-Dec-2002
For the latest updates, visit our Web site: www.powerint.com
The products and applications illustrated herein (including circuits external to the products and transformer
construction) may be covered by one or more U.S. and foreign patents or potentially by pending U.S. and foreign
patent applications assigned to Power Integrations. A complete list of Power Integrations’ patents may be found at
www.powerint.com.
Power Integrations reserves the right to make changes to its products at any time to improve reliability or
manufacturability. Power Integrations does not assume any liability arising from the use of any device or circuit
described herein, nor does it convey any license under its patent rights or the rights of others.
The PI Logo,
TOPSwitch, TinySwitch and EcoSmart are registered trademarks of Power Integrations, Inc.
©Copyright 2002, Power Integrations, Inc.
WORLD HEADQUARTERS
NORTH AMERICA - WEST
Power Integrations, Inc.
5245 Hellyer Avenue
San Jose, CA 95138 USA.
Main:
+1-408-414-9200
Customer Service:
Phone:
+1-408-414-9665
Fax:
+1-408-414-9765
e-mail:
usasales@powerint.com
EUROPE & AFRICA
Power Integrations (Europe) Ltd.
Centennial Court
Easthampstead Road
Bracknell
Berkshire RG12 1YQ,
United Kingdom
Phone:
+44-1344-462-300
Fax:
+44-1344-311-732
e-mail:
eurosales@powerint.com
SINGAPORE
Power Integrations, Singapore
51 Goldhill Plaza #16-05
Republic of Singapore,
308900
Phone:
+65-6358-2160
Fax:
+65-6358-2015
e-mail:
singaporesales@powerint.com
TAIWAN
Power Integrations
International Holdings, Inc.
17F-3, No. 510
Chung Hsiao E. Rd.,
Sec. 5,
Taipei, Taiwan 110, R.O.C.
Phone:
+886-2-2727-1221
Fax:
+886-2-2727-1223
e-mail:
taiwansales@powerint.com
CHINA
Power Integrations
International Holdings, Inc.
Rm# 1705, Bao Hua Bldg.
1016 Hua Qiang Bei Lu
Shenzhen Guangdong,
518031
Phone:
+86-755-8367-
5143
Fax:
+86-755-8377-
9610
e-mail:
chinasales@powerint.com
KOREA
Power Integrations
International Holdings, Inc.
Rm# 402, Handuk Building,
649-4 Yeoksam-Dong,
Kangnam-Gu,
Seoul, Korea
Phone:
+82-2-568-7520
Fax:
+82-2-568-7474
e-mail: koreasales@powerint.com
JAPAN
Power Integrations, K.K.
Keihin-Tatemono 1st Bldg.
12-20 Shin-Yokohama
2-Chome,
Kohoku-ku, Yokohama-shi,
Kanagawa 222-0033, Japan
Phone:
+81-45-471-1021
Fax:
+81-45-471-3717
e-mail:
japansales@powerint.com
INDIA (Technical Support)
Innovatech
#1, 8th Main Road
Vasanthnagar
Bangalore, India 560052
Phone:
+91-80-226-6023
Fax:
+91-80-228-9727
e-mail:
indiasales@powerint.com
Page 28 of 28
Power Integrations, Inc.
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com


Similar Part No. - EPR-18

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
EPR-12 POWERINT-EPR-12 Datasheet
1Mb / 40P
   Engineering Prototype Report for EP-12 - 145 W PC Forward Converter with TOP247 and 10 W 5 V Output Standby Flyback with TNY266
EPR-16 POWERINT-EPR-16 Datasheet
1Mb / 36P
   Engineering Prototype Report for EP-16 2.75 W Charger/Adapter Using LNK501
More results

Similar Description - EPR-18

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
EPR-31 POWERINT-EPR-31 Datasheet
1,014Kb / 36P
   Engineering Prototype Report for EP-31 Multiple Output 180 W AC-DC Power
EPR-91 POWERINT-EPR-91 Datasheet
712Kb / 36P
   Engineering Prototype Report for EP-91 - 12 W Power Supply using
EPR-34 POWERINT-EPR-34 Datasheet
935Kb / 28P
   Engineering Prototype Report for EP 34 - Single Output 30 W AC-DC Power Supply
EPR-29 POWERINT-EPR-29 Datasheet
2Mb / 36P
   Engineering Prototype Report for EP-29 - Multiple Output 11 W (15.5 W peak) AC-DC Power Supply using TNY268P
EPR-93 POWERINT-EPR-93 Datasheet
552Kb / 40P
   Engineering Prototype Report for EP 93 - 32 W/81 W Peak Supply Using PeakSwitch- (PKS606Y)
EPR-32 POWERINT-EPR-32 Datasheet
2Mb / 36P
   Engineering Prototype Report for EP-32 − TOPSwitch-GX 25 W Multiple Output DVD, Set-top Box Power Supply Using TOP245P
EPR-85 POWERINT-EPR-85 Datasheet
2Mb / 32P
   Engineering Prototype Report for EP 85 - 2 W Charger using LinkSwitch-LP
EPR-54 POWERINT-EPR-54 Datasheet
1Mb / 40P
   Engineering Prototype Report for EP 54 - 2.75 W Charger/Adapter Using LNK520P
EPR-21 POWERINT-EPR-21 Datasheet
1Mb / 32P
   Engineering Prototype Report (EP-21) - 30 W DC-DC Converter with DPA424
EPR-16 POWERINT-EPR-16 Datasheet
1Mb / 36P
   Engineering Prototype Report for EP-16 2.75 W Charger/Adapter Using LNK501
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com