Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPR-00015 Datasheet(PDF) 8 Page - Power Integrations, Inc.

Part # EPR-00015
Description  3W, Universal Input, Single Output, Isolated Converter with TNY254 (EP-15)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-00015 Datasheet(HTML) 8 Page - Power Integrations, Inc.

Back Button EPR-00015 Datasheet HTML 4Page - Power Integrations, Inc. EPR-00015 Datasheet HTML 5Page - Power Integrations, Inc. EPR-00015 Datasheet HTML 6Page - Power Integrations, Inc. EPR-00015 Datasheet HTML 7Page - Power Integrations, Inc. EPR-00015 Datasheet HTML 8Page - Power Integrations, Inc. EPR-00015 Datasheet HTML 9Page - Power Integrations, Inc. EPR-00015 Datasheet HTML 10Page - Power Integrations, Inc. EPR-00015 Datasheet HTML 11Page - Power Integrations, Inc. EPR-00015 Datasheet HTML 12Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Engineering Prototype Report
EPR-00015
Page 8 of 24
7.0 Transformer – T1
7.1 Transformer drawing
Electrical Specifications:
Electrical Strength
60Hz 1 minute, from Pins 1-4 to Pins 5-10
3000 VAC
Creepage
Between Pins 1-4 and Pins 5-10
6 mm (Min.)
Primary Inductance
Pins 1,2, all other windings open, measured at 44KHz
3676
mH, ±10%
Resonant Frequency
Pins 1,2, all other windings open
500 KHz (Min.)
Primary Leakage Inductance
Pins 1,2, with Pins 5-10 shorted, measured at 44KHz
300
mH (Max.)
Transformer Construction:
Shield
Start at Pin 1. Wind 53 turns of item [3] in 1 layer. Finish on Pin 3.
Primary
Start at Pin 2. Wind 223 turns of item [3] in 4 layers. Finish on Pin 1.
Secondary Winding
Start at Pin 10. Wind 49 turns of item [4]. Finish on Pin 9.
Final Assembly
Cores, Item [1], glued with a mixture of glass beads, item [5], 5% by weight, and
JAC133 epoxy, item [6]. (Contact Power Integrations for further details on
epoxy-glass bead construction method)
Materials:
Item
Description
[1]
Core: EE16, Nippon Ceramic NC-2H material or equiv. Gapped for ALG of 74 nH/T
2
[2]
Bobbin: 10 pin EE16, Ying Chin YC1607 or equiv.
[3]
Magnet Wire: #36 AWG Heavy Nyleze
[4]
Magnet Wire: #28 AWG Triple insulated
[5]
Glass beads, DIA=0.249mm available from MO-SCI Corp.
Telephone: +1 573 364 2338. Fax: +1 573 364 9589
[6]
Epoxy, JAC133 (or equivalent) available from Jungdo Chemical Company, Ltd. South
Korea Telephone: +82 2 856 0391 Fax: +82 2 867 1685
WDG#2
223T
#36 AWG
2
1
WDG #3
49T
28AWG Triple Insulated
10
9
WDG#1
53T
#36 AWG
1
3
Pins Side
Secondary
Primary
1
2
9
10
Shield
3
1


Similar Part No. - EPR-00015

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
EPR-00010 POWERINT-EPR-00010 Datasheet
518Kb / 24P
   15W, Universal Input, Single Output, Isolated Converter with TOP233Y
EPR-00011 POWERINT-EPR-00011 Datasheet
1Mb / 46P
   Engineering Prototype Report - 70 W (19 V 3.66A) Universal Input Adapter (EP11)
More results

Similar Description - EPR-00015

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
3ACMW GAPTEC-3ACMW Datasheet
2Mb / 5P
   3W- Single Output AC-DC Converter - Universal Input - Isolated & Regulated
3ACM GAPTEC-3ACM Datasheet
1Mb / 5P
   3W- Single Output AC-DC Converter - Universal Input - Isolated & Regulated
3ACA GAPTEC-3ACA Datasheet
1Mb / 5P
   3W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
3ACE GAPTEC-3ACE Datasheet
3Mb / 5P
   3W- Single Output AC-DC Converter - Universal Input - Isolated & Regulated
3ACOS GAPTEC-3ACOS Datasheet
1Mb / 4P
   3W - Single output AC-DC converter - Universal input - Non-isolated
logo
Power Integrations, Inc...
EPR-00010 POWERINT-EPR-00010 Datasheet
518Kb / 24P
   15W, Universal Input, Single Output, Isolated Converter with TOP233Y
logo
GAPTEC Electronic GmbH ...
3T8W GAPTEC-3T8W Datasheet
1Mb / 4P
   3W - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
3T14W4 GAPTEC-3T14W4 Datasheet
1Mb / 4P
   3W - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
3D8W GAPTEC-3D8W Datasheet
1Mb / 4P
   3W - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
3MT28A GAPTEC-3MT28A Datasheet
1Mb / 4P
   3W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com