Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPR-00010 Datasheet(PDF) 7 Page - Power Integrations, Inc.

Part # EPR-00010
Description  15W, Universal Input, Single Output, Isolated Converter with TOP233Y
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-00010 Datasheet(HTML) 7 Page - Power Integrations, Inc.

Back Button EPR-00010 Datasheet HTML 3Page - Power Integrations, Inc. EPR-00010 Datasheet HTML 4Page - Power Integrations, Inc. EPR-00010 Datasheet HTML 5Page - Power Integrations, Inc. EPR-00010 Datasheet HTML 6Page - Power Integrations, Inc. EPR-00010 Datasheet HTML 7Page - Power Integrations, Inc. EPR-00010 Datasheet HTML 8Page - Power Integrations, Inc. EPR-00010 Datasheet HTML 9Page - Power Integrations, Inc. EPR-00010 Datasheet HTML 10Page - Power Integrations, Inc. EPR-00010 Datasheet HTML 11Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Engineering Prototype Report
EPR-00010
Page 7 of 24
6.0 Bill of Materials
Item
Qty. Ref.
Description
Part number
Manufacturer
1
1
CX1
0.1uF/X2, (250VAC)
F1772-410-2000
Vishay
2
1
CY1
2.2nF/Y1 (125/250VAC)
440LD22
Cera-mite
3
1
C1
33uF/450V
EEU-EB2W330S
Panasonic
4
1
C2
47uF/10V
ECE-A1-AV470
Panasonic SU
5
3
C3
0.1uF/50V
RPE121Z5U104M50V
Murata
6
C7
0.1uF/50V
7
C8
0.1uF/50V
8
1
C4
560uF/35V
ECA-1VFQ561
Panasonic
9
1
C5
220uF/35V
ECE-A1VGE221
Panasonic
10
1
C6
4.7uF/35V
ECE-A1VU 4R7
Panasonic SU
11
4
D1
1A, 1000V
1N4007
Generic
12
D2
1N4007
13
D3
1N4007
14
D4
1N4007
15
1
D5
1A, 600V, 75nsec
UF1005
Vishay
16
1
D6
0.5W,200V, 4nsec
BAV20
Vishay
17
1
D7
3A, 200V, 50nsec
UF5402(UF3003)
Generic (Vishay)
18
1
F1
3.15A/250V
19372K, 3.15A
Wickman
19
2
J1
Header (0.156" spacing, 3pos.)
26-48-1035
Molex
20
J2
21
1
LED1
GRN, low current
LG3369
Siemens
22
1
L1
10mH/0.3A
SU10V-03100
Tokin
23
1
L2
3.3uH, 2.65A
622LY-3R3M
Toko
24
1
Q1
Switching, 200MHz (NPN, TO92)
2N3904
25
1
RT1
THERMISTOR (NTC)
*
ERT-D2FHL462S
Panasonic
26
1
R1
1M, 1/4W
27
1
R2
910k 1/4W
28
1
R3
6.8, 1/8W
29
2
R4
1, 1%, 1/2W
30
R5
31
1
R6
47, 1/8W
32
1
R7
470, 1/8W
33
1
R8
4.7 1/8W
34
2
R9
11.5k, 1%, 1/4W
35
R10
36
1
R11
47.5k, 1%, 1/4W
37
1
R12
6.8k, 1/4W
38
1
T1
EF20, 917uH, 3 windings
Transformer,custom
Cooper
39
1
U1
TOPSwitch-FX
TOP233Y
Power Integrations
40
1
U2
Optocoupler
PC817A
Sharp
41
1
U3
Adjustable Shunt Regulator, TO-92 TL431CLP
Generic
42
1
VR1
150V, Tranzorb
P6KE150
GI/Vishay
43
1
HS1
Heat sink, TO-220, Vertical
S704
IERC/Digikey
44
1
Screw, No.3x8mm Pan Phil
H743-ND
Digikey
45
1
Split Lock Washer, No.3
H772-ND
Digikey
46
1
Hex Nut, No.3
H762-ND
Digikey
*Attaches to the battery (not part of the power supply).


Similar Part No. - EPR-00010

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
EPR-00011 POWERINT-EPR-00011 Datasheet
1Mb / 46P
   Engineering Prototype Report - 70 W (19 V 3.66A) Universal Input Adapter (EP11)
EPR-00015 POWERINT-EPR-00015 Datasheet
662Kb / 24P
   3W, Universal Input, Single Output, Isolated Converter with TNY254 (EP-15)
More results

Similar Description - EPR-00010

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
15ACM GAPTEC-15ACM Datasheet
2Mb / 7P
   15W- Single Output AC-DC Converter - Universal Input - Isolated & Regulated
15ACE GAPTEC-15ACE Datasheet
3Mb / 6P
   15W- Single Output AC-DC Converter - Universal Input - Isolated & Regulated
15ACBEW GAPTEC-15ACBEW Datasheet
2Mb / 5P
   15W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
15ACP GAPTEC-15ACP Datasheet
894Kb / 3P
   15W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
15ACMEB GAPTEC-15ACMEB Datasheet
2Mb / 5P
   15W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
15ACBE GAPTEC-15ACBE Datasheet
3Mb / 6P
   15W - Single/Dual Output AC-DC Converter - Universal Input - Isolated & Regulated
15DMWE4 GAPTEC-15DMWE4 Datasheet
2Mb / 5P
   15W - Single Output - Wide Input - Isolated & Regulated
15DMWE4-1.5 GAPTEC-15DMWE4-1.5 Datasheet
2Mb / 7P
   15W - Single Output - Wide Input - Isolated & Regulated
15DAWE GAPTEC-15DAWE Datasheet
2Mb / 5P
   15W - Single Output - Wide Input - Isolated & Regulated
15DMWE GAPTEC-15DMWE Datasheet
3Mb / 6P
   15W - Single Output - Wide Input - Isolated & Regulated
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com