Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPP2301 Datasheet(PDF) 2 Page - SYNC POWER Crop.

Part # SPP2301
Description  P-Channel Enhancement Mode MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SPP2301 Datasheet(HTML) 2 Page - SYNC POWER Crop.

  SPP2301 Datasheet HTML 1Page - SYNC POWER Crop. SPP2301 Datasheet HTML 2Page - SYNC POWER Crop. SPP2301 Datasheet HTML 3Page - SYNC POWER Crop. SPP2301 Datasheet HTML 4Page - SYNC POWER Crop. SPP2301 Datasheet HTML 5Page - SYNC POWER Crop. SPP2301 Datasheet HTML 6Page - SYNC POWER Crop. SPP2301 Datasheet HTML 7Page - SYNC POWER Crop. SPP2301 Datasheet HTML 8Page - SYNC POWER Crop.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2007/02/02
Ver.3
Page 2
SPP2301
P-Channel Enhancement Mode MOSFET
PIN DESCRIPTION
Pin
Symbol
Description
1
G
Gate
2
S
Source
3
D
Drain
ORDERING INFORMATION
Part Number
Package
Part
Marking
SPP2301S23RG
SOT-23-3L
01YW
Week Code : A ~ Z( 1 ~ 26 ) ; a ~ z( 27 ~ 52 )
SPP2301S23RG : Tape Reel ; Pb – Free
ABSOULTE MAXIMUM RATINGS
(TA=25
Unless otherwise
noted)
Parameter
Symbol
Typical
Unit
Drain-Source Voltage
VDSS
-20
V
Gate –Source Voltage
VGSS
±12
V
TA=25℃
-3.0
Continuous Drain Current(TJ=150 )
TA=70℃
ID
-2.0
A
Pulsed Drain Current
IDM
-10
A
Continuous Source Current(Diode Conduction)
IS
-1.6
A
TA=25℃
1.25
Power Dissipation
TA=70℃
PD
0.8
W
Operating Junction Temperature
TJ
150
Storage Temperature Range
TSTG
-55/150
Thermal Resistance-Junction to Ambient
RθJA
120
/W


Similar Part No. - SPP2301

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SPP2301 VBSEMI-SPP2301 Datasheet
471Kb / 9P
   P-Channel 20-V (D-S) MOSFET
logo
SYNC POWER Crop.
SPP2301A SYNC-POWER-SPP2301A Datasheet
219Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP2301AS23RG SYNC-POWER-SPP2301AS23RG Datasheet
219Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP2301AS23RG SYNC-POWER-SPP2301AS23RG Datasheet
193Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
SPP2301AS23RG VBSEMI-SPP2301AS23RG Datasheet
472Kb / 9P
   P-Channel 20-V (D-S) MOSFET
More results

Similar Description - SPP2301

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com