Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPN6561 Datasheet(PDF) 3 Page - SYNC POWER Crop.

Part # SPN6561
Description  Dual N-Channel Enhancement Mode MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SPN6561 Datasheet(HTML) 3 Page - SYNC POWER Crop.

  SPN6561 Datasheet HTML 1Page - SYNC POWER Crop. SPN6561 Datasheet HTML 2Page - SYNC POWER Crop. SPN6561 Datasheet HTML 3Page - SYNC POWER Crop. SPN6561 Datasheet HTML 4Page - SYNC POWER Crop. SPN6561 Datasheet HTML 5Page - SYNC POWER Crop. SPN6561 Datasheet HTML 6Page - SYNC POWER Crop. SPN6561 Datasheet HTML 7Page - SYNC POWER Crop. SPN6561 Datasheet HTML 8Page - SYNC POWER Crop.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2006/06/05
Ver.1
Page 3
SPN6561
Dual N-Channel Enhancement Mode MOSFET
ELECTRICAL CHARACTERISTICS
(TA=25
Unless otherwise noted)
Parameter
Symbol
Conditions
Min.
Typ
Max.
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS VGS=0V,ID=250uA
30
Gate Threshold Voltage
VGS(th) VDS=VGS,ID=250uA
1.0
3.0
V
Gate Leakage Current
IGSS
VDS=0V,VGS=±20V
±100
nA
VDS=30V,VGS=1.0V
1
Zero Gate Voltage Drain Current
IDSS
VDS=30V,VGS=0.0V
TJ=55℃
10
uA
VDS≧4.5V,VGS=10V
6
On-State Drain Current
ID(on)
VDS≧4.5V,VGS=4.5V
4
A
VGS = 10V,ID=2.8A
0.043
0.060
Drain-Source On-Resistance
RDS(on)
VGS =4.5V,ID=2.1A
0.056
0.080
Forward Transconductance
gfs
VDS=4.5V,ID=2.5A
4.6
S
Diode Forward Voltage
VSD
IS=1.25A,VGS=0V
0.8
1.2
V
Dynamic
Total Gate Charge
Qg
4.5
10
Gate-Source Charge
Qgs
0.8
Gate-Drain Charge
Qgd
VDS=15VGS=10V
ID≡2.5
1.0
nC
Input Capacitance
Ciss
240
Output Capacitance
Coss
110
Reverse Transfer Capacitance
Crss
VDS=15VGS=0V
f=1MHz
17
pF
td(on)
8
20
Turn-On Time
tr
12
30
td(off)
17
35
Turn-Off Time
tf
VDD=15RL=15
ID≡1.0A,VGEN=10
RG=6Ω
8
20
ns


Similar Part No. - SPN6561

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPN6561S26RG SYNC-POWER-SPN6561S26RG Datasheet
182Kb / 8P
   Dual N-Channel Enhancement Mode MOSFET
SPN6561S26RGB SYNC-POWER-SPN6561S26RGB Datasheet
182Kb / 8P
   Dual N-Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
SPN6561S26RGB VBSEMI-SPN6561S26RGB Datasheet
1Mb / 9P
   Dual N-Channel 20 V (D-S) MOSFET
logo
SYNC POWER Crop.
SPN6561 SYNC-POWER-SPN6561_09 Datasheet
182Kb / 8P
   Dual N-Channel Enhancement Mode MOSFET
More results

Similar Description - SPN6561

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM7312 ANPEC-APM7312 Datasheet
118Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN7002D SYNC-POWER-SPN7002D Datasheet
258Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM4410D TSC-TSM4410D Datasheet
164Kb / 5P
   Dual N-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM9966 ANPEC-APM9966 Datasheet
151Kb / 12P
   Dual N-Channel Enhancement Mode MOSFET
APM7322K ANPEC-APM7322K Datasheet
117Kb / 10P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
2N7002DW DIODES-2N7002DW_15 Datasheet
217Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG4800LSD DIODES-DMG4800LSD_15 Datasheet
249Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN601DMK DIODES-DMN601DMK_16 Datasheet
513Kb / 7P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
logo
GUANGDONG HOTTECH INDUS...
8205A HOTTECH-8205A Datasheet
821Kb / 2P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN2040LSD DIODES-DMN2040LSD Datasheet
158Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG8822UTS DIODES-DMG8822UTS Datasheet
156Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com