Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TDA3674 Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. TDA3674
Description  Low dropout voltage/quiescent current 5 V voltage regulator with enable
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

TDA3674 Datasheet(HTML) 5 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
2000 Feb 01
5
Philips Semiconductors
Preliminary specification
Low dropout voltage/quiescent current 5 V
voltage regulator with enable
TDA3674
CHARACTERISTICS
VP = 14.4 V; Tamb =25 °C; measured in test circuit of Fig.3; unless otherwise specified.
Notes
1. The regulator output will follow VP if VP <VREG +VREG(drop).
2. Limiting values as applicable for device type:
a) TDA3674T: VP ≤ 33 V, −40 °C ≤ Tamb ≤ +85 °C.
b) TDA3674AT: VP ≤ 45 V, −40 °C ≤ Tamb ≤ +125 °C.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply voltage: pin VP
VP
supply voltage
regulator operating; note 1
TDA3674T
3
14.4
33
V
TDA3674AT
3
14.4
45
V
Iq
quiescent current
VP = 14.4 V; IREG = 0 mA;
VI(EN) =0V
415
µA
VP = 14.4 V; IREG = 0 mA;
VI(EN) =5V
15
30
µA
6V
≤ V
P ≤ 22 V; IREG =10mA
0.2
0.5
mA
6V
≤ V
P ≤ 22 V; IREG =50mA
1.4
2.5
mA
Enable input: pin EN
VI(EN)
enable input voltage
enable off; VREG ≤ 0.8 V
−1
+1.0
V
enable on; VREG ≥ 4.5 V
3.0
18
V
II(EN)
enable input current
VI(EN) =5V
0.3
−µA
Regulator output: pin REG; note 2
VREG
output voltage
8 V
≤ VP ≤ 22 V; IREG = 0.5 mA
4.8
5.0
5.2
V
8V
≤ V
P ≤ 22 V; IREG = 0.5 mA;
Tamb ≤ 125 °C
4.75
5.0
5.25
V
0.5 mA
≤ I
REG ≤ 100 mA
4.75
5.0
5.25
V
6V
≤ V
P ≤ 45 V; IREG = 0.5 mA
4.75
5.0
5.25
V
VREG(drop)
dropout voltage
VP = 4.5 V; Tamb ≤ 85 °C;
IREG =50mA
0.18
0.3
V
VREG(stab)
long-term stability
20
mV/1000 h
∆V
REG(line)
line input regulation voltage 8 V
≤ VP ≤ 16 V; IREG = 0.5 mA
110
mV
7V
≤ V
P ≤ 22 V; IREG = 0.5 mA
130
mV
7V
≤ V
P ≤ 45 V
150
mV
∆V
REG(load)
load output regulation
voltage
0.5 mA
≤ IREG ≤ 50 mA
10
50
mV
SVRR
supply voltage ripple
rejection
fi = 120 Hz; Vi(ripple) = 1 V (RMS);
IREG = 0.5 mA
50
60
dB
IREG(crl)
current limit
VREG > 4.5 V
0.13
0.25
A
ILO(rp)
output leakage current at
reverse polarity
VP = −15 V; VREG ≤ 0.3 V
1
500
µA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn