Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TDA3672 Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. TDA3672
Description  Very low dropout voltage/quiescent current 3.0 V voltage regulator with enable
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3672 Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA3672 Datasheet HTML 1Page - NXP Semiconductors TDA3672 Datasheet HTML 2Page - NXP Semiconductors TDA3672 Datasheet HTML 3Page - NXP Semiconductors TDA3672 Datasheet HTML 4Page - NXP Semiconductors TDA3672 Datasheet HTML 5Page - NXP Semiconductors TDA3672 Datasheet HTML 6Page - NXP Semiconductors TDA3672 Datasheet HTML 7Page - NXP Semiconductors TDA3672 Datasheet HTML 8Page - NXP Semiconductors TDA3672 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
2000 Apr 26
5
Philips Semiconductors
Preliminary specification
Very low dropout voltage/quiescent current
3.0 V voltage regulator with enable
TDA3672
CHARACTERISTICS
VP = 14.4 V; Tamb =25 °C; measured in test circuit (see Fig.3); unless otherwise specified.
Notes
1. The regulator output will follow VP if VP <VREG +VREG(drop).
2. Limiting values as applicable for device type TDA3672AT: VP ≤ 45 V and −40 °C ≤ Tamb ≤ +125 °C.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply voltage: pin VP
VP
supply voltage
regulator operating; note 1
3
14.4
45
V
Iq
quiescent current
VP = 14.4 V; IREG = 0 mA;
VI(EN) =0V
415
µA
VP = 14.4 V; IREG = 0 mA;
VI(EN) =5V
15
30
µA
5.5 V
≤ V
P ≤ 22 V; IREG =10mA
0.2
0.5
mA
5.5 V
≤ V
P ≤ 22 V; IREG =50mA
1.4
2.5
mA
Enable input: pin EN
VI(EN)
enable input voltage
enable off; VREG ≤ 0.8 V
−1
+1.0
V
enable on; VREG ≥ 2.7 V
3.0
18
V
II(EN)
enable input current
VI(EN) =5V
0.3
−µA
Regulator output: pin REG; note 2
VREG
output voltage
7.5 V
≤ VP ≤ 22 V; IREG = 0.5 mA 2.84
3.0
3.16
V
0.5 mA
≤ I
REG ≤ 100 mA;
Tamb ≤ 125 °C
2.81
3.0
3.19
V
5.5 V
≤ V
P ≤ 45 V; IREG = 0.5 mA;
Tamb ≤ 125 °C
2.81
3.0
3.19
V
VREG(drop)
dropout voltage
VP = 2.8 V; IREG =50mA;
Tamb ≤ 85 °C
0.18
0.3
V
VREG(stab)
long-term output voltage
stability
20
mV/1000 h
∆VREG(line) line regulation voltage
6.5 V
≤ VP ≤ 22 V; IREG = 0.5 mA −
130
mV
6.5 V
≤ V
P ≤ 45 V; IREG = 0.5 mA
150
mV
∆VREG(load) load output regulation voltage 0.5 mA ≤ IREG ≤ 50 mA
10
50
mV
SVRR
supply voltage ripple rejection
fi = 120 Hz; Vi(ripple) = 1 V (RMS);
IREG = 0.5 mA
50
60
dB
IREG(crl)
current limit
VREG > 2.5 V
0.17
0.25
A
ILO(rp)
output leakage current at
reverse polarity input
VP = −15 V; VREG ≤ 0.3 V
1
500
µA


Similar Part No. - TDA3672

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
TDA3673 PHILIPS-TDA3673 Datasheet
83Kb / 16P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator with enable
2000 Feb 01
TDA3673AT PHILIPS-TDA3673AT Datasheet
83Kb / 16P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator with enable
2000 Feb 01
TDA3673T PHILIPS-TDA3673T Datasheet
83Kb / 16P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator with enable
2000 Feb 01
TDA3674 PHILIPS-TDA3674 Datasheet
83Kb / 16P
   Low dropout voltage/quiescent current 5 V voltage regulator with enable
2000 Feb 01
TDA3674AT PHILIPS-TDA3674AT Datasheet
83Kb / 16P
   Low dropout voltage/quiescent current 5 V voltage regulator with enable
2000 Feb 01
More results

Similar Description - TDA3672

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
TDA3662 PHILIPS-TDA3662 Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 3.0 V voltage regulator
2000 Apr 26
TDA3673 PHILIPS-TDA3673 Datasheet
83Kb / 16P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator with enable
2000 Feb 01
TDA3674 PHILIPS-TDA3674 Datasheet
83Kb / 16P
   Low dropout voltage/quiescent current 5 V voltage regulator with enable
2000 Feb 01
TDA3675 PHILIPS-TDA3675 Datasheet
83Kb / 16P
   Low dropout voltage/quiescent current 8.5 V voltage regulator with enable
2000 Feb 01
TDA3676 PHILIPS-TDA3676 Datasheet
83Kb / 16P
   Low dropout voltage/quiescent current 10 V voltage regulator with enable
2000 Feb 01
TDA3664 PHILIPS-TDA3664 Datasheet
88Kb / 16P
   Very low dropout voltage/quiescent current 5 V voltage regulator
1999 Sep 01
TDA3665 PHILIPS-TDA3665 Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 8.5 V voltage regulator
2000 Apr 25
TDA3666 PHILIPS-TDA3666 Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 10 V voltage regulator
2000 Apr 26
TDA3663 PHILIPS-TDA3663 Datasheet
89Kb / 17P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator
Rev. 05-13 June 2005
TDA3663 NXP-TDA3663 Datasheet
91Kb / 15P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator
Rev. 06-26 June 2007
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz