Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP6850 Datasheet(PDF) 3 Page - SYNC POWER Crop.

Part # SP6850
Description  Green-Mode PWM Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SP6850 Datasheet(HTML) 3 Page - SYNC POWER Crop.

  SP6850 Datasheet HTML 1Page - SYNC POWER Crop. SP6850 Datasheet HTML 2Page - SYNC POWER Crop. SP6850 Datasheet HTML 3Page - SYNC POWER Crop. SP6850 Datasheet HTML 4Page - SYNC POWER Crop. SP6850 Datasheet HTML 5Page - SYNC POWER Crop. SP6850 Datasheet HTML 6Page - SYNC POWER Crop. SP6850 Datasheet HTML 7Page - SYNC POWER Crop. SP6850 Datasheet HTML 8Page - SYNC POWER Crop. SP6850 Datasheet HTML 9Page - SYNC POWER Crop. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2007/04/10
Ver.3
Page 3
SP6850
Green-Mode PWM Controller
PIN DESCRIPTION
SP6850D8TG
Pin
Symbol
Description
1
OUT
Gate driver output to drive the external MOSFET
2
VCC
Supply Voltage in
3
NC
Unconnected pin
4
CS
Current sense. This pin senses the voltage across a resistor, to control PWM output. This pin
also provides current amplitude information for current-mode control.
5
RT
This current is used to charge an internal capacitor, to determine the switching frequency.
6
NC
Unconnected pin
7
COMP
Voltage feedback. The pin provides the output voltage regulation signal., it provides feedback
to the internal PWM comparator, so that the PWM comparator can control the duty cycle.
8
GND
Ground
SP6850S26RG
Pin
Symbol
Description
1
GND
Ground
2
COMP
Voltage feedback. The pin provides the output voltage regulation signal., it provides feedback
to the internal PWM comparator, so that the PWM comparator can control the duty cycle
3
RT
This current is used to charge an internal capacitor, to determine the switching frequency.
4
CS
Current sense. This pin senses the voltage across a resistor, to control PWM output. This pin
also provides current amplitude information for current-mode control
5
VCC
Supply Voltage in
6
OUT
Gate driver output to drive the external MOSFET
BLOCK DIAGRAM


Similar Part No. - SP6850

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SP6850AD8TG SYNC-POWER-SP6850AD8TG Datasheet
264Kb / 10P
   Green-Mode PWM Controller
SP6850AS26RG SYNC-POWER-SP6850AS26RG Datasheet
264Kb / 10P
   Green-Mode PWM Controller
SP6850BD8TG SYNC-POWER-SP6850BD8TG Datasheet
264Kb / 10P
   Green-Mode PWM Controller
SP6850BS26RG SYNC-POWER-SP6850BS26RG Datasheet
264Kb / 10P
   Green-Mode PWM Controller
SP6850 SYNC-POWER-SP6850_09 Datasheet
264Kb / 10P
   Green-Mode PWM Controller
More results

Similar Description - SP6850

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3102M-G1 BCDSEMI-AP3102M-G1 Datasheet
1Mb / 17P
   GREEN MODE PWM CONTROLLER
logo
Stanson Technology
ST8835 STANSON-ST8835 Datasheet
816Kb / 13P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3127 DIODES-AP3127 Datasheet
441Kb / 13P
   GREEN MODE PWM CONTROLLER
logo
Bookly Micro electronic
BM0853 BOOKLY-BM0853 Datasheet
972Kb / 11P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3102 DIODES-AP3102 Datasheet
617Kb / 14P
   GREEN MODE PWM CONTROLLER
AP3101 DIODES-AP3101 Datasheet
378Kb / 12P
   GREEN MODE PWM CONTROLLER
logo
Stanson Technology
ST6850 STANSON-ST6850 Datasheet
137Kb / 10P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3125B DIODES-AP3125B Datasheet
479Kb / 12P
   GREEN MODE PWM CONTROLLER
AP31251 DIODES-AP31251 Datasheet
412Kb / 13P
   GREEN MODE PWM CONTROLLER
Rev. 2 - 2 December 2019
logo
List of Unclassifed Man...
LD7550 ETC1-LD7550 Datasheet
216Kb / 10P
   Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com