Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCR250 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # CCR250
Description  CURRENT REGULATOR CHIPS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

CCR250 Datasheet(HTML) 1 Page - Microsemi Corporation

  CCR250 Datasheet HTML 1Page - Microsemi Corporation CCR250 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
171
ELECTRICAL CHARACTERISTICS @ 25°C, unless otherwise specified
MINIMUM
MINIMUM
DYNAMIC
KNEE
MAXIMUM
TYPE
REGULATOR CURRENT
IMPEDANCE
IMPEDANCE
LIMITING
PEAK
NUMBER
l p (mA) @ VS = 25V
@VS = 25V
@VK = 6.0 V
VOLTAGE
OPERATING
ZS (K)
ZK(K)
@ lL = 0.8 I p (min)
VOLTAGE
NOM
MIN
MAX
(Note 2)
(Note 3)
VL (VOLTS)
VOLTS
CCR250
5.10
4.59
5.61
100
4.0
3.67
80
CCR251
5.60
5.04
6.16
90
4.0
4.03
80
CCR252
6.20
5.58
6.82
80
3.0
4.46
70
CCR253
6.80
6.12
7.48
70
2.0
4.90
70
CCR254
7.50
6.75
8.25
50
1.5
5.40
60
CCR255
8.20
7.38
9.02
30
1.5
5.90
60
CCR256
9.10
8.19
10.01
20
1.0
6.55
50
CCR257
10.00
9.00
11.10
10
1.0
7.20
50
NOTE 1
IP is read using a pulse measurement, 10 milliseconds maximum.
NOTE 2
ZS is derived by superimposing A 90Hz RMS signal equal to 10% of VS on VS
NOTE 3
ZK is derived by superimposing A 90Hz RMS signal equal to 10% of VK on VK
MAXIMUM RATINGS
Operating Temperature: -55°C to +175°C
Storage Temperature: -55°C to +175°C
Backside is Cathode
A = Anode
DESIGN DATA
METALLIZATION:
Top:
(Anode).......................Al
Back: (Cathode)...................Au
AL THICKNESS...........25,000
Å Min
GOLD THICKNESS .......4,000
Å Min
CHIP THICKNESS .................10 Mils
TOLERANCES: ALL Dimensions
+ 2 mils, except Anode Pad where
tolerance is + 0.1 mils.
CCR250 thru CCR257
• CURRENT REGULATOR CHIPS
• ALL JUNCTIONS COMPLETELY PROTECTED WITH SILICON DIOXIDE
• CONSTANT CURRENT OVER WIDE VOLTAGE RANGE
• HIGH SOURCE IMPEDANCE
• COMPATIBLE WITH ALL WIRE BONDING AND DIE ATTACH TECHNIQUES,
WITH THE EXCEPTION OF SOLDER REFLOW
6
LAKE
STREET,
LAWRENCE,
MASSACHUSETTS 01841
PHONE (978) 620-2600
FAX (978) 689-0803
WEBSITE: http://www.microsemi.com


Similar Part No. - CCR250

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
CCR250 CDI-DIODE-CCR250 Datasheet
17Kb / 1P
   CURRENT REGULATOR CHIPS
More results

Similar Description - CCR250

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
CD5283 CDI-DIODE-CD5283 Datasheet
32Kb / 2P
   CURRENT REGULATOR CHIPS
CCR250 CDI-DIODE-CCR250 Datasheet
17Kb / 1P
   CURRENT REGULATOR CHIPS
logo
Microsemi Corporation
CD5283 MICROSEMI-CD5283 Datasheet
35Kb / 2P
   CURRENT REGULATOR CHIPS
logo
Ohmite Mfg. Co.
LVR OHMITE-LVR Datasheet
454Kb / 3P
   Low-TCR Current Sense Chips
logo
ON Semiconductor
NSI50350AST3G ONSEMI-NSI50350AST3G Datasheet
201Kb / 7P
   Constant Current Regulator Constant Current Regulator
May, 2012 ??Rev. 3
logo
Compensated Deuices Inc...
DCR250 CDI-DIODE-DCR250 Datasheet
15Kb / 1P
   CURRENT REGULATOR DIODES
logo
Microsemi Corporation
JAN1N5283-1 MICROSEMI-JAN1N5283-1 Datasheet
223Kb / 6P
   CURRENT REGULATOR DIODES
logo
Micross Components
LSJ501_TO-92 MICROSS-LSJ501_TO-92 Datasheet
532Kb / 1P
   Current Regulator Diode
SST503_SOT-23 MICROSS-SST503_SOT-23 Datasheet
324Kb / 1P
   Current Regulator Diode
SST505_SOT-23 MICROSS-SST505_SOT-23 Datasheet
323Kb / 1P
   Current Regulator Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com